Part Number Hot Search : 
0M135 MMBR931L GA16A EN25B32 MM74H A1941 13001 SMC120
Product Description
Full Text Search
 

To Download TLD1040-36-C0700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switch Mode Power Supplies Encapsulated Constant Current
TLD1040-36-C0700
Description:
The TLD1040-36-C0700 is a compact and lightweight Constant Current Switch Mode Power Supply. Waterproof design within a 2x4 J box, IP66, NEMA 4 suitable for dry and damp locations. Convection cooled plastic housing. Designed for outdoor and indoor applications. Some typical applications include LED's, Lighting, etc.
Specifications (@25C) Electrical Specifications:
Input Voltage: Input Frequency Range (1): Max Input Current: Max Inrush Current: Power Factor: Output: Crest Factor (Ipk): Leakage Current: Efficiency: Current Accuracy: Load Regulation: Hold up time: Protection: 90-264Vac 47-63Hz 0.5A @ 115Vac; 0.25A @ 230Vac <5A@115Vac, 10A@230Vac >0.9 at full load, 115Vac .700Adc5%, 18-36Vdc 1.5 Max. 300A Typical 84% Typical at full load 1% (when applicable) 3% Half cycle minimum at 120 VAC and 80% of rated voltage Over-voltage, Over current and Short circuit protection: Auto-recovery
5 (0.20) (2X)
4 (0.16) (2X)
10 (0.39) (2X)
5 (0.20) (2X) 95 (3.74)
AC OUTPUT WIRES
Bottom
Environmental Specifications:
Operating Temperature: Storage Temperature: Operating Humidity: Cooling: Vibration: MTBF: EMC: -30 to 60C (De-rating: 1%/C from 60-70C) -40 to 85C 5 to 95% RH (non-Condensing) Convection cooling 5 to 50Hz >100,000 Hours at full load and 25C ambient conditions Compliant to 47CFR, Part 2, Part 15 and Cispr PUB, 22 Class B
DC OUTPUT WIRES
3.6 (0.14) (2X)
70 (2.76)
32 (1.26)
General Specifications:
Connections: Dimensions (WxLxH): Weight: Warranty: 5in leads - Input: 18 AWG; Output: 18 AWG 70.0x95.0x320mm 220g 3 years @ 40C, 100% Load
10 (0.39) (2X)
Safety Standards:
Standards: UL (cUL) 1310, UL48 CE
RoHS Compliance: This power supply meets the requirements 2002/95/EC, know as the RoHS initiative. * Upon printing, this document is considered "uncontrolled". Please contact Triad Magnetics' website for the most current version.
Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757
22520B Temescal Canyon Road Corona, California 92883
Publish Date: April 21, 2008


▲Up To Search▲   

 
Price & Availability of TLD1040-36-C0700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X