Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download SW12440E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW12440E(12V44AH)
Outer dimensions (mm)
197 166
68
160
SW 1 2 (1 2 V 4 4 0 E 44A h)
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 44 Ah 170 mm (6.73 inches)
Terminal Type (mm)
3 20
14 3
19
170
M6 16
6.2
170 mm (6.73 inches) 196 mm (7.70 inches) 166mm (6.54 inches) 13.8 Kg (30.4 lbs)
T9
Discharge Curves 25 (77 )
T16
Characteristics
Capacity 25 (77 ) 10 hour rate(4.4 A) 5 hour rate(7.0 A) 1 hour rate(24.2 A) 1.5 hour discharge to 10.5V 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 44.0 AH 35.0 AH 24.2 AH 17.6 A 102% 100% 85% 65% 91% 82% 64%
Internal Resistance Capacity affected by Temperature (10hour rate)
Full charged Battery at 25 (77 ) 8.0 m
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage)
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.60 9.00 8.40 7.80 01 2
8.8A 22A 44A 93A
4.4A
0.51A
4 6 8 10
20
40 60
2
4 6 8 10 20 50
100 200
T16 T9 Initial Charging Current less than 11.0 A Cycle Voltage 14.10-14.40V Float Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
10min
30min
1h
3h
4h
5h
8h
10h
20h
50h
100h
R
Edition Nov. 2009


▲Up To Search▲   

 
Price & Availability of SW12440E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X