Part Number Hot Search : 
FR220 HCC4047B 6348S HL8337 RF164 MC6829 DG202D T201230
Product Description
Full Text Search
 

To Download SW12400E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW12400E(12V40AH)
Outer dimensions (mm)
197 166
SW 1 2 (1 2 4 0 0 E V40 E AH)
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 40 Ah
Terminal Type (mm)
3
170
170 mm (6.69 inches) 170 mm (6.69 inches)
14 3
6 .2
19
M6 16
20
197 mm (7.76 inches) 166mm (6.54 inches) 13.5 Kg (29.74 lbs)
M6 BOLT&NUT
T9
Discharge Curves 25 (77 )
T16
Characteristics
10 hour rate(4.0 A) 5 hour rate(6.4 A) 1 hour rate(22 A) 1.5 hour discharge to 10.5V Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 40.0 AH 32.0 AH 22.0 AH 16 A 8m 102% 100% 85% 65% 91% 82% 64%
Capacity 25 (77 )
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.60 9.00 8.40 7.80 01 2
8A 20A 40A 84A
4A
0.46A
4 6 8 10
20
40 60
2
4 6 8 10 20 50
100 200
T9 T16 Initial Charging Current less than 10 A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
)
50h 100h
10min
30min
1h
3h
4h
5h
8h
10h
20h
R
Edition Nov. 2009


▲Up To Search▲   

 
Price & Availability of SW12400E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X