Part Number Hot Search : 
5248B 27C25 RK73H2ET EDZ33 AME8822 LM6066 BYM99 95020
Product Description
Full Text Search
 

To Download SW12400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW12400(12V40AH)
Outer dimensions (mm)
197
166 197 166
171
68
160
59
160
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 40 Ah
Terminal Type (mm)
3
171 mm (6.73 inches) 171 mm (6.73 inches) 197 mm (7.73 inches) 166mm (6.54 inches) 13.5 Kg (29.74 lbs)
6.2
14
20
171
18
M6 16
T9
Discharge Curves 25 (77 )
T16
Characteristics
10 hour rate(4.0 A) 5 hour rate(6.4 A) 1 hour rate(24 A) 40.0 AH 32.0 AH 24.0 AH 8m 102% 100% 85% 65% 91% 82% 64%
Capacity 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 12 84A 4 6 8 10 204060 2 4 6 8 10 20 40 (Min) h 40A 20A 8 A 4A
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
T16 T9 Initial Charging Current less than 16.0 A Cycle Voltage 14.10-14.40V Float Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V
R
6


▲Up To Search▲   

 
Price & Availability of SW12400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X