Part Number Hot Search : 
CS51221 M3494EZ NC7SV32 SB400 1431C MDT10P CXA13 CY7C43
Product Description
Full Text Search
 

To Download SW121001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW12100(12V10AH)
Outer dimensions (mm)
151 65
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 10Ah 116mm (4.57inches)
Terminal Type (mm)
3.4 7.85
151mm (5.94inches) 65 mm (2.56 inches) 3.10Kg (6.83lbs)
Characteristics
20 hour rate(0.50 A) 10 hour rate(0.92 A) 5 hour rate(1.70 A) 25 (77 ) 1 hour rate(6.00 A) 1.5 hour discharge to 10.5V Internal Resistance Full charged Battery at 25 (77 ) Capacity 40 (104 ) affected 25 (77 ) by Temperature 0 (32 ) (20hour rate) -15 (5 ) Capacity Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) 10.0 AH 9.20 AH 8.50 AH 6.00 AH 4.3 A 19 m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 01 2
0.8
6.35
111mm (4.37inches)
111
116
4.0A 10A 36A 30A 20A
0.5A 2.0A 1.0A
4 6 8 10 20 4060 2
4 6 8 10 20 40
T2 Initial Charging Current less than4.00A Cycle Voltage 14.40-14.70V Float Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
R


▲Up To Search▲   

 
Price & Availability of SW121001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X