Part Number Hot Search : 
K100204 2SC4119 MS120 4411E 225LB25P BA7071F1 101KC B2409
Product Description
Full Text Search
 

To Download SW121000II Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW121000II(12V100AH)
Outer dimensions (mm)
331
173
331
173
213 235
54
265
40.5
265
SWG 12 (1 2V 10 00 10 0A H)
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx
T10 T16
Terminal Type (mm)
12 V 100 Ah
235 mm (9.25 inches)
218 mm (8.58 inches)
9
3
14
213 mm (8.39 inches) 331 mm (13.0 inches) 173 mm (6.81 inches) 30.8 Kg (68.1 lbs)
22
22
M6 16
T10
Discharge Curves 25 (77 )
T16
Characteristics
Capacity 25 (77 ) 10 hour rate(10.0 A) 5 hour rate(16.0 A) 1 hour rate(60.0 A) 100 AH 80 AH 60 AH
Internal Resistance Full charged Battery at 25 (77 ) 4.2 m Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 102% 100% 85% 65% 91% 82% 64%
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.60 9.00 8.40 7.80 01 2
50A 100A 211A
20A 10A
4 6 8 10 20 4060 2
4 6 8 10 20 40
T10 T16 Initial Charging Current less than 40 A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V
5
213 218


▲Up To Search▲   

 
Price & Availability of SW121000II

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X