Part Number Hot Search : 
C74HC2 HC230 2SC4591 TLMG3100 RJP63F3 SC1601G L475D N5401
Product Description
Full Text Search
 

To Download SW121000E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW121000E(12V100AH)
Outer dimensions (mm)
330 172
S W 12 (1 2V 10 00 E 10 0A h)
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12 V
Terminal Type (mm)
3
100 Ah
9
16
22
237 mm (9.33 inches) 214 mm (8.43 inches)
22
M8
5
16
330 mm (13.0 inches) 172 mm (6.77 inches) 31 Kg (68.2 lbs)
M8 BOLT&NUT
T10
Discharge Curves 25 (77 )
T60
Characteristics
10 hour rate(10.0 A) 5 hour rate(16.0 A) 1 hour rate(55.0 A) 1.5 hour discharge to 10.50 V Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 100 AH 80 AH 55 AH 40 A 102% 100% 85% 65% 91% 82% 64%
Capacity 25 (77 )
Internal Resistance Full charged Battery at 25 (77 ) 5.5 m
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.60 9.00 8.40 7.80 01 2
214 237
20A 50A 100A 211A 10A 1.15A
4 6 8 10
20
40 60
2
4 6 8 10 20 50
100 200
T10 T60 Initial Charging Current less than 25 A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
)
50h 100h
10min
30min
1h
3h
4h
5h
8h
10h
20h
R
Edition Nov. 2009


▲Up To Search▲   

 
Price & Availability of SW121000E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X