Part Number Hot Search : 
AKD4631 20022HS NCP699S XXXCA XXXCA SK3842 J16BB1 LN429YPH
Product Description
Full Text Search
 

To Download SSF81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF81 thru SSF84
SUPER FAST RECOVERY RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 200 Volts CURRENT 8.0 Amperes
TO-220AC
FEATURE
Low switching noise Low forward voltage drop Low leakage current High current capability Super fast switching speed High reliability Good for switching mode circuit
MECHANICAL DATA
Case:TO-220A molded plastic Epoxy:UL 94V-0 rate reatardant Lead:MIL-STD-202 method 208 quaranteed Mounting position:any
CASE POSITIVE SUFFIX "p"
CASE NEGATIVE SUFFIX "N"
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Signle phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SSF81
SSF82
100 70 100 8.0 125 0.975
SSF83
150 105 150
SSF84
200 140 200
UNITS
V V V A A V A A nS pF
0
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, at
TC =1000C
50 35 50
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range Notes : 1. Test Conditions : IF=0.5A, IR=1.0A, Irr=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0 Volts @TC=25 C @TC=1000C
0
10 150 35 65 -65 to +150
C
SSF81 thru SSF84
SUPER FAST RECOVERY RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES SSF81 THRU SSF84
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE
trr
+0.5A
( (+) 25 Vdc (approx.) () 1 NONINDUCTIVE D.U.T.
) 0
PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+)
-0.25
NOTES : 1. Rise Time=7ns max., Input Impedance= 1 megohm, 22pF . 2. Rise Time=10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 5 / 10ns/cm
Fig. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS Fig. 2 - FORWARD CURRENT DERATING CURVE
12.0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
10.0
8.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INOUCTIVE LOAD .375" LEAD LENGTH
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
1.0
6.0
0.1
TJ = 25 C
0
4.0 2.0
0 25 50 75 100 125 150
0
.01 175 .2 .4 .6 .8 1.0 1.2 1.4
AMBIENT TEMPERATURE, C
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 4 - TYPICAL JUNCTION CAPACIT ANCE
FORWARD SURGE CURRENT, AMPERES, PK (HALF-SINE WAVE)
100
Fig. 5 - PEAK FORWARD SURGE CURRENT
250
TJ=25C
CAPACITANCE-pF
0
200
TJ=25C
150
0
10
100
50
1
1
10
100
0 1 10 100
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz


▲Up To Search▲   

 
Price & Availability of SSF81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X