Part Number Hot Search : 
MP6X12 ZMM5247B SVC710 H6062NL2 H11AA4 GSIB620 5TT10 SMBJ24
Product Description
Full Text Search
 

To Download SR6B4040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Safety Relay SR6
n n n n
6 pole safety relay with either 4 NO+2 NC or 3 NO+3 NC or 5 NO+1 NC contacts Forcibly guided contacts according to EN50205 Rated current 8 A Coil power 800 mW or 1200 mW
Applications Emergency shut-off, press control, machine control, elevator and escalator control, safety modules
F0206-EA
Approvals
V REG.-Nr.of128935, Z request T 968/EL 350.04/09 E214024, Technical data approved types on
Contact data
Contact configuration 3 NO contacts and 3 NC contacts 4 NO contacts and 2 NC contacts 5 NO contacts and 1 NC contact Contact set single contact, forcibly guided type A according to EN 50205 Type of interruption micro disconnection Rated voltage / max. switching voltage AC 250 / 400 VAC Rated current 8A Maximum breaking capacity AC 2000 VA Contact material 800 mW version AgSnO2 + 0,2 m Au 1200 mW version AgSnO2 Minimum contact load 10 mA / 5 V Contact resistance w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Rated frequency of operation with / without load 6 min-1 / 150 min-1 Contact ratings Type Contact Load*) EN60947-5-1 SR6 1 NO SR6 1 NO
*) load on one pole
Ambient temp. [C] 23C 23C
Cycles 6,050 6,050
IEC 947-5-1 (AC15) utilization category 250 VAC / 5 A IEC 947-5-1 (DC13) utilization category 24 VDC / 6 A
Coil data
Rated coil voltage range DC coil 5...110 VDC Operative range 2 Coil versions, 800 mW, DC-coil Coil code Nominal Operate Release Coil Rated coil Order. code voltage voltage voltage resistance power block 4 VDC VDC VDC c mW K05 5 3.8 0.5 31+10% 806 K06 6 4.5 0.6 45+10% 800 K09 9 6.8 0.9 101+10% 802 K12 12 9.0 1.2 180+10% 800 K18 18 13.5 1.8 405+10% 800 K21 21 15.8 2.1 551+10% 800 K24 24 18.0 2.4 720+10% 800 K36 36 27.0 3.6 1620+10% 800 K40 40 30.0 4.0 2000+10% 800 K48 48 36.0 4.8 2880+10% 800 K60 60 45.0 6.0 4500+10% 800 K85 85 63.8 8.5 9031+10% 800 L10 110 82.5 11.0 15130+10% 800 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR6 (Continued)
Coil versions, 1200 mW, DC-coil Coil Rated Operate Release/Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.8 0.5 21+10% 1190 006 6 4.5 0.6 30+10% 1200 009 9 6.8 0.9 68+10% 1191 012 12 9.0 1.2 120+10% 1200 018 18 13.5 1.8 270+10% 1200 021 21 15.8 2.1 368+10% 1198 024 24 18.0 2.4 480+10% 1200 036 36 27.0 3.6 1080+10% 1200 040 40 30.0 4.0 1333+10% 1200 048 48 36.0 4.8 1920+10% 1200 060 60 45.0 6.0 3000+12% 1200 085 85 64.0 8.5 6021+12% 1200 110 110 82.5 11.0 10080+12% 1200 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 61810-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits 4000 Vrms 1500 Vrms 3000 Vrms W 5.5 / 5.5 mm W 5.5 / 5.5 mm IIIa PTI 250 basic micro disconnection basic 250 V 2 230 / 400 V III reinforced reinforced
Other data
Mechanical endurance 10x106 cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0407 Environment Ambient temperature range -25...+70C Vibration resistance (function) NO / NC contact > 8 / 2.5 g, 10....200 Hz Shock resistance (function) NO / NC contact > 10 / 2.5 g, 16 ms half sine Category of protection RT III1) Processing Resistance to soldering heat 260C / 5 s Relay weight 30 g Packaging unit 10 pcs
1)
please contact technical support for washing parameters
Accessories
PCB socket and hold down clip contact technical support
2
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR6 (Continued)
Dimensions SR6 A/B/C SR6 V
S0367-DN
S0367-DU
PCB layout / terminal assignment
Bottom view
3 NO+3 NC versions SR6 A
4 NO+2 NC versions SR6 B
5 NO+1 NC versions SR6 C
S0368-CA S0368-CA S0368-CE
S0368-CC S0368-CB S0368-CD
4 NO+2 NC versions SR6 V The design of the SR6 V allows clearance/creepage of 5.5 mm on the pcb.
S0368-CU
S0368-CV
3
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR6 (Continued)
Product key
Type SR6 Safety Relay SR6 Contact configuration A 3 NO + 3 NC contacts (3 form A+ 3 form B) B 4 NO + 2 NC contacts (4 form A + 2 form B) C 5 NO + 1 NC contacts (5 form A + 1 form B) V 4 NO + 2 NC contacts (4 form A + 2 form B) Contact material 4 AgSnO2, for 1200 mW version only 6 AgSnO2 + 0.2 m Au, for 800 mW version only Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Available types please see Part Number table
Typical product key
SR6
A
4
012
800 mW version Product key SR6A6K12 SR6B6K12 SR6B6K15 SR6A6K18 SR6B6K18 SR6B6K21 SR6A6K24 SR6B6K24 SR6C6K24 SR6V6K18 Type 6-pole safety relay 800 mW coil Contact material AgSnO2 + 0.2 m Au Contact configuration 3 NO + 3 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 4 NO + 2 NC Coil 12 VDC 15 VDC 18 VDC 21 VDC 24 VDC Part number 6-1415537-1 7-1415537-6 7-1415537-7 6-1415537-3 7-1415537-8 7-1415537-9 6-1415537-5 8-1415537-0 9-1415537-4 7-1415541-9
18 VDC
1200 mW version Product key SR6A4005 SR6B4005 SR6B4006 SR6A4012 SR6B4012 SR6C4012 SR6B4018 SR6A4021 SR6B4021 SR6A4024 SR6B4024 SR6C4024 SR6B4040 SR6A4048 SR6B4048 SR6C4048 SR6A4060 SR6B4060 SR6C4060 SR6B4085 SR6A4110 SR6B4110 SR6C4110 Prior product key Contact configuration V23050-A1005-A533 AgSnO2 V23050-A1005-A542 V23050-A1006-A542 V23050-A1012-A533 V23050-A1012-A542 V23050-A1012-A551 V23050-A1018-A542 V23050-A1021-A533 V23050-A1021-A542 V23050-A1024-A533 V23050-A1024-A542 V23050-A1024-A551 V23050-A1040-A542 V23050-A1048-A533 V23050-A1048-A542 V23050-A1048-A551 V23050-A1060-A533 V23050-A1060-A542 V23050-A1060-A551 V23050-A1085-A542 V23050-A1110-A533 V23050-A1110-A542 V23050-A1110-A551 Contact material 3 NO + 3 NC 4 NO + 2 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 4 NO + 2 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC Coil 5 VDC 6 VDC 12 VDC 18 VDC 21 VDC 24 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC Part number 8-1415017-1 1393260-1 1393260-1 1-1415015-1 1393260-4 1-1415017-1 1393260-5 3-1415018-1 1393260-6 1415015-1 1393260-7 1415017-1 1393260-9 6-1415018-1 1-1393260-0 2-1415019-1 7-1415018-1 1-1393260-1 3-1415019-1 1-1393260-2 9-1415018-1 1-1393260-3 5-1415019-1
4
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of SR6B4040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X