|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model SM1720-42 1.7-2.0 GHz 15 Watt Linear Amplifier The SM1720-42 is a solid state GaAs amplifier designed for various wireless applications. This amplifier operates from 1.7-2.0 GHz, provides 50 dB of gain, 0.5 dB gain flatness over the full band, and +42 dBm of output power at its 1 dB compression point. The output third order intercept point is +53 dBm. Its compact size and high linearity make it ideally suited for systems using CDMA or TDMA standards. Features * * * Single Power Supply Over/Reverse Voltage Protection Thermal Protection with Auto Reset Parameter Frequency Range Specification 1.7 - 2.0 GHz + 42 dBm + 53 dBm (typ.) 50 dB 1.0 dB .5 dB .5 dB -14dB / -14dB +12 Volts 6.6 Amps w/o heatsink: 6.7 x 4.0 x 0.8 in. w/heatsink: 6.7 x 4.0 x 2.0 in. SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level Options * * * * Heatsink Forward Power Detection Logic On/Off Control High Speed Switching for TDD Pout (P1dB) Third Order Intercept Point Linear Gain Gain Slope Full Band Gain Change over Temperature Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions RF Connectors Operating Temperature Operating Humidity Operating Altitude Configurations * * * Module Laboratory Unit 19" Rack 1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com Model SM1720-42 1.7-2.0 GHz 15 Watt Linear Amplifier DIMENSIONS IN INCHES FWD ON/OFF INCORPORATED GND +12VDC RF INPUT RF OUTPUT Made in USA HEATSINK OPTION ON/OFF GND +12VDC RF OUTPUT 1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com Made in USA Model SM1720-42 1.7-2.0 GHz 15 Watt Linear Amplifier Pin RF Input RF OUT GND +12VDC ON/OFF Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off Values -6 dBm typical +42dBm @P1dB --+ 12 Volts @ 6.0 Amps (typ.) 0 Volts = Off, + 5 Volts = On Specifications subject to change without notice. 1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com |
Price & Availability of SM1720-42 |