|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SM1720-37H 1700-2000 MHz 5 Watt Linear Power Amplifier FOR PERSONAL COMMUNICATION SYSTEMS The SM1720-37H is a solid state GaAs amplifier designed for Personal Communications Systems. This unit operates over a frequency range of 17002000 MHz, provides 34 dB of gain with a gain flatness of .25 dB, has a 1 dB compression point of +37 dBm, and an output third order intercept point of +51 dBm. The amplifier runs off a single supply voltage of +12 V. The unit uses the latest surface mount technologies to provide numerous features, while maintaining a minimal size. Features * * * Single Power Supply Over/Reverse Voltage Protection Thermal Protection with Auto Reset Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Input/Output Return Loss DC Supply Voltage DC Supply Current Mechanical Dimensions RF Connectors Operating Temperature Operating Humidity Operating Altitude Specification 1.7 - 2.0 GHz + 37 dBm + 51 dBm 34 dB 1.0 dB .25 dB -14 dB / -16 dB + 12 Volts 1.9 Amps (max.), 1.6 Amps (typ.) 5.0 x 2.5 x 0.6 inches SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level Options * * * Harmonic Filter Heatsink Logic On/Off Control 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com SM1720-37H 1700-2000 MHz 5 Watt Linear Power Amplifier FOR PERSONAL COMMUNICATION SYSTEMS DIMENSIONS IN INCHES +12VDC RF OUT ON/OFF GND RF IN Pin RF Input RF Output GND +12VDC On/Off Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off Values +3 dBm typ. + 37 dBm @ P1dB --+ 12 Volts @ 1.6 Amps (typ.) 0 Volts = Off, +5 Volts = On Specifications subject to change without notice. 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com |
Price & Availability of SM1720-37H |