Part Number Hot Search : 
FTD2017R 001140 FR540 B1204 PVM2YFV B1204 4040D ZMM5253B
Product Description
Full Text Search
 

To Download RL107F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL101F THRU RL107F
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94-0 * Fast switching speed * Low forward voltage drop, high efficiency * High current capability * High reliability
CURRENT 1.0 Amper VOLTAGE 50 to 1000 Volts
A-405
0.107(2.7) 0.080(2.0) DIA.
1.0(25.4) MIN.
0.205(5.2) 0.166(4.2)
Mechanical Data
* Case : A-405 molded plastic body * Terminals : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.08 ounce, 0.22 gram
0.025(0.6) 0.021(0.5) DIA. 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length TA=55E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm) lead length at TA=55E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
RL 101F
50 35 50
RL 102F
100 70 100
RL 103F
200 140 200
RL 104F
400 280 400 1.0 25.0
RL 105F
600 420 600
RL 106F
800 560 800
RL 107F
1000 700 1000
Units
Volts Volts Volts Amp Amps Volts
1.3 5.0
iA 100.0
Trr CJ TJ TSTG
150 15.0 -65 to +150
250
500
ns pF E
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES RL101F THRU RL107F
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT(A) 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( E )
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
8.3m SINGLE HALF SINE WAVE (JEDEC Method)
PEAK FORWARD SURGE CURRENT(AMPERES)
40 30 20 10 0
1
2
4
6
8 10
20
40
60
100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT(AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT ,(mA)
20
10 6.0 4.0 2.0 1.0 0.6 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0 20 40 60 80 100 120 140
TJ=25E
3 1
0.3 0.1 0.03 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TJ=25E
Pulse Width=300mS 1% Duty Cycle
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.5-TYPICAL JUNCTION CAPACITANCE
200 100 JUNCTION CAPACITANCE(pF) 60 40
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NON INDUCTIVE
10W NON INDUCTIVE +0.5A
Trr
(+)
20 10 6 4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100 REVERSE VOLTAGE. (V)
TJ=25E
D.U.T.
25Vdc (APPROX) ( )
PULSE GENERATOR (NOTE2)
0 -0.25A
1W
NON INDUCTIVE
OSCILLOSCOPE (NOTE1)
NOTES : 1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance =50 ohms
-1.0A
1cm SET TIME BASE FOR 50/100 ns/cm


▲Up To Search▲   

 
Price & Availability of RL107F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X