Part Number Hot Search : 
42PJ350 1N4739AW MT1259C 10X12 IRF65 HDY227 D1985 DG1M3A
Product Description
Full Text Search
 

To Download REC75-XX33SRWHAM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

7.5W DIP24 Package 1KVDC, 2KVDC and 3kVDC Isolation Options Approved for Medical Applications (/H3) UL and EN Safety Approvals Continuous Short Circuit Protection (power limiting) 5 Side Shielded Metal Case Full SMD design 2 Case Style Options Remote Pin Option Efficiency to 86 %
ECONOLINE
DC/DC-Converter
Description
The REC7.5-xxxxSRW/DRW-series offer single and dual regulated outputs in a DIP24 package with 1kV, 2kV or 3kV options and are suitable for higher power industrial or medical applications. Remote on/off control is possible with the /CTRL option and SMD pinning is offered with the /SMD option. The converters can deliver 140% rated power for short periods of time to cope with applications with large capacitive loads or high start up currents.
7.5 Watt DIP24 & SMD Single & Dual Output
Selection Guide
Part Number REC7.5-xx3.3SRW/H*/A/M REC7.5-xx05SRW/H*/A/M REC7.5-xx09SRW/H*/A/M REC7.5-xx12SRW/H*/A/M REC7.5-xx15SRW/H*/A/M REC7.5-xx05DRW/H*/A/M REC7.5-xx09DRW/H*/A/M REC7.5-xx12DRW/H*/A/M REC7.5-xx15DRW/H*/A/M 2:1 xx = 9-18Vin = 12V, xx = 18-36Vin = 24, xx = 36-72Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 Output Voltage (VDC) 3.3 5 9 12 15 5 9 12 15 Output Current (mA) 1800 1500 833 625 500 750 417 312 250 Efficiency Max. Cap. Load (%) 78 79-82 81-84 82-85 83-86 79-82 81-84 82-85 83-86 3300F 2200F 680F 330F 220F 1000F 330F 160F 100F
2002/95/EC 6/6
RoHS
E-224736 EN-60950-1 Certified EN-60601-1 Certified (Suffix H3) UL-60950-1 Certified
* add suffix /H1 for 1kVDC Isolation, /H2 for 2kVDC isolation or /H3 for 3kVDC Isolation (not available in H3/A/M/SMD combination) * add suffix "/SMD" for SMD package, e.g. REC7.5-2405DRW/H1/A/M/SMD * add suffix "/CTRL" for Remote Pin option * add suffix -R for Tape and Reel packaging * no plastic case is available for REC7.5
REC 7.5
Derating
Derating-Graph
(Ambient Temperature)
100 80
Output Power (%)
60 40 30 20 0
Safe Operating Area
-40
0
50
85 100 71
150
Refer to Application Notes E-115
Operating Temperature C
www.recom-international.com REV:0/2010
ECONOLINE
DC/DC-Converter
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation
REC7.5-S_DRW/H*/A/M Series
2:1 2% max. 0.4% max. 0.8% max. 100mVp-p max. 50mVp-p max. PI Network
Efficiency % Efficiency / Load
100 80 60 40 20 0
Specifications (measured at TA = 25C, nominal input voltage, full load and after warm-up)
Single
2412 4805
Load Voltage Regulation (25% to 100% full load ) Output Ripple and Noise (at 20MHz BW) 3.3V output type 5, 9, 12 and 15V output types Operating Frequency (Full Load) Input Filter Efficiency at Full Load No Load Power Consumption Isolation Voltage H1 types Isolation Voltage H2 types Isolation Voltage H3 types Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection (Max temp. = 50C during short circuit conditions) Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight Packing Quantity (tested for 1 second) (tested for 1 second) (tested for 1 second) (long term isolation)
150kHz min. / 240kHz max. see Selection Guide 300mW max. 1000VDC min. 2000VDC min. 3000VDC min. see Application Note 50pFtyp. 1 G min. Continuous, Auto Restart -40C to +71C (see Graph) -55C to +125C 95% RH Nickel Plated Metal with Non-Conductive Base Natural convection 12C/W
Efficiency %
483.3 4812
0% 20% 40% 60% Total Output current (%)
80%
100%
Dual
Efficiency / Load
100 80 60 40 20 0
2409D
4815D
2405D 2412D
16g 15 pcs per Tube 100 pcs per Reel
REC 7.5
MTBF (+25C) using MIL-HDBK 217F Detailed Information see (+71C) using MIL-HDBK 217F Application Notes chapter "MTBF" Certifications UL General Safety Report: E248550
}
800 x 103hours >200 x 103hours UL 60950-1 1st Ed. C22.2 No. 60950-1-03 EN General Safety Report: LVD-2K05230 EN60950-1:2001 EN Medical Safety Report: ETS-060065 EN60601-1:1988 + A1: 1991 + A2: 1995
0% 20% 40% 60% Total Output current (%)
80%
100%
Typical Characteristics
Overload Response
100 Vout (% nominal) 75 50 25 0 0 50 100 120 140 160 180 200
% of Rated Load
E-116 REV: 0/2010 www.recom-electronic.com
ECONOLINE
DC/DC-Converter
REC7.5-S_DRW/H*/A/M Series
3rd angle projection
Package Style and Pinning (mm) Wide Input 2:1
24 PIN DIP Package
32.00 10.50 3.81 4.60 0.51 20.30 Pin Connections DIP24 Pin # 1(Option) 2 15.24 3 9 11 14 16 22 23 2.54
Top View
Single CTRL -Vin -Vin NC NC +Vout - Vout +Vin +Vin
Dual CTRL -Vin -Vin Com -Vout +Vout Com +Vin +Vin
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 9 11
XX.X 0.5 mm XX.XX 0.25 mm
2.54
24 PIN SMD Package
32.00 31.40 11.20
/H3/A/M/SMD combination is not allowed
19.90
10.90 3.81 6.35 20.30 25.40
Pin Connections DIP24 SMD Pin # Single CTRL -Vin -Vin NC NC +Vout - Vout +Vin +Vin Dual CTRL
2.54
1(Option) 2 3 9 11 14 2.03 16 22 23 1,4,5,10,12
REC 7.5
-Vin -Vin Com -Vout +Vout Com +Vin +Vin NC NC
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.54
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
13,15,20,21,24 NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
11 x 2.54
27.94
CTRL Option
Vin+ 22,23 2,3
ON = Open or 0V< Vctrl <1.2V OFF = 2.2V< Vctrl <12V
0V
RECx-xxxx/CTRL
CTRL 1 1kW 1N4148
TTL Input
Off On
www.recom-international.com
REV:0/2010
E-117


▲Up To Search▲   

 
Price & Availability of REC75-XX33SRWHAM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X