Part Number Hot Search : 
TMBAT49 MSB61DA T1500 31BZT 24LC32 KIC9256P BD4148 B0110
Product Description
Full Text Search
 

To Download PO49FCT32805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
11/22/05
FEATURES:
. Operating frequency up to 600MHz with 2pf load . Operating frequency up to 500MHz with 5pf load . Operating frequency up to 270MHz with 15pf load . Operating frequency up to 120MHz with 50pf load . Very low output pin to pin skew < 250ps . Very low pulse skew < 200ps . VCC = 1.65V to 3.6V . Propagation delay < 2.6ns max with 15pf load . Low input capacitance: 3pf typical . Dual 1:5 fanout . Available in 20pin 300mil wide SOIC package . Available in 20pin 150mil wide QSOP package
DESCRIPTION:
Potato Semiconductor's PO49FCT32805G is designed for world top performance using submicron CMOS technology to achieve 600MHz TTL output frequency with less than 200ps output pulse skew. PO49FCT32805G is a 3.3V CMOS Dual 1 input to 5 outputs Buffered driver to achieve 600MHz output frequency with integrated series damping resistors on all outputs to match 50 ohm transmission line impedance. Typical applications are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name INA, INB Description Signal or clock Inputs Hi-Z State Output Enable Inputs (Active LOW) OAn, OBn MON Vcc, GND Signal or clock Outputs Monitor Output Power, Ground L L H H Inputs INA, INB L H L H Outputs OAn, OBn L H Z Z MON L H L H
1
Copyright (c) 2005, Potato Semiconductor Corporation
PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
11/22/05
Maximum Ratings
Description Storage Temperature Operation Temperature Operation Voltage Input Voltage Output Voltage Max -65 to 150 -40 to 85 -0.5 to +4.6 -0.5 to Vcc+0.5 -0.5 to Vcc+0.5 Unit C C V V V Note:
stresses greater than listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability specification is not implied.
DC Electrical Characteristics
Symbol Description
Output High voltage Output Low voltage Input High voltage Input Low voltage Input High current High Impedance Output current High Impedance Output current Input Low current Clamp diode voltage
Test Conditions
Vcc=3V Vin=VIH or VIL, IOH= -8mA Vcc=3V Vin=VIH or VIL, IOH=12mA Guaranteed Logic HIGH Level (Input Pin) Guaranteed Logic LOW Level (Input Pin) Vcc = 3.6V and Vin = 3.6V Vcc = 3.6V and Vo = Vcc Vcc = 3.6V and Vo = 0V Vcc = 3.6V and Vin = 0V Vcc = Min. And IIN = -18mA
Min
Typ
Max
Unit
VOH VOL VIH VIL IIH IOZH IOZL IIL VIK
Notes:
1. 2. 3. 4. 5.
2.4 2 -0.5 -
3 0.3 -0.7
0.5 Vcc 0.8 1 1 -1 -1 -1.2
V V V V uA uA uA uA V
For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. Typical values are at Vcc = 3.3V, 25 C ambient.
This parameter is guaranteed but not tested. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. VoH = Vcc - 0.6V at rated current
2
Copyright (c) 2005, Potato Semiconductor Corporation
PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
11/22/05
Power Supply Characteristics
Symbol Description
Quiescent Power Supply Current
Test Conditions (1)
Vcc=Max, Vin=Vcc or GND
Min
Typ
Max
Unit
IccQ
Notes:
1. 2. 3. 4.
-
0.1
30
uA
For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. Typical values are at Vcc = 3.3V, 25C ambient. This parameter is guaranteed but not tested. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance (TA= +25C, f= 1MHz)
Parameters (1) Description
Input Capacitance Output Capacitance
Test Conditions
Vin = 0V Vout = 0V
Typ
Max
Unit
Cin Cout
Notes:
3 -
4 6
pF pF
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
Symbol Description
Propagation Delay INA to OAn, INB to OBn Output Enable Time Output Disable Time Rise/Fall Time Pulse Skew (Same Package) Output Pin to Pin Skew (Same Package) Output Skew (Different Package) Input Frequency Input Frequency Input Frequency Input Frequency
Test Conditions (1)
CL = 15pF CL = 15pF CL = 15pF 0.8V - 2.0V CL = 15pF, 125MHz CL = 15pF, 125MHz CL = 15pF, 125MHz CL = 5 0 p F CL =15pF CL = 5pF CL = 2pF
Max
Unit
tPLH & tPHL tPZH or tPZL tPHZ or tPLZ tr/tf tsk(p) tsk(o) tsk(pp) fmax fmax fmax fmax
Notes:
2.6 2.5 2.5 1 0.2 0.25 0.4 120 270 500 600
ns ns ns ns ns ns ns MHz MHz MHz MHz
1. See test circuits and waveforms. 2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested. 3. Airflow of 1m/s is recommended for frequencies above 133MHz
3
Copyright (c) 2005, Potato Semiconductor Corporation
PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
11/22/05
Test Waveforms
Test Circuit
500
50
50
500
4
Copyright (c) 2005, Potato Semiconductor Corporation
PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
11/22/05
Packaging Mechanical Drawing: 20 pin QSOP
Packaging Mechanical Drawing: 20 pin SOIC
5
Copyright (c) 2005, Potato Semiconductor Corporation
PO49FCT32805
3.3V Dual 1:5 CMOS Clock Buffered Driver
600MHz TTL/CMOS Potato Chip
Ordering Information
Ordering Code PO49FCT32805S PO49FCT32805Q Package Code Q Package Description Pb-free & Green, 20-pin SOIC Pb-free & Green, 20-pin QSOP
01/05/06
6
Copyright (c) 2005, Potato Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of PO49FCT32805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X