Part Number Hot Search : 
MJ3000 LBN7051 00LVE TH7852CD TH7852CD SMCJ1 X88C75J SH270
Product Description
Full Text Search
 

To Download PD0922J5075D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model PD0922J5075D2
Rev D
Ultra Low Profile 0805 Power Divider 50 to 75
Description
The PD0922J5075D2 is a low profile, sub-miniature Wilkinson power divider in an easy to use surface mount package and is ideal for high volume manufacturing while delivering higher performances than traditional printed and lumped element solutions. It has been designed for the following markets: DVB-S, GSM, DCS, PCS, WCDMA, GPS, 802.11a+g, Bluetooth, and Zigbee USA. The PD0922J5075D2 is matched to 50 at the input and 75 at the outputs and has a height profile of 0.8 mm. A two section Wilkinson design results in increased isolation performance. Two external resistors are required for operation. Components are available on tape and reel for high volume manufacturing pick and place. All Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25C) * * * * * * * * * * *
Features:
950 - 2150 MHz 14 dB Isolation (output ports) Good Return Loss 0.8mm Height Profile 50 Input/ 75 Output External resistors required Low Insertion Loss Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant
Parameter Frequency Input Port Impedance Output Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance Isolation (Output Ports) Power Handling Operating Temperature
Min. 950
Typ. 50 75 13 0.5 0.1 1 14
Max 2150
11
0.7 0.3 3 2 +85
12 -55
Unit MHz dB dB dB Degrees dB Watts C
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C)
Outline Drawing
Top View (Near-side) .079.004 [2.000.10] Side View Bottom View (Far-side) 4X .026 [0.65] .039 [0.98] 1 2 3 6X .009 [0.22] 6 5 6X .012 [0.30]
.021.002 [0.530.05] .049.004 [1.250.10]
Orientation Marker Denotes Pin Location
Orientation Marker Denotes Pin Location Pin 1 2 3 4 5 6 Designation Mid 1 Input Mid 2 Output 1 GND Output 2
4
Dimensions are in Inches [Millimeters] Mechanical Outline
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model PD0922J5075D2
Rev D
Typical Broadband Performance: 500 MHz. to 8.0 GHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
[dB]
Insertion Loss
0 -3 -6 -9 -12 -15 -18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
Frequency [MHz]
Frequency [MHz]
Amplitude Balance
2 1.5 1 0.5
[dB]
Phase Balance
20 15 10 5
deg
0 -0.5 -1 -1.5 -2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
0 -5 -10 -15 -20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
Frequency [MHz]
Frequency [MHz]
Isolation
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
8000
Model PD0922J5075D2
Rev D
Typical Performance: 900 MHz. to 2200 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
[dB]
Insertion Loss
0.0 -0.3 -0.6 -0.9 -1.2 -1.5 -1.8 -2.1 -2.4 -2.7 -3.0 -3.3 -3.6 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100
2100
-18 -21 -24 -27 -30 -33 -36 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
Frequency [MHz]
Frequency [MHz]
Amplitude Balance
2 1.5 1 0.5
[dB]
Phase Balance
20 15 10 5
deg
0 -0.5 -1 -1.5 -2 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
0 -5 -10 -15 -20 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2200
Frequency [MHz]
Frequency [MHz]
Isolation
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
Frequency [MHz]
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
2200
Model PD0922J5075D2
Rev D
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. In addition, since the PD0922J5075D2 is a Wilkinson power divider, external 0402 200 resistors must be mounted in locations R1 and R2 respectively, as shown in the Figure below. Pad Footprint w/ 0402 Resistor Locations
R1 6X .014 [0.35] 4X .012 [0.30]
6X .013 [0.33]
.026 [0.66]
6X .002 [0.05] Plated thru hole to ground
R2 Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] Mounting Footprint
3X Transmission Line
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model PD0922J5075D2
Rev D
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL 4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0]
B
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model PD0922J5075D2
Rev D
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of PD0922J5075D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X