Part Number Hot Search : 
HM63921 MCH6541 POZ3AN SA636DK 500ET SI7617 20016 D1210
Product Description
Full Text Search
 

To Download PCI-6873F-L0A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-6873
AMD GeodeTM LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD Features
Built-in AMD GeodeTM LX800, 500 MHz CPU Supports 266/333 MHz DDR SODIMM, up to 1 GB On board 256 MB DDR SDRAM Supports 10/100Base-T Ethernet Supports up to two Serial ATA devices Four COM ports Four USB 2.0 ports
Specifications
Processor System CPU Max. Speed L2 Cache Chipset BIOS Front Side Bus PCI ISA Technology Max. Capacity Socket Controller VRAM LVDS TTL Dual Display Interface Controller Connector Mode Channel port USB Serial Parallel FDD PS/2 Output Interval Audio Output Solid State Disk Typical Max Temperature Dimensions AMD GeodeTM LX800 500 MHz 128 KB AMD Geode CS5536 Award 4M bits FWH 500 MHz 32bit/33 MHz PCI N/A 266/333 MHz DDR SODIMM 1 GB (PCI-6873F and PCI-6873L support up to 256 MB on board memory) 200-pin SODIMM x 2 Chipset integrated VGA controller Shared with system memory up to 64MB Single channel 18-bit LVDS, by Hirose DF13, 20 pin connector Support 24bit TTL, resolution up to 1600 x 1200 @ 32 bpp at (100 Hz) CRT+LVDS, CRT+TTL 10/100Base-T LAN1: RTL8100C (via RJ45) RJ45 with LED connector ATA 100/66/33 1 (support up to 2 IDE devices) 2 ports 4 ports (USB 2.0/1.1 compliant) by 2.0 mm pitch Box Header 3 (RS-232) / 1 (RS-232/RS-422/RS-485) by 2.0 mm pitch Box Header 1 (EPP/ECP/SPP) 1 1 (for mouse and Keyboard, Y cable included) system reset Programmable 1-255 sec AC97 audio interface (requires an audio extension module P/N: PCM-231A-00A1E) Compact Flash socket (Type I/II), shared with primary IDE channel and occupies IDE master. AMD LX800 with DDR333 512 MB SDRAM +12 V (0.07 A) +5 V (1.42 A) AMD LX800 with DDR333 512 MB SDRAM +12 V (0.07 A) +5 V (1.64 A) Operating Non-Operating 0 ~ 60 C - 20 ~ 70 C 185 mm (L) x 122 mm (W) (7.3" x 4.8")
Bus
Memory
Graphics
Ethernet EIDE SATA (150MB/s)
I/O Interface
Watchdog Timer Miscellaneous
Power Requirement
Environment Physical
Slot Single Board Computers
PCI-6873 Board Diagram
TFT Connector (DF13-40P) LVDS Connector (DF13-20P)
24 Bit TTL Analog RGB
CRT Connector
AMD Geode LX800/LX900
18 Bit LVDS DDR333
DDR SDRAM 200pin SODIMM x 1
DDR SDRAM Onboard 256 MB DDR333
PCI BUS
10/100 LAN RTL8100C Sil 3512
RJ-45
S-ATA Con.
IDE CompactFlash GPIO PCA9554
Slave USB 2.0
Master
AMD Geode CS5536/CS5535
USB 2.0 x 4
SMBus
AC-Link
AC97 Conn.
BIOS 4MBit
LPC Bus
COM1/COM2 COM3/COM4 Watchdog LPC Super I/O (SCH3114)
PS/2 KB&MS LPT
Ordering Information
Part Number PCI-6873F-L0A1E PCI-6873L-L0A1E PCI-6873PZ2-L0A1E Onboard Memory 256 MB 256 MB FE LAN RTL8100C RTL8100C RTL8100C SATA 2 0 2 TTL 1 1 1 LVDS 1 1
Packing List
Part Number 1701340705 1701400607 1700003194 1703150102 1700008887 1700008891 1700060202 1700002343 1700000265 9689000002 Description FDD cable IDE HDD cable (40P 60 cm) Serial SATA HDD data cable Serial SATA HDD power cable USB cable with 4 ports (2.0 mm pitch) Printer (2.54 mm pitch) + RS-232 (2.0 mm pitch) cable w/ bracket Y Cable for PS/2 Keyboard, PS/2 Mouse ATX feature cable Power cable Jumper pack Startup manual Utility CD Quantity x1 x1 x1 x1 x1 x1 x1 x1 x1 x1 x1 x1
Bracket View
PCI-6873F-L0A1E PCI-6873L-L0A1E PCI-6873PZ2-L0A1E
Accessories
Part Number IPC-644BP-15ZE IPC-6806SB-15ZBE 1701260301 CF-HDD-ADP PCM-231A-00A1E 1701140201 1700001166 1701400452 Description 4-slot chassis w/ 150W power supply 6-slot chassis w/ 150W power supply Parallel port cable CompactFlash 50-pin to IDE 44-pin adapter Audio module with Line-in, Line-out, Mic COM2 (RS-232/422/485) cable (2.0 mm pitch) COM3 & 4 cable with bracket (2.0 mm pitch) IDE HDD cable (80P)
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCI-6873F-L0A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X