Part Number Hot Search : 
PS2604 MC33262P AX111 TSOP1140 40106BE XCS30 02410 CC2330
Product Description
Full Text Search
 

To Download P6KE68 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6.8 THRU P6KE440CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage:6.8-440 Volts Peak Pulse Power:600 Watts
DO-15
FEATURE
600w peak pulse power capability Excellent clamping capability Low incremental surge resistance Fast response time:typically less than 1.0ps from 0v to VBR for unidirectional and 5.0ns ror bidirectional types. High temperature soldering guaranteed: 265 C/10S/9.5mm lead length at 5 lbs tension
1.0(25.4) MIN. 0.140 (3.6) 0.104(2.6) DIA. 0.300(7.6) 0.230(5.8)
MECHANICAL DATA
0.034 (0.9) 0.028 (0.7) DIA. 1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
Case: JEDEC DO-15 molded plastic body over passivated junction Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode except for bidirectional types Mounting Position: Any Weight: 0.014 ounce,0.40 grams
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types P6KE6.8 thru P6KE440 (e.g. P6KE6.8CA,P6KE440CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. SYMBOLS Peak power dissipation Peak pulse reverse current (Note 1) (Note 1, Fig.3) Pppm Ippm PM(AV) IFSM VF TSTG,TJ VALUE Minimum 600 See Table 1 5.0 100 3.5/5.0 -55 to + 175 UNITS Watts Amps Watts Amps Volts C
Steady state power dissapation (Note 2) Peak forward surge current (Note 3)
Maximum instantaneous forward voltage at 50A for unidirectional only (Note 4)
Operating junction and storage temperature range
Notes: 1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2 2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5 3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum. 4.VF=3.5V max.for devices of V(BR)<200V,and VF=5.0V max.for devices of V(BR)>200V
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Breakdown Voltage V(BR) (Volts)(NOTES 1) MIN
P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2
Device Type
MAX
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
Maximum Maximum Reverse Test Stand-off Peak Puls Voltage Leakage Current Reverse Current VWM atVWM IT(mA) IPPM(NOTE2) (Volts) ID(NOTE3)(mA) (Amps)
10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 1000.0 1000.0 500.0 500.0 200.0 200.0 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 50. 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 55.6 57.1 51.3 53.1 48.0 49.6 43.5 44.8 40.0 41.4 37.0 38.5 34.7 35.9 31.6 33.0 27.3 28.3 25.5 26.7 22.6 23.8 20.6 21.7 18.8 19.6 17.3 18.1 15.3 16.0 13.8 14.5 12.6 13.1 11.5 12.0 10.6 11.1 9.7 10.1 8.8 9.3 8.2 8.6 7.5 7.8
Maximum Clamping Voltage at IPPM Vc(Volts)
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
Maximum Temperature Coefficient of V(BR) (%/ C)
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Maximum Breakdown Voltage Maximum Reverse V(BR) Test Stand-off Peak Puls Voltage Leakage (Volts)(NOTES 1) Current Reverse Current VWM atVWM IT(mA) IPPM(NOTE2) (Volts) ID(NOTE3)(mA) MIN MAX (Amps)
55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.7 7.1 6.1 6.5 5.6 5.8 5.1 5.3 4.6 4.8 4.2 4.4 3.8 3.9 3.5 3.6 3.2 3.4 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.7 1.8 1.7 1.7 1.4 1.4 1.2 1.2 1.0 1.1 0.95 1.0
Device Type
P6KE62 P6KE62A P6KE68 P6KE68A P6KE75 P6KE75A P6KE82 P6KE82A P6KE91 P6KE91A P6KE100 P6KE100A P6KE110 P6KE110A P6KE120 P6KE120A P6KE130 P6KE130A P6KE150 P6KE150A P6KE160 P6KE160A P6KE170 P6KE170A P6KE180 P6KE180A P6KE200 P6KE200A P6KE220 P6KE220A P6KE250 P6KE250A P6KE300 P6KE300A P6KE350 P6KE350A P6KE400 P6KE400A P6KE440 P6KE440A
Maximum Clamping Voltage at IPPM Vc(Volts)
89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602
Maximum Temperature Coefficient of V(BR) (%/ C)
0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
NOTES: 1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent 2.Surge current waveform per Fig.3 and derated per Fig.2 3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled 4.All items and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES P6KE6.8 THUR P6KE440CA
100
PEAK PULSE POWER(PppM)or CURRENT(IppM) DERATING IN PERCENTAGE,%
FIG. 1-PEAK PULSE POWER RATING CURVE PppM,PEAK PULSE POWER,kw
FIG. 2-PULSE DERATING CURVE
100
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=25 C
75
50
1.0
25
0.1
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
td,PULSE WIDTH,sec. FIG.3-PULSE WAVEFORM
150
0 0 25 50 75 100 125 150 175 200
IppM,PEAK PULSE CURRENT,%
tr=10msec
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IppM
TA AMBIENT TEMPERATURE,( C)
PEAK VALUE IppM
100
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE UNIDIRECTIONAL
10,000
HALF VALUE
IPPM 2
CJ,JINCTION CAPACITANCE,pF
MEASURED at ZERO BIAS
50
10/1000msec WAVEFORM as DFINED by R.E.A
1,000
TA=25 C f=1.0MHz Vsig=50mVp-p
0 0
td
1.0 2.0 3.0 4.0
t,TIME,ms FIG.5-STEADY STATE POWER DERATING CURVE
5.00
100
MEASURED at STAND-OFF VOLTAGE,VwM
PM(AV),STEADY STATE POWER DISSIPATION,WATTS
L=0.375" (9.5mm) lLEAD LENGTHS
3.75
60Hz RESISTIVE OR INDUCTIVE LOAD
10 1.0 2.50 10 100 200
1.6 1.6 0.040" (40 40 1mm) COPPER HEAT SINKS
1.25
V(BR),BREAKDOWN VOLTAGE,VOLTS
0 0 25 50 75 100 125 150 175 200
IFSM,PEAK FORWARD SURAGE CURRENT AMPERES
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
200
TL,LEAD TEMPERATURE, C FIG.7-TYPICAL REVERSE LEAKAGE CHARCTERISTICS INSTANTANEOUS REVERSE LEAKAGE CURRENT,MICROAMPERES
1000
100
100
10
MEASURED AT DEVICES STAND-OFF VOLTAGE,Vwm
1
TA=25 C
0.1
TJ=TJmax. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
10 1.0 10 100
0.01
NUMBER OF CYCLES AT 60Hz
0.001 0 100 200 300 400 500
V(BR),BREAKDOWN VOLTAGE,VOLTS
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of P6KE68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X