Part Number Hot Search : 
250BZX E003787 AN7332K 16245 FT232AM KSA1220 A1005 A5800989
Product Description
Full Text Search
 

To Download NP236-102002-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NP236 Series
Specifications
Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
Part Number (Details)
1,000MW min. at 500V DC Insulation Resistance: Dielectric Withstanding Voltage: 700V AC for 1 minute Contact Resistance: 30m W max. at 10mA/20mV max. Current Rating: 1A max. Operating Temperature Range: -55C to +170C Pin Count: 1020 contact pins
NP236 - 1020 02 - *
Series No. No. of Contact Pins Design Number Contact Style of Matching IC Pin 1 : AE0.30~AE0.45 2 : AE0.40~AE0.50
Materials and Finish
Housing: Polyethersulphone (PES), glass-filled Contacts: Beryllium Copper (BeCu) Plating: Gold over Nickel (B-class) Lever, Shaft: Stainless Steel
Outline Socket Dimensions
Recommended PC Board Layout
Top View from Socket
NP236-102002-*
0.622
1020-AE0.7
+0.1 0
4.95 max.
(2.03)
1.27x48=60.960.1
0.435
0.40.1
1.270.05
1.27x48=60.960.1
1.270.05
65.00 max.
1.270.05 25.14 1.27x48=60.960.1 (6.90)
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
(9.44)


▲Up To Search▲   

 
Price & Availability of NP236-102002-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X