Part Number Hot Search : 
M78L0 N4754 SK173 PA124 1778803 0203A 1N5770 013TR
Product Description
Full Text Search
 

To Download MSJ350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Powered by
MSJ 350
2V 350Ah
Specification
Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range
MSJ 350 is a long service life battery up to 20 years expected life under normal float charge. As wit hall CSB batteries , all are rechargeable, highly efficient , leak proof and maintenance free.
1 2 350Ah @ 10hr-rate to 1.80V per cell @25 (77 ) Approx. 22.3 kg(49.16 lbs) 2100A(5sec) Approx. 0.38m Discharge: -20 ~50 (-4 ~122 ) Charge: 0 ~40 (32 ~104 ) Storage: -20 ~40 (-4 ~104 ) Nominal Operating Temperature Range 25 3 (77 5 ) 2.23 0.02/Cell at 25 (77 ) Temp. Float Charging Voltage Coefficient 3.3mV/ ( 1.8mV/ ) Recommended Maximum Charging Current Limit 105A Equalization / Cycle Use Charging Voltage 2.35V Temps coefficient 3.3mV/ ( 1.8mV/ ) Terminal Pb-Ca-Sn Alloy L Terminal The container and cover are made of flame retardant Container Material
CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001.
plastics which meet ABS(UL 94-V0/File E88637) specifications.The oxygen index level is higher than 28
Dimensions :
Unit: mm (inch)
Overall Height (H) 3653 (14.370.12)
Container height (h) 3313 (13.030.12)
Length (L) 1703 (6.690.12)
Width (W) 1503 (5.910.12)
B ATTE R Y
The system of manufacturer was certified by URS according to ISO 9001,ISO 14001.
MADE IN C HINA
Constant Current Discharge Characteristics
Unit:A (25
,77
)
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V
15MIN 555 529 494 438 377 319 15MIN 973 964 887 798 686 580
30MIN 369 354 334 296 273 246 30MIN 656 652 607 547 504 454
60MIN 226 216 212 196 184 170 60MIN 404 403 390 364 343 316
2HR 134 130 127 120 116 109 2HR 243 240 236 225 216 203
3HR 100 96.0 95.0 89.0 85.0 82.0 3HR 182 180 176 169 162 155
4HR 79.0 77.0 76.0 72.0 71.0 65.0 4HR 146 145 144 138 134 123
5HR 68.0 65.0 64.0 61.0 58.0 56.0 5HR 124 123 121 117 113 107
6HR 58.0 56.0 55.0 53.0 51.0 49.0
,77
8HR 47.0 46.0 44.0 43.0 42.0 40.0
)
10HR 40.0 38.0 37.0 36.0 35.0 34.0 10HR 74.0 73.0 72.0 70.0 69.0 67.0
Constant Power Discharge Characteristics
Unit:W (25
6HR 109 107 106 102 99.0 95.0
8HR 88.0 86.0 85.0 83.0 81.0 77.0
RA: 0812
MSJ 350
t
2V 350Ah
i
Gas recombination efficiency
CA
(Min-Hrs)
GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com
AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com
EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of MSJ350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X