Part Number Hot Search : 
STV2112B SDA316A L6208 MAX2034 0101A ER208 TFB3869 X1N2822B
Product Description
Full Text Search
 

To Download MSD1260-333ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 528-1
Coupled Inductors-MSD1260
For SEPIC and other Applications
The excellent coupling coefficient (k 0.94) makes the MSD1260 series of coupled inductors ideal for use in SEPIC applications. In SEPIC topologies, the required inductance for each winding in a coupled inductor is half the value needed for two separate inductors, allowing selection of a part with lower DCR and higher current handling. These parts provide high inductance, high efficiency and excellent current handling in a rugged, low cost part. They are also well suited for use as a VRM inductors in high-current DC-DC converters and VRM/ VRD controllers. They can also be used as two single inductors connected in series or parallel, as a common mode choke or as a 1 : 1 transformer.
0.484 max 12,3
D1
+ L1
C1
Dot indicates pin1 Dash number Internal code Parts manufactured prior to Sept. 2007 were marked with only the dash number.
+ +
VOUT
0.484 max 12,3
123 X
VIN
Q1
L2
C2
Load
-
-
Typical SEPIC schematic
0.236 0.008 6,0 0,2
Refer to Application Note, Document 639, "Selecting Coupled Inductors for SEPIC Applications"
Recommended Land Pattern
0.197 5,0 0.138 3,5 0.157 4,0
2 3 1 4
0.217 5,5
0.197 5,0
3 2
4 1
0.177 4,5
0.059 1,5
0.079 2,0
Dimensions are in
inches mm
1 L1 3
2 L2 4
Core material Ferrite Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight: 2.8 - 3.2 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Winding to winding isolation 500 Vrms Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 500/13 reel; Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing, 6.6 mm pocket depth PCB washing Only pure water or alcohol recommended
Specifications subject to change without notice. Please check our website for latest information.
Document 528-1
Revised 12/05/08
(c) Coilcraft, Inc. 2010
Document 528-2
Coupled Inductors for SEPIC - MSD1260 Series
Part number1 MSD1260-472ML_ MSD1260-562ML_ MSD1260-682ML_ MSD1260-822ML_ MSD1260-103ML_ MSD1260-123ML_ MSD1260-153ML_ MSD1260-183ML_ MSD1260-223ML_ MSD1260-273ML_ MSD1260-333ML_ MSD1260-393ML_ MSD1260-473ML_ MSD1260-563ML_ MSD1260-683ML_ MSD1260-823ML_ MSD1260-104ML_ MSD1260-124KL_ MSD1260-154KL_ MSD1260-184KL_ MSD1260-224KL_ MSD1260-274KL_ MSD1260-334KL_ MSD1260-394KL_ MSD1260-474KL_ MSD1260-564KL_ MSD1260-684KL_ MSD1260-824KL_ MSD1260-105KL_ Inductance2 (H) 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% DCR max3 (Ohms) 0.036 0.040 0.048 0.052 0.060 0.074 0.085 0.097 0.116 0.124 0.134 0.142 0.174 0.198 0.216 0.274 0.322 0.418 0.476 0.536 0.691 0.806 1.09 1.20 1.59 1.81 2.06 2.65 3.06 SRF typ4 (MHz) 32.0 31.0 28.0 25.0 22.0 21.0 17.6 17.0 15.0 13.6 12.7 11.7 8.7 7.6 6.1 5.3 5.0 4.4 4.0 3.6 3.2 2.8 2.5 2.3 2.1 2.0 1.8 1.5 1.2 Isat5 (A) 10.3 9.66 9.21 8.55 7.40 6.86 6.09 5.30 5.01 4.66 4.22 3.80 3.25 3.07 2.83 2.55 2.20 2.05 1.82 1.60 1.51 1.41 1.28 1.16 1.00 0.95 0.88 0.79 0.69 Irms (A) both one windings6 winding7 3.16 3.00 2.75 2.63 2.45 2.21 2.06 1.93 1.76 1.70 1.64 1.59 1.44 1.35 1.29 1.15 1.06 0.93 0.87 0.82 0.72 0.67 0.57 0.55 0.48 0.45 0.42 0.37 0.34 4.47 4.24 3.88 3.72 3.46 3.12 2.92 2.73 2.49 2.41 2.32 2.25 2.03 1.91 1.83 1.62 1.50 1.31 1.23 1.16 1.02 0.95 0.81 0.77 0.67 0.63 0.59 0.52 0.49
1. When ordering, please specify termination and packaging codes: MSD1260-105KLD Termination: L = RoHS compliant matte tin over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads are connected in parallel, inductance is the same value. When leads are connected in series, inductance is four times the value. 3. DCR is for each winding. When leads are connected in parallel, DCR is half the value. When leads are connected in series, DCR is twice the value. 4. SRF measured using an Agilent/HP 4191A or equivalent. When leads are connected in parallel, SRF is the same value. 5. DC current, at which the inductance drops 30% (typ) from its value without current. It is the sum of the current flowing in both windings. 6. Equal current when applied to each winding simultaneously that causes a 40C temperature rise from 25C ambient. See temperature rise calculation. 7. Maximum current when applied to one winding that causes a 40C temperature rise from 25C ambient. See temperature rise calculation. 8. Electrical specifications at 25C. Refer to Doc 639 "Selecting Coupled Inductors for SEPIC Applications." Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Temperature rise calculation based on specified Irms
Winding power loss = (IL12 + IL22 ) x DCR Temperature rise (t) = Winding power loss x 55.6C t = (IL12 + IL22 ) x DCR x W 55.6C W
Example 1. MSD1260-153ML (Equal current in each winding) Winding power loss = (2.06 2 + 2.06 2) x 0.085 = 0.721 W 55.6C = 40C t = 0.721 W x W Example 2. MSD1260-153ML (IL1 = 2.4 A, IL2 = 1.3 A) Winding power loss = (2.4 2 + 1.3 2) x 0.085 = 0.633 W t = 0.633 W x 55.6C = 35.2C W
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak (ripple) current, and Irms current to predict temperature rise and overall losses, including core loss. Visit www.coilcraft.com/coupledloss.
Specifications subject to change without notice. Please check our website for latest information.
Document 528-2
Revised 12/05/08
(c) Coilcraft, Inc. 2010
Document 528-3
Coupled Inductors for SEPIC - MSD1260 Series
Typical L vs Current
10000
Typical L vs Frequency
10000
1000
-105 -474
1000
-105 -474
Inductance (H)
Inductance (H)
100
-104 -473
100
-104 -473
10
-103 -472
10
-103 -472
1 0.1 1 10 100
1 0.01 0.1 1 10
Current (A)
Frequency (MHz)
Current Derating
120 110
Percent of rated current
100 90 80 70 60 50 40 20 10 0 -40 -20
Isat Irms 0 20
25C
40
30
60
80
100
120 140
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information.
Document 528-3
Revised 12/05/08
(c) Coilcraft, Inc. 2010


▲Up To Search▲   

 
Price & Availability of MSD1260-333ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X