Part Number Hot Search : 
E331M C4050 80001 TA124 T10A6CI 20100CT IRFS4 S9018LT1
Product Description
Full Text Search
 

To Download MMSZ5226-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMSZ5221 THRU MMSZ5259
500 mW Zener Diodes 2.4 to 39 Volts
Features
Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information) Planar Die construction Zener Voltages from 2.4V - 39V and 500mW Power Dissipation Ideally Suited for Automated Assembly Processes
Mechanical Data
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Approx. Weight: 0.009 grams Mounting Position: Any Storage & Operating Temperature: -55 C to +150 C
o o
SOD123
A B
C
E
Maximum Ratings @ 25oC Unless Otherwise Specified
F
Maximum Forward Voltage @ IF=10mA Power Dissipation (No te s A)
NOTES:
VF P(AV)
0.9 500
V mWatt
G
D
H
A. Mounted on 5.0mm2(.013mm thick) land areas.
DIM
A B C D E F G H
DIMENSIONS INCHES MM MIN MAX MIN MAX .141 .154 3.60 3.90 .098 .110 2.50 2.80 .055 .071 1.40 1.80 .037 .053 0.95 1.35 .019 .028 0.50 0.70 --.008 --0.20 .016 --0.40 ----.005 --0.12
SUGGESTED SOLDER PAD LAYOUT
.093" MAX
NOTE
.048"
.036"
Revision: 13
www.mccsemi.com
1 of 5
2010/04/02
MMSZ5221 thru MMSZ5259
Electrical Characteristics @ 25 C Unless Otherwise Specified
NORMAL ZENER VOLTAGE Vz@ Izt TEST CURRENT Izt MAXIMUM ZENER IMPEDANCE Zzt @ Izt Zzk @ Izk=0.25mA
o
MCC
Micro Commercial Components
MAXIMUM REVERSE LEAKAGE CURRENT Ir @ Vr MAXIMUM ZENER VOLTAGE TEMP
TM
MCC PART NUMBER
Marking
VOLTS
mA
OHMS
OHMS
uA
VOLTS
%/oC
MMSZ5221 MMSZ5222 MMSZ5223 MMSZ5225 MMSZ5226 MMSZ5227 MMSZ5228 MMSZ5229 MMSZ5230 MMSZ5231 MMSZ5232 MMSZ5233 MMSZ5234 MMSZ5235 MMSZ5236 MMSZ5237 MMSZ5239 MMSZ5240 MMSZ5241 MMSZ5242 MMSZ5243 MMSZ5244 MMSZ5245 MMSZ5246 MMSZ5248 MMSZ5250 MMSZ5251 MMSZ5252 MMSZ5254 MMSZ5255 MMSZ5256 MMSZ5257 MMSZ5258 MMSZ5259
NOTE:
C1 C2 C3 C5 G1/ D1 G2/ D2 G3/D3 G4/D4 G5/D5 E1 E2 E3 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 18 20 22 24 27 28 30 33 36 39
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.5 4.2 3.8 3.4 3.2
30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 10 17 22 30 13 15 16 17 21 25 29 33 41 44 49 58 70 80
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 10.5 11 12 14 15 17 18 21 21 23 25 27 30
-0.085 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.040 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.081 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094
1. Standard Zener voltage tolerance is 5% with a "B" suffix (e.g.: MMSZ5225B),suffix ''C'' is 2 % tolerance . 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
Revision: 13
www.mccsemi.com
2 of 5
2010/04/02
MMSZ5221 thru MMSZ5259
MCC
Micro Commercial Components
100
TM
8 7
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
TEMPERATURE COEFFICIENT,mV / oC)
3 4 5 6 7 8 9 10 11 12
10
0 -1 -2 -3 2
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
1000
FORWARD CURRENT, mA
IZ = 1 mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA
100
20 mA
10
10
150 C
O
O
75 C
25 C
O
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
TYPICAL FORWARD VOLTAGE
1000
1.2 1.0 0.8 0.6
POWER DISSIPATION, Watts
CAPACITANCE, pF
0 V BIAS 1 V BIAS
100
TA=25oC
PD V.S. TA
BIAS AT 50% OF VZ NOM
10
0.4 0.2
1
0
1
10
100
25
50
75
100
o
125
150
155
TEMPERATURE ( C)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
Revision: 13
www.mccsemi.com
3 of 5
2010/04/02
MMSZ5221 thru MMSZ5259
MC C
Micro Commercial Components
100
TA=25 C
ZENER CURRENT, mA
o
TM
100
TA=25 C
ZENER CURRENT, mA
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25 C
O
-55 C
80 90
O
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
Revision: 13
www.mccsemi.com
4 of 5
2010/04/02
MCC
Micro Commercial Components
TM
Ordering Information
Device Packing
(Part Number)-TP
Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
Revision: 13
www.mccsemi.com
5 of 5
2010/04/02
3


▲Up To Search▲   

 
Price & Availability of MMSZ5226-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X