Part Number Hot Search : 
0203A 1N5395 300AC6 74AVC PBSS53 30M25 74AVC 10R0J
Product Description
Full Text Search
 

To Download MASWSS0040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0040
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
Features
* * * * Low Insertion Loss 0.7 dB at 2.4 GHz Low Cost 3 mm 12-Lead PQFN Package Ideal for WLAN IEEE 802.11b 0.5 micron GaAs PHEMT Process Rev. V5
Functional Schematic
Description
M/A-COM's MASWSS0040 is a GaAs pHEMT MMIC DPDT diversity switch in a low cost miniature 3 mm 12-lead PQFN package. The MASWSS0040 is ideally suited for applications where very small size and low cost are required. Typical applications are for WLAN IEEE 802.11b/g systems that employ two antennas for transmit and receive diversity. This part is designed for low insertion loss and allows for independent control and selection of each switch path. This part can be used in all systems operating up to 3.0 GHz requiring moderate power and diversity switching. The MASWSS0040 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No. 1 2 3 4 5 Pin Name Ctrl 1 Port 3 Ctrl 4 N/C Port 2 N/C Ctrl 3 Port 4 Ctrl 2 N/C Port 1 N/C Paddle
3
Description Control 1 RF Port 3 Control 4 No Connection RF Port 2 No Connection Control 3 RF Port 4 Control 2 No Connection RF Port 1 No Connection No Connection
Ordering Information 1,2
Part Number MASWSS0040 MASWSS0040TR MASWSS0040TR-3000 MASWSS0040SMB Package Bulk Packaging 1000 piece reel 3000 piece reel Sample Test Board 0.5 - 3.0 GHz Tuning
6 7 8 9 10 11 12 Pad
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be connected to the RF and DC ground.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0040
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 3 V, PIN = 10 dBm, Z0 = 50
Parameter Test Conditions 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 2.5 GHz 2.5 - 3.0 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 2.5 GHz 2.5 - 3.0 GHz 0.5 - 3.0 GHz Two Tone +5 dBm, 5 MHz Spacing, > 50 MHz VC = 0.2 V / 2.3 V VC = 0.2 V / 3.0 V VC = 0.2 V / 2.3 V VC = 0.2 V / 3.0 V 2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V 2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V 10% to 90% RF and 90% to 10% RF 50% Control to 90% RF 50% Control to 10% RF |VC| = 3V Units dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBc dBc ns ns ns A Min. -- -- -- -- 17.0 17.0 17.0 17.0 -- -- -- -- -- -- -- -- -- -- -- Typ. 0.5 0.6 0.7 0.8 28.0 21.0 19.0 18.0 20 47 52 26 31 70 60 12/20 35 40 5 Max. 1.2 1.2 1.2 1.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 25
Rev. V5
Insertion Loss
4
Isolation
5
Return Loss IP3
P1dB 2nd Harmonic 3rd Harmonic Trise, Tfall Ton, Toff Control Current
4. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 MHz - 1.0 GHz, 27 pF for 0.5 - 3.0 GHz. 5. Isolation of two paths on either side of the selected path.
Absolute Maximum Ratings 6,7
Parameter Input Power 3V Control Input Power 5V Control Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +32 dBm +34 dBm +8.5 volts -40 C to +85 C -65C to +150C

Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0040
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
Circuit Block Diagram Parts List
Part C1 - C4 C5 - C8 RF1 - RF4 Item 3 Description 27 pF Decoupling Capacitor 27 pF DC Blocking Capacitor RF connector 10-pin solder connector
Rev. V5
Evaluation Board MASWSS0040
Truth Table 8,9
Control V1 1 0 0 0 1 0 Control V2 0 1 0 0 0 1 Control V3 0 0 1 0 1 0 Control V4 0 0 0 1 0 1 Port 1 Port 3 On Off Off Off On Off Port 1 Port 4 Off On Off Off Off On Port 2 Port 4 Off Off On Off On Off Port 2 Port 3 Off Off Off On Off On
8. External DC blocking capacitors are required on all RF ports. 9. 0 = 0 V 0.2 V, 1 = +2.3 V to 5.0 V 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0040
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
Typical Performance Curves
Insertion Loss, 27 pF
0.0
Rev. V5
Isolation, 27 pF
-10
+25C -40C +85C
-0.5
-20
-1.0
+25C -40C +85C
-30
-1.5
-40
-2.0 0.5
1.0
1.5
2.0
2.5
3.0
-50 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Input Return Loss
-10 -15 -20 -25 -30 -35 -40 0.5
+25C -40C +85C
Output Return Loss
-10 -15 -20 -25 -30 -35 -40 0.5
+25C -40C +85C
1.0
1.5
2.0
2.5
3.0
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0040
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
3 mm 12-Lead PQFN
Rev. V5
Meets JEDEC moisture sensitivity level 1 requirements
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X