Part Number Hot Search : 
LU221 0TRPBF IF389A3M RGP15M 170M6344 60214 2SK1885 66WR20LF
Product Description
Full Text Search
 

To Download MAAD-008790-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Features
* * * * * * * * Attenuation: 1.0 dB Steps to 31.0 dB Phase error: 3 Typical at 2 GHz Low DC Power Consumption Small Footprint, PQFN Package Integral TTL Driver 50 ohm Impedance Test Boards are Available RoHS* Compliant Rev. V1
Functional Schematic
Description
M/A-COM's MAAD-008790-000100 is a GaAs pHEMT 5-bit digital attenuator with integral TTL driver. This attenuator was designed to minimize phase variation over attenuation. Step size is 1.0 dB providing a 31.0 dB total attenuation range. This device is in an PQFN plastic surface mount package. MAAD-008790-000100 is ideally suited for use where accuracy, constant phase over attenuation, very low power consumption and low costs are required.
Pin Configuration1
Pin No.
1 2 3 4
Function
GND C4 C3 C2 C1 C5 GND NC NC NC
2
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
NC NC NC NC NC NC NC NC NC GND RF2 GND NC2 Vee NC +Vcc
Ordering Information
Part Number
MAAD-008790-000100 MAAD-008790-0001TR MAAD-008790-0001TB
5 6
Package
Bulk Packaging 1000 piece reel Sample Test Board
7 8 9 10 11 12 13 14 15 16 1.
GND RF1 GND NC NC NC
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
2.
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) Pins 10 & 29 must be isolated
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50, VCC = +5.0V, VEE = -5.0V
Parameter
Operating Power Reference Insertion Loss Attenuation Accuracy3 Relative to Reference Loss State Phase Accuracy Relative to Reference Loss State VSWR Switching Speed Ton Toff Trise Tfall 1 dB Compression4 Input IP3 Input IP2 Vcc Vee VIL VIH lin (Input Leakage Current) Icc (Quiescent Supply Current) Icc (Additional Supply Current Per TTL Input Pin) IEE Thermal Resistance jc 3. 4.
Rev. V1
Test Conditions
-- -- Any Single Bit Any Combination of Bits Any Single Bit Any Single Bit Any Combination of Bits Any Combination of Bits Full Range
Frequency
-- DC - 2.0 GHz 2.0 - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz DC - 2.0 GHz 2.0 - 4.0 GHz DC - 2.0 GHz 2.0 - 4.0 GHz DC - 4.0 GHz
Units
dBm dB dB
Min
-- -- --
Typ
-- -- --
Max
+20 5.0 5.5
(0.3 +3% of atten setting in dB) (0.3 +3% of atten setting in dB) deg deg deg deg Ratio -- -- -- -- -- -- -- -- -- -- 3 5 5 9 1.8:1
1.3 V Cntl to 90% RF 1.3 V Cntl to 10% RF 10% RF to 90% RF 90% RF to 10% RF Reference State Reference State Two-tone inputs up to +5 dBm Two-tone inputs up to +5 dBm -- -- LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Vcntrl = VCC or GND VCC = Max Vcntrl = VCC - 2.1 V VEE min to max Vin = VIL or VIH --
-- -- __ __ 0.05 GHz 0.5 - 4.0 GHz 0.05-4.0 GHz 0.05-4.0 GHz -- -- -- -- --
ns ns ns ns dBm dBm dBm dBm V V V V uA
-- -- -- -- -- -- -- -- 4.5 -8.0 0.0 2.0 -1
See Table 13 See Table 3 >+27 >+27 See Table See Table 5.0 -5.0 0.0 5.0 --
-- -- -- -- -- -- -- -- 5.5 -4.5 0.8 5.0 1
--
uA
--
250
400
--
mA
--
--
1.5
-- --
mA C/W
-1.0 --
-0.2 35
-- --
This attenuator is guaranteed monotonic. 1 dB Compression was measured up to +27 dBm, which is the absolute maximum rating for this device.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
Recommended PCB Configuration 8 Absolute Maximum Ratings 5,6
Parameter
Max. Input Power VCC VEE VCC - VEE Vin
7
Absolute Maximum
+27 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -40C to +85C -65C to +125C
Operating Temperature Storage Temperature 5. 6. 7.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply. 8. Application Note S2083 is available on line at www.macom.com
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Truth Table (Digital Attenuator)
C5
0 0 0 0 0 1 1
C4
0 0 0 0 1 0 1
C3
0 0 0 1 0 0 1
C2
0 0 1 0 0 0 1
C1
0 1 0 0 0 0 1
Attenuation
Loss, Reference 1.0 dB 2.0 dB 4.0 dB 8.0 dB 16.0 dB 31.0 dB
Moisture Sensitivity
The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts.
0 = TTL Low; 1 = TTL High
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Typical Performance Curves
Reference Loss vs. Frequency Attenuation - 1 dB Bit vs. Frequency
Rev. V1
7.00
25C
1.20
-40C
Reference Loss (dB)
6.00
85C
Attenuation (dB)
1.10 1.00 0.90
85C 25C
5.00
-40C
4.00 3.00 0 1 2 3 4 Frequency (GHz) 5 6
0.80 0 1 2 3 4 5 6 Frequency (GHz)
Attenuation - 2 dB Bit vs. Frequency
Attenuation - 4 dB Bit vs. Frequency
2.75 2.50 2.25 2.00
85C
4.75 Attenuation (dB)
25C -40C 25C -40C
Attenuation (dB)
4.50 4.25 4.00
85C
1.75 0 1 2 3 4 Frequency (GHz) 5 6
3.75 0 1 2 3 4 Frequency (GHz) 5 6
Attenuation - 8 dB Bit vs. Frequency
8.75 Attenuation (dB) 8.50 8.25 8.00
85C 25C -40C
Attenuation - 16 dB Bit vs. Frequency
17.50
25C
17.00 Loss (dB)
85C
16.50 16.00
-40C
7.75 0 1 2 3 4 Frequency (GHz) 5 6
15.50 0 1 2 3 4 Frequency (GHz) 5 6
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Typical Performance Curves
Attenuation - 31 dB Attenuation vs. Frequency Phase - 1 dB Bit vs. Frequency Relative to Reference Loss State
6.00
25C -40C
Rev. V1
32.50 32.00 Loss (dB) 31.50 31.00
85C
25C
-40C
Phase (Degrees)
4.00 2.00 0.00 -2.00
85C
30.50 0 1 2 3 4 Frequency (GHz) 5 6
0
1
2 3 4 Frequency (GHz)
5
6
Phase - 2 dB Bit vs. Frequency Relative to Reference Loss State
4.00 2.00 0.00 -2.00 -4.00 0 1 2 3 4 Frequency (GHz) 5 6
-40C 25C
Phase - 4 dB Bit vs. Frequency Relative to Reference Loss State
6.00 4.00 2.00 0.00 -2.00 -4.00 0 1 2 3 4 Frequency (GHz) 5 6
85C -40C 25C
Phase (Degrees)
85C
Phase - 8 dB Bit vs. Frequency Relative to Reference Loss State
6.00
-40C
Phase - 16 dB Bit vs. Frequency Relative to Reference Loss State
8.00 25C -40C
Phase (Degrees)
Phase (Degrees)
3.00 0.00 -3.00
85C
25C
Phase (Degrees)
4.00 0.00 -4.00 -8.00
85C
-6.00 0 1 2 3 4 Frequency (GHz) 5 6
0
1
2 3 4 Frequency (GHz)
5
6
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Typical Performance Curves
Phase - 31 dB Attenuation vs. Frequency Relative to Reference Loss State
12.00 8.00 4.00 0.00 -4.00 0 1 2 3 4 Frequency (GHz) 5 6 25C -40C
Rev. V1
VSWR - Reference State vs. Frequency
2.00 1.80 VSWR 1.60
RF2
Phase (Degrees)
1.40 1.20
RF1
85C
1.00 0 1 2 3 4 Frequency (GHz) 5 6
VSWR - 1 dB Bit vs. Frequency
VSWR - 2 dB Bit vs. Frequency
2.00 1.80 VSWR
VSWR
2.00 1.80
RF2
1.60 1.40 1.20
RF1
1.60 1.40 1.20
RF1
RF2
1.00 0 1 2 3 4 Frequency (GHz) 5 6
1.00 0 1 2 3 4 Frequency (GHz) 5 6
VSWR - 4 dB Bit vs. Frequency
VSWR - 8 dB Bit vs. Frequency
2.00 1.80 VSWR 1.60 1.40 1.20 1.00 0
6
RF1
2.00 1.80
RF2
VSWR
1.60 1.40 1.20 1.00
RF1
RF2
1
2 3 4 Frequency (GHz)
5
6
0
1
2 3 4 Frequency (GHz)
5
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Typical Performance Curves
VSWR - 16 dB Bit vs. Frequency VSWR - 31 dB Attenuation vs. Frequency
Rev. V1
2.00 1.80 VSWR 1.60 1.40 1.20 1.00 0 1
RF1 RF2
2.00 1.80 VSWR 1.60 1.40 1.20
RF2 RF1
1.00 2 3 4 Frequency (GHz) 5 6 0 1 2 3 4 Frequency (GHz) 5 6
Typical Input IP2 and IP3 at Room Temperature9
IP2 Attenuation
Reference State 1 dB 2 dB 4 dB 8 dB 16 dB 31 dB 9.
IP3 2 GHz
70 70 70 70 70 65 50
50 MHz
50 50 50 50 50 50 50
500 MHz
68 68 68 68 68 68 50
50 MHz
39 39 39 37 37 31 31
500 MHz
43 43 43 37 37 32 30
2 GHz
42 37 37 37 37 32 29
Units
dBm dBm dBm dBm dBm dBm dBm
IP2 and IP3 are measured with two-tone inputs F1 and F2 up to +5 dBm with 1 MHz spacing.
Typical Switching Speed at Room Temperature
Testing Condition
Ref. State 1 dB Ref. State 2 dB Ref. State 4 dB Ref. State 8 dB Ref. State 16 dB Ref. State 31 dB 7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Ton
3.6 3.6 3.7 3.3 4.5 30.5
Trise
3.6 3.6 3.7 3.3 4.5 30.5
Units
s s s s s s
MAAD-008790-000100
Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
CSP-1, 4 x 6 mm, 32-lead PQFN
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations.
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAD-008790-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X