Part Number Hot Search : 
RR1632 MSZ522 EGP30KZ DA15L MB90462 VLL1790 AOZ101 703Q7V
Product Description
Full Text Search
 

To Download M24758-12-16-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conduit & Accessories
M24758/12 Adapter for MIL-DTL-26482 Series I Connectors
M24758/12-16-01-01-A
Basic Part No. Conduit Size Code (See Table I) A-Thread Code (See Table II) Material Designator: A = Aluminum B = Brass C = CRES 316 Style Designator
.188 (4.8) A Thread
.188 (4.8) J
.063 (1.6) Min
.125 (3.2) L A Thread
L
D Dia
E Dia
K Dia
D Dia
E Dia
K N Dia Dia
C Thread .50 (12.7) Str. Knurl (Medium Coarse) .25 (6.4) C Thread Str. Knurl (Medium Coarse)
STYLE 03 FOR USE WHEN E DIAMETER IS EQUAL TO OR LESS THAN K DIAMETER
STYLE 01 FOR USE WHEN E DIAMETER IS GREATER THAN K DIAMETER STYLE 02 SAME AS STYLE 01 EXCEPT J DIMENSION IS ZERO
1. The M24758/12 adapter couples MIL-DTL-26482 Series I connectors (MS3110, MS3111, or MS3116 series) to M24758/2, M24758/3 or M24758/4 fittings. 2. For MIL-DTL-26482 series 2, the M24758/13 adapter may be used. 3. Metric dimensions (mm) are indicated in parentheses. 4. For complete dimensions see applicable Military Specification.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 71-18 www.glenair.com E-Mail: sales@glenair.com
M24758/12 Adapter for MIL-DTL-26482 Series I Connectors
TABLE I
Conduit Size Code 02 03 04 05 06 08 10 12 16 20 24 C Thread (Class 2A) 0.438 - 28 UNEF 0.563 - 24 UNEF 0.688 - 24 UNEF 0.813 - 20 UNEF 0.938 - 20 UNEF 1.250 - 18 UNEF 1.563 - 18 UNEF 1.875 - 16 UN 2.375 - 16 UN 2.875 - 16 UN 3.375 - 16 UN L .02 .210 .250 .250 .310 .310 .370 .370 .430 .430 .430 .430 (.5) (5.3) (6.4) (6.4) (7.9) (7.9) (9.4) (9.4) (10.9) (10.9) (10.9) (10.9) K Dia Min. .250 (6.4) .370 (9.4) .500 (12.7) .620 (15.7) .750 (19.1) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 2.000 (50.8) 2.500 (63.5) 3.000 (76.2) N Dia .02 (.5) .687 (17.4) .812 (20.6) .937 (23.8) 1.062 (27.0) 1.187 (30.1) 1.500 (38.1) 1.812 (46.0) 2.125 (54.0) 2.625 (66.7) 3.125 (79.4) 3.625 (92.1)
TABLE II (A Thread Code and Adapter Dimensions)
A Connector Thread Shell Code Size 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 A Thread (Class 2B) 0.438 - 28 UNEF 0.563 - 24 UNEF 0.688 - 24 UNEF 0.813 - 20 UNEF 0.938 - 20 UNEF 1.063 - 18 UNEF 1.188 - 18 UNEF 1.313 - 18 UNEF 1.438 - 18 UNEF D Dia .02 (.5) .590 (15.0) .710 (18.0) .840 (21.3) .960 (24.4) 1.090 (27.7) 1.210 (30.7) 1.340 (34.0) 1.460 (37.1) 1.590 (40.4) E Dia .02 (.5) .340 (8.6) .450 (11.4) .570 (14.5) .680 (17.3) .810 (20.6) .930 (23.6) 1.060 (26.9) 1.180 (30.0) 1.310 (33.3) J Style 01 .02 (.5) .870 (22.1) .870 (22.1) .870 (22.1) .870 (22.1) .870 (22.1) 1.060 (26.9) 1.180 (30.0) 1.620 (41.1) 1.680 (42.7)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 71-19 www.glenair.com E-Mail: sales@glenair.com
Conduit & Accessories


▲Up To Search▲   

 
Price & Availability of M24758-12-16-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X