|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only OFFICE:7F.,NO.208,SEC.3,JHONGYANG Rd.,Tucheng City Taipei Hsien,Taiwan R.O.C TEL:(02)22677686(REP) FAX:(02)22675286,(02)22695616 ROUND TYPE LED LAMPS LUR23533 DATA SHEET DOC. NO : REV. DATE : : QW0905-LUR23533 A 05 - Oct - 2004 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR23533 Page 1/4 Package Dimensions 4.7 5.7 7.9 1.5MAX 25.0MIN 1/4 0.5 TYP 1.0MIN 2.54TYP +Note : 1.All dimension are in millimeter tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. Directivity Radiation Horizontal Axis 28 Vertical Axis 62X 0X -30X 30X -60X 60X 100% 75% 50% 25% 0 25% 50% 75% 100% LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR23533 Page 2/4 Absolute Maximum Ratings at Ta=25 J Ratings Parameter Symbol UR Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature Soldering Temperature IF IFP PD Ir Topr Tstg Tsol 40 120 120 10 -40 ~ +85 -40 ~ +100 Max 260J for 5 sec Max (2mm from body) mA mA mW UNIT g A J J Typical Electrical & Optical Characteristics (Ta=25 J ) PART NO MATERIAL Emitted COLOR Forward Peak Spectral voltage wave halfwidth @ 20mA(V) length f nm f Pnm Luminous intensity @20mA(mcd) Viewing angle 2c 1/2 (deg) Lens Min. Max. Min. Typ. Vertical Axis 62 LUR23533 GaAlAs Red Water Clear 660 20 1.5 2.4 700 1100 Horizontal Axis 28 Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR23533 Page3/4 Typical Electro-Optical Characteristics Curve UR CHIP Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current Forward Current(mA) 1000 100 10 1 01 1.0 2.0 3.0 4.0 5.0 3.0 Relative Intensity Normalize @20mA 2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature 1.2 Forward Current(mA) Fig.4 Relative Intensity vs. Temperature Forward Voltage@20mA Normalize @25J Relative Intensity@20mA Normalize @25J -40 -20 0 20 40 60 80 100 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 1.1 1.0 0.9 0.8 Ambient Temperature(J ) Ambient Temperature(J ) Fig.5 Relative Intensity vs. Wavelength Relative Intensity@20mA 1.0 0.5 0.0 600 650 700 750 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR23533 Page 4/4 Reliability Test: Test Item Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Description This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed. Reference Standard MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test 1.Ta=105JO 5J 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under ondition of hogh temperature for hours. MIL-STD-883:1008 JIS C 7021: B-10 Low Temperature Storage Test 1.Ta=-40JO 5J 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. JIS C 7021: B-12 High Temperature High Humidity Test 1.Ta=65JO 5J 2.RH=90%~95% 3.t=240hrsO 2hrs The purpose of this test is the resistance of the device under tropical for hous. MIL-STD-202:103B JIS C 7021: B-11 Thermal Shock Test 1.Ta=105JO 5J &-40JO (10min) (10min) 2.total 10 cycles 5J The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Solder Resistance Test 1.T.Sol=260JO 5J 2.Dwell time= 10O 1sec. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 Solderability Test 1.T.Sol=230JO 5J 2.Dwell time=5O 1sec This test intended to see soldering well performed or not. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 |
Price & Availability of LUR23533 |