Part Number Hot Search : 
D103K LT3463A TX1298T C221M ADT731 NM3SOL3 BYV26BZ WP710
Product Description
Full Text Search
 

To Download LSGL2043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
ROUND TYPE LED LAMPS
Pb
Lead-Free Parts
LSGL2043
DATA SHEET
DOC. NO : REV. DATE : :
QW0905- LSGL2043 A 17 - Dec. - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL2043 Page 1/5
Package Dimensions
3.0 4.0
4.2
5.2
1.5MAX
25.0MIN
0.5 TYP
2.54TYP
1.0MIN
+
-
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Directivity Radiation
0 -30 30
-60
60
100% 75% 50%
25%
0
25% 50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO.LSGL2043 Page 2/5
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol SGL Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Electrostatic Discharge( * ) Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD ESD Ir Topr Tstg 30 100 120 500 50 -20 ~ +80 -30 ~ +100 mA mA mW V UNIT
A
Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Typical Electrical & Optical Characteristics (Ta=25 )
Peak Luminous Forward Viewing Dominant Spectral wave intensity voltage angle halfwidth wave length length nm @20mA(V) @20mA(mcd) 2 1/2 Pnm (deg) Dnm
PART NO
MATERIAL
COLOR
Emitted
LSGL2043
Lens 502 505 30
Typ. Max. Min. 3.5 4.2 550
Typ. 900 30
InGaN/SiC Green Water Clear
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO.LSGL2043 Page 3/5
Typical Electro-Optical Characteristics Curve
SGL CHIP
Fig.1 Forward current vs. Forward Voltage
25
Fig.2 Relative Intensity vs. Forward Current
1.5
Forward Current(mA)
20 10 15 5 0 1.5 2.0 2.5 3.0 3.5 4.0
Relative Intensity Normalize @20mA
1.0
0.5
0.0 0 5 10 15 20 25
Forward Voltage(V) Fig.3 Forward Voltage vs. Ambient Temp
40
Forward Current(mA) Fig.4 Relative Intensity vs. Ambient Temp Relative Luminous Intensity(a.u.)
2.0
Forward Current(mA)
30
1.5
20
1.0
10
0.5 0.0 25 30 35 40 45 50 55 60 65 70
0 0 20 40 60 80 100
Ambient Temperature Ta()
Ambient Temperature Ta()
Fig.5 Relative Intensity vs. Wavelength
1.0
Relative Intensity@20mA
0.8 0.6 0.4
0.2 0.0 350 400 450 500 550 600 650
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO.LSGL2043 Page 4/5
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350C Max Soldering Time:3 Seconds Max(One Time) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up 2 C/sec(max) Ramp-Down:-5C/sec(max) Solder Bath:260 C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp( C) 260 C3sec Max
260
5 /sec max
120
2 /sec max Preheat 60 Seconds Max
25 0 0
50
100
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO.LSGL2043 Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LSGL2043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X