Part Number Hot Search : 
BFG17 KV2163 2SB645 MAZX240 05024 UPA1816 MN6500KT 18107
Product Description
Full Text Search
 

To Download LPR6235-123QML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 752-1
Miniature Step-Up / Flyback Transformers
* Can be used as step-up or flyback transformers in DC-DC converters or as autotransformers * Perfect for low voltage step-up in energy harvesting applications
These shielded parts are only 3.5 mm high and 6 mm square. The excellent coupling coefficient (k = 0.95) makes them ideal for use in a variety of applications, such as flyback converters and step-up pulse transformer applications. The high Isat and low DCR ratings of these low profile parts provide high efficiency and excellent current handling in a rugged, low cost design. Custom inductance values and turn ratios are available upon request.
+
D
+ L1 L2
C VOUT
Part number1
LPR6235-253PML_ LPR6235-123QML_ LPR6235-752RML_ LPR6235-752SML_
Primary (L1) DCR max Turns inductance2 (Ohms) ratio 20% (H) L1 L2
1 : 20 1 : 50 1 : 90 1 : 100 25 12.5 7.5 7.5 0.20 0.080 0.085 0.085 58 200 267 305
SRF typ3 Isat4 (MHz) (A)
580 382 257 244 0.7 0.9 1.6 1.6
VIN
C PWM
-
-
Typical Step-Up / Flyback Converter
1. When ordering, please specify packaging code: LPR6235-253PMLC Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (350 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (1500 parts per full reel). 2. Inductance is measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR meter or equivalent. 3. SRF measured using an Agilent/HP 4191A or equivalent. 4. DC current applied to L1, at which the inductance drops 10% from its value without current. 5. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Core material Ferrite Weight 460 - 480 mg Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Winding to winding isolation 100 V Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Mean Time Between Failures (MTBF) 26,315,789 hours Failures in Time (FIT) 38 per one billion hours Packaging 350/7reel; 1500/13 reel Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.68 mm pocket depth Recommended pick and place nozzle OD: 6.2 mm; ID: 3.1 mm PCB washing Only pure water or alcohol recommended
Specifications subject to change without notice. Please check our website for latest information.
Document 752-1
Revised 10/01/09
(c) Coilcraft, Inc. 2009
Document 752-2
Step-Up / Flyback Transformers - LPR6235
Dot indicates pin 1 1 0.236 0.003 6,00 0,08 L1 2 L2 3 4
XXXX
Dash number
0.138 max 3,50 0.236 0.003 6,00 0,08
Recommended Land Pattern
3 1 4
2
0.167 0.079 4,25 2,00
1 4
0.047 1,2
45 typ 0.260 6,60
2
3
0.060 1,52
Dimensions are in
inches mm
0.079 2,00 0.167 4,25 0.260 6,60
Specifications subject to change without notice. Please check our website for latest information.
Document 752-2
Revised 10/01/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of LPR6235-123QML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X