Part Number Hot Search : 
T54FCT W53GD ACT5810 AD8337 BCM56502 CFR10XSA PSD6407 TP518
Product Description
Full Text Search
 

To Download LGSMF05CT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
LGSMF05CT1G
Thyristor Surge Protective Devices MECHANICAL CHARACTERISTICS Features
Molded JEDEC SOT-563 Package Weight 3 milligrams Availble in Lead-Free Nickel-Paladium-Gold Plating Solder Reflow Temperature: Nicker-Paladium-Gold (Ni/Pd/Au) Sn/Ag/Cu, 96/3.5/0.5:260-270 Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code & Pin One Defined By Dot on Top of Package 100 Watts Peak Pulse Power per Line (tp=8/20 Monolithic Structure Available in 4 Voltage Types :5V to 24V Low Clamping Voltage ESD Protection >40kilovolts Low Leakage Current Protects Four (4) Bidirectional Lines and Five (5) Unidirectional Lines RoHS compliant on Lead-Free Versions
Main applications
Computer Notebooks Communication Systems & Cellular Phones Printers Personal Digital Assitant(PDA) Video Equipment
IEC COMPATIBILITY (EN6100-4)
61000-4-2 (ESD): Air - 1kV, Contact- 8kV 61000-4-4 (EFT): 40A - 5/50ns
Functional diagram
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25 Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp=8/20s) See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 100 -55 to 150 -55 to 150 UNITS Watts
1/4
LESHAN RADIO COMPANY, LTD.
LGSMF05CT1G
ELECTRICAL CHARACTERISTICS PER LINE @ 25 Unless Otherwise Specified
PART NUMBER DEVICE MARKIN G RATED STANDOF F VOLTAGE MINIMUM BREAKDO WN VOLTAGE @1mA V(BR) VOLTS 6.0 13.3 16.7 26.7 MAXIMUM CLAMPIN G VOLTAGE (See Fig.2) @IP=5A VC VOLTS 9.8 MAXIMUM CLAMPIN G VOLTAGE (See Fig.2) @8/20s VC @IPP 12.0V@ 9.0A 23.8V@ 4.2A 33.3V@ 3.0A 55.5V@ 1.8A MAXIMUM LEAKAGE CURRENT @VWM ID A 1 1 1 1 TYPICAL CAPACITAN CE (See Note 1) 0V@1MHz C pF 40 20 15 10
VWM VOLTS LGSMF05CT1G LGSMF12CT1G LGSMF15CT1G LGSMF24CT1G B D F H 5.0 12.0 15.0 24.0
2/4
LESHAN RADIO COMPANY, LTD.
LGSMF05CT1G
3/4
LESHAN RADIO COMPANY, LTD.
LGSMF05CT1G
PACKAGE DIMENSIONS
DIM MIN A B C D G J K S 1.50 1.10 0.50 0.17 0.50 BSC 0.08 0.10 1.50 MILLIMETERS MAX 1.70 1.30 0.60 0.27 0.16 0.30 1.70 MIN 0.059 0.043 0.020 0.007 0.020 BSC 0.003 0.004 0.059 INCHES MAX 0.067 0.051 0.024 0.011 0.007 0.012 0.067
NOTES 1. Dimensioning tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Pin 3 is the cathode (Unidirectional Only) 4. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mountproduct is taped and reeled in accordance with EIA-481. 2. Suffix-T7=7 Inch Reel - 3,000 pieces per 8mm tape, i.e., SESMF05C-T7 3. Suffix-T13=13 Inch Reel - 10,000 pieces per 8mm tape, i.e., SESMF05C-T13. 4. Suffix-P=Lead-Free, Nickel-Paladium-Gold Plating, i.e., SESMF05C-P-T-7. Outline & Dimensions: Rev1-9/05,06051
4/4


▲Up To Search▲   

 
Price & Availability of LGSMF05CT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X