Part Number Hot Search : 
116405 OM5222SW 20N60 CTQ150 TT3BL MAX309 PA24A FA2321U
Product Description
Full Text Search
 

To Download KBL08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL005 THRU KBL10
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE:50 TO 1000V CURRENT:4.0A
FEATURE
Ideal for printed circuit board Surge overload rating:200 A peak High case dielectric strength
KBL
MECHANICAL DATA
Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Ta =40C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 4.0A DC Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =100C Operating Temperature Range Storage and Operation Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Tj Tstg
KBL 005 50 35 50
KBL 01 100 70 100
KBL 02 200 140 200
KBL 04 400 280 400 4.0 200.0 1.1
KBL 06 600 420 600
KBL 08 800 560 800
KBL 10 1000 700 1000
units V V V A A V A mA C C
10.0 1.0 -55 to +125 -55 to +150
Rev.A4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBL005 THRU KBL10
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBL08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X