Part Number Hot Search : 
STK40 DS1003 76P04 200AA TPD2005F FPD2001 202AC 1704BFA
Product Description
Full Text Search
 

To Download K7803-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K78XX-1000 Series
WIDE INPUT NON-ISOLATED & REGULATED SINGLE POSITIVE /NEGATIVE OUTPUT
multi-country patent protection RoHS
FEATURES
Efficiency up to 96% Operating temperature: -40C to +85C Pin-out compatible with LM78XX Linear Short circuit protection, thermal Shutdown Low ripple and noise Micro miniature SIP package No heat sink required Industry standard pinout MTBF>2,000,000 hours Can be used to convert a positive voltage K7803-1000 K7805-1000 K78X6-1000 K7809-1000 K7812-1000 Part Number
PRODUCT PROGRAM
Input Voltage Range (VDC) 4.75-28 4.75-25 6.5-32 7.0-27 9.0-32 7.0-25 12-32 7.0-23 16-32 7.0-20 Output Voltage (VDC) 3.3 -3.3 5.0 -5.0 6.5 -6.5 9.0 -9.0 12 -12 Current (mA) 1000 -600 1000 -600 1000 -400 1000 -400 1000 -300 Efficiency (%) Vin (min.) 90 80 93 85 94 88 95 89 96 89 Vin(max.) 83 82 88 87 90 90 92 91 94 91
into a negative voltage Only two extra capacitors are required Input voltage range can be lower than the output voltage for higher output voltages in negative application
OUTPUT SPECIFICATIONS
Item Output Voltage accuracy Line regulation Test conditions 100% full load Vin=min. to max. at full load 10% to 100% load 20MHZ bandwidth Min Typ 2 0.2 0.4 25 0.5 Internal IC junction 100% full load Positive Output Negative Output -40C to +85 C ambient 280 150 330 5 7 450 2000 8 13 0.02 1000 Max 3 0.4 0.6 35 1.8 mVp-p w
o
Units %
APPLICATIONS
The K78xx-1000 Series high efficiency switching regulators are ideally suited to replace 78xx linear regulators and are pin compatible. The efficiency of up to 96% means that very little energy is wasted as heat so there is no need for any heat sinks with their additional space and mounting costs.
Load regulation Ripple+Noise* Short Circuit Input Power Short circuit protection Thermal Shutdown Switching frequency Output Current Limit Quiescent current Temperature coefficient Max capacitance load
Continuous, automatic recovery C KHz mA mA %/C F
MODEL SELECTION
*Test ripple and noise by "parallel cable" method.
K78XX-1000
COMMON SPECIFICATION
Output Curre nt Output Voltage Product Series
Item Operating Temperature Operating Case temp. Storage Temperature Lead Temperature Cooling
Test conditions
Min -40 -55
Typ
Max 85 100 125 300
Units
o
C
1.5mm from case for 10 seconds
Free Air Convection Plastic (UL94-V0) 95 2000 3.7 % K hours g
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District,Guangzhou,China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Case Material Storage Humidity MTBF Package Weight
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Only typical models listed. If you need other model, please confirm the power, input voltage and output voltage, then phone us.
MORNSUN reserves the copyright
Specifications subject to change without notice.
K78XX-1000
A/1-2008
Page 1 of 3
TYPICAL CHARECTERISTICS
EXTERNAL CAPACITOR TABLE
Temperature Derating Graph
Part Number K7803-1000 K7805-1000 K78X6-1000 K7809-1000 K7812-1000
Operating Temp.( C )
C1,C3 (ceramic capacitor) 10uF/50V 10uF/50V 10uF/50V 10uF/50V 10uF/50V
C2,C4 (ceramic capacitor) 22uF/6.3V 22uF/10V 10uF/10V 10uF/16V 10uF/25V
TYPICAL APPLICATION CIRCUIT
APPLICATION EXAMPLE
+Vin +Vout
Vin
1
K 78XX-1000
2
3
+Vout
1 K78XX-1000 3 C3 2 C4
GND
C1 GND C2
GN D
1
K78XX-1000 3 2
GND
GND
C1
C2 -Vout
+Vin
1
K78XX-1000 2
3
C1
C2
Note: 1.C1 and C2 are required and should be fitted close to the converter pins. 2.The capacitance of C1 ,C2,C3 and C4 sees external capacitor table,it can be increased properly if required, andtantalum or low ESR electrolytic capacitors may also suffice. 3.No parallel connection or plug and play.
-Vout
STANDARD APPLICATION CIRCUIT
SIP-3 Package 11.50 (0.453)
Third Angle Projection
9.00 (0.354)
MORNSUN
(0.689) 17.50 K78XX-1000
4.10(0.161) 3.21 (0.126) 2.15 (0.085)
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm(0.039inch)
Bottom View 123
5.08 (0.020)
0.50 (0.020)
123
FOOTPRINT DETAILS
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch)
Pin 1 2 3
Positive Negative +Vin +Vin GND +Vout -Vout GND
MORNSUN reserves the copyright
Specifications subject to change without notice.
K78XX-1000
A/1-2008
Page 2 of 3
CHARACTERISTICS(POSITIVE VOLTAGE OUTPUT)
Efficiency
Efficiency(%) 100
Ripple
Ripple (mV) 40 35
90
80
70
K7803-1000 K7805-1000 K7812-1000 K78X6-1000 K7809-1000
30 25 20 15 10 K7803-1000 K7805-1000 K7812-1000 K78X6-1000 K7809-1000
60
5 0 4.75
50 4.75 8 12 16 20 24 28 32 Vin(V)
8
12
16
20
24
28
32 Vin (V)
Efficiency VS Vin(Full Load)
Ripple VS Vin ( Full Load)
Efficiency(%) 100 95 90 85 80 75 70 65 60 40 80 200 400 600 800 1000 Load(mA) Efficiency VS Load(Vin=Vin_min)
Ripple(mV) 25
20
K7803-1000 K7805-1000 K7812-1000 K78X6-1000 K7809-1000
K7803-1000 15 K7805-1000 K7812-1000 10 K78X6-1000 K7809-1000 5
0 40 80 200 400 600 800 1000 Load(mA) Ripple VS Load(Vin=Vin_min)
Efficiency(%)
Ripple(mV)
100 90 80 70 60 50 40 40 80 200 400 600 800 1000 Efficiency VS Load(Vin=Vin_max) Load(mA) K7803-1000 K7812-1000 K7805-1000 K78X6-1000 K7809-1000
40 35 30 25 20 15 10 5 0 40 80 200 400 600 800 1000 Load(mA) Ripple VS Load(Vin=24V) K7803-1000 K7805-1000 K7812-1000 K78X6-1000 K7809-1000
MORNSUN reserves the copyright
Specifications subject to change without notice.
K78XX-1000
A/1-2008
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of K7803-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X