Part Number Hot Search : 
NJM2550 MMBT3906 CSNE121 TNP50S 00LVE RD24MB 2SB852K 89XR10TR
Product Description
Full Text Search
 

To Download ITGG08R28PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ITH 08 A and ITH 08 R 90 Plug Connector with Accessory Backshell
and a Selection of Cable Clamps
ITH Rigid Insert Connectors
ITH G 08 A 28-21 P Y XXX ITH = Plastic Insert and Standard Contacts (See Notes #4, 6) Grounding Fingers (Omit for Standard) 08 = 90 Angle Plug Environmental Class A = Non-Environmental R = Environmental
L1
Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Page 6) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Page 7)
D1
L2
F
Order Cable Clamps and Sleeves Separately or Use Mod Codes (Table II) to Add Clamp to This Assembly.
IT 3057 C Cable Clamp IT 3420 Neoprene Sleeve IT 3057 A Cable Clamp
Application Notes: 1. 90 plug connector with backshell for cable clamps or BR backshells. 2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with grommet. 3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and black passivation. 4. Standard contact material consists of copper alloy with gold plating. 5. A broad range of other front and rear connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is Low fire hazard plastic UL94V0, IAW Article 3, NFF16-102, 356833.
(c) 2006 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 28
and a Selection of Cable Clamps
TABLE I: DIMENSIONS
Shell size 18 20 22 24 28 32 36 40 D1 0.2 36.2 39.8 43.0 46.4 53.0 60.0 66.2 72.3 1.0000 - 20UNEF 1.1875 - 18UNEF 1.1875 - 18UNEF 1.4375 - 18UNEF 1.4375 - 18UNEF 1.7500 - 18UNS 2.0000 - 18UNS 2.2500 - 16UN F thread L1 Max. 70.0 75.0 75.0 80.0 80.0 85.0 90.0 95.0 L2 0.2 30.0 32.0 32.0 37.0 38.0 45.5 47.2 52.0
TABLE II: MODIFICATION CODES CONTACT OPTIONS Sym Description B0 Connector less contacts Omit for standard version (Gold Plated Copper Alloy Contacts Supplied) FINISH OPTIONS Sym Description F2 F6 F8 Bright Nickel Plating Black Electrodeposited Paint Olive Drab Zn-Co Plating Omit for standard version (Cad free / black passivation Finish) N0 N1 N5 N12 ACCESSORY OPTIONS Connector less backshell Connector with IT 3057 A cable clamp Connector with IT 3057 C cable clamp Connector with IT 3057 A cable clamp and IT 3420 neoprene sleeve Omit for standard version
(c) 2006 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com 29
ITH Rigid Insert Connectors
ITH 08 A and ITH 08 R 90 Plug Connector with Accessory Backshell


▲Up To Search▲   

 
Price & Availability of ITGG08R28PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X