Part Number Hot Search : 
IC18F 1N4001L SFF10 100PF CR22J 01502 HV9982 7139A
Product Description
Full Text Search
 

To Download ISL54222AIRU1Z-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL54222A
Data Sheet May 13, 2009 FN6902.0
High-Speed USB 2.0 (480Mbps) Multiplexer
The Intersil ISL54222A is a single supply dual 2:1 multiplexer that can operate from a single 1.8V to 3.3V supply. It contains two SPDT (Single Pole/Double Throw) switches configured as a DPDT. The part was designed for switching or routing of USB High-Speed signals and/or USB Full-speed signals in portable battery powered products. The 5.7 switches can swing rail-to-rail and were specifically designed to pass USB full speed data signals that range from 0V to 3.3V and USB high speed data signals that range from 0V to 400mV with a single supply as low as 1.8V. They have high bandwidth and low capacitance to pass USB high speed data signals with minimal distortion. The part can be used in Personal Media Players and other portable battery powered devices that need to route USB high-speed signals or full-speed signals to different transceiver sections of the device while connected to a single USB host (computer). The digital logic inputs are 1.8V logic compatible when operated with a 1.8V to 3.3V supply. The ISL54222A has an output enable pin to open all the switches and puts the part in a low power state. It can be used to facilitate proper bus disconnect and connection when switching between the USB sources. The ISL54222A is available in 10 Ld 1.8mmx1.4mm TQFN, 10 Ld 2.1mmx1.6mm TQFN, 10 Ld TDFN and 10Ld MSOP packages. It operates over a temperature range of -40 to +85C.
Features
* High-Speed (480Mbps) and Full-Speed (12Mbps) Signaling Capability per USB 2.0 * 1.8V Logic Compatible * Low Power All Off State * Power OFF Protection * D-/D+ Pins Overvoltage Tolerant to 5.5V * -3dB Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . 780MHz * Low ON Capacitance. . . . . . . . . . . . . . . . . . . . . . . . 6.7pF * Low ON-Resistance. . . . . . . . . . . . . . . . . . . . . . . . . . 5.7 * Single Supply Operation (VDD) . . . . . . . . . . . . 1.8V to 3.3V * Available in TQFN, TDFN, MSOP Packages * Pb-Free (RoHS Compliant) * Compliant with USB 2.0 Short Circuit and Overvoltage Requirements Without Additional External Components * HBM ESD Performance I/O to GND . . . . . . . . . . . >12kV
Applications
* MP3 and other Personal Media Players * Cellular/Mobile Phones * PDA's * Digital Cameras and Camcorders * USB Switching
Application Block Diagram
CONTROLLER VDD SEL VBUS USB CONNECTOR
ISL54222A
LOGIC CIRCUITRY
OE
D-
HSD1DHSD1+
USB HIGH-SPEED OR FULL-SPEED TRANSCEIVER #1
D+
D+
HSD2HSD2+ GND
GND
USB HIGH_SPEED OR FULL-SPEED TRANSCEIVER #2 PORTABLE MEDIA DEVICE
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL54222A Pinouts
(10 LD 1.8X1.4 TQFN) TOP VIEW
HSD17 OE 8 LOGIC CONTROL VDD 9 SEL 10 1 HSD1+ 2 HSD2+ GND 5 6 DHSD26 5 4 3 DHSD1+ GND HSD2+ D+ D+ 4 7 HSD23 8 HSD12 9 OE SEL 1
(10 LD 3X3 TDFN, 10LD MSOP) TOP VIEW
LOGIC CONTROL
10 VDD
(10 LD 2.1X1.6 TQFN) TOP VIEW
VDD 10 LOGIC CONTROL
SEL HSD1+ HSD2+
1 2 3 4
9 8 7 6
OE HSD1-
HSD2D-
D+
5 GND
NOTE: 1. Switches Shown for SEL = Logic "1" and OE = Logic "0".
Truth Table
OE 0 0 1 SEL 0 1 X HSD1-, HSD1+ ON OFF OFF HSD2-, HSD2+ OFF ON OFF
Pin Descriptions
PIN NAME VDD GND SEL OE DESCRIPTION Power Supply Ground Connection Select Logic Control Input Bus Switch Enable
NOTE: Logic "0" when 0.5V, Logic "1" when 1.4V with a 1.8V to 3.3V Supply.
D+, D-, HSDx+, HSDx- USB Data Port
2
FN6902.0 May 13, 2009
ISL54222A Ordering Information
PART NUMBER ISL54222AIRUZ-T* (Note 2) ISL54222AIRU1Z-T* (Note 2) ISL54222AIRTZ (Note 3) ISL54222AIRTZ-T* (Note 3) ISL54222AIUZ (Note 3) ISL54222AIUZ-T* (Note 3) ISL54222AIRUEVAL1Z PART MARKING X GS 222A 222A 4222A 4222A Evaluation Board TEMP. RANGE (C) -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 PACKAGE (Pb-Free) 10 Ld 1.8x1.4mm TQFN (Tape and Reel) 10 Ld 2.1x1.6mm TQFN (Tape and Reel) 10 Ld 3x3 TDFN 10 Ld 3x3 TDFN (Tape and Reel) 10 Ld MSOP 10 Ld MSOP (Tape and Reel) PKG. DWG. # L10.1.8x1.4A L10.2.1x1.6A L10.3x3A L10.3x3A M10.118 M10.118
*Please refer to TB347 for details on reel specifications. NOTES: 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3
FN6902.0 May 13, 2009
ISL54222A
Absolute Maximum Ratings
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3.5V Input Voltages HSD2x, HSD1x (Note 4). . . . . . . . . . . . . . . . . . . . . . . - 0.3V to 6V SEL, OE (Note 4) . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V) Output Voltages D+, D- (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V Continuous Current (HSD2x, HSD1x) . . . . . . . . . . . . . . . . . . 40mA Peak Current (HSD2x, HSD1x) (Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . 100mA ESD Rating: Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>8kV Human Body Model, ( I/O pins to GND) . . . . . . . . . . . . . . . .>12kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >2.2kV
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) 10 Ld TDFN Package (Notes 6, 7). . . . 55 18 10 Ld MSOP Package (Note 5) . . . . . . 165 N/A 10 Ld 2.1x1.6 TQFN Package (Note 5) 155 Maximum Junction Temperature (Plastic Package). . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . . . -65C to +150C
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . 1.8V to 3.3V Logic Control Input Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 4. Signals on HSD1x, HSD2x, D+,D- exceeding GND by specified amount are clamped. Signals on OE and SEL exceeding VDD or GND by specified amount are clamped. Limit current to maximum current ratings. 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 7. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 1.8V to 3.3V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH = 1.4V, VOEL = 0.5V, (Note 8), Unless Otherwise Specified. PARAMETER ANALOG SWITCH CHARACTERISTICS ON-Resistance, rON (High-Speed) VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA, VHSD1x or VHSD2 x = 0V to 400mV (see Figure 3, Note 13) rON Matching Between Channels, VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA, rON (High-Speed) VHSD1x or VHSD2 x = Voltage at max rON, (Notes 12, 13) rON Flatness, RFLAT(ON) (High-Speed) OFF Leakage Current, IHSD1x(OFF) VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA, VHSD1x or VHSD2 x = 0V to 400mV, (Notes 11, 13) VDD = 3.3V, SEL = VDD and OE = 0V or OE = VDD, VDx = 0.3V, 3V, VHSD1X = 3V, 0.3V, VHSD2x = 0.3V, 3V 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full DYNAMIC CHARACTERISTICS Turn-ON Time, tON Turn-OFF Time, tOFF VDD = 3.3V, Vinput = 3V, RL = 500, CL = 50pF (Figure 1) VDD = 3.3V, Vinput = 3V, RL = 500, CL = 50pF (Figure 1) 25 25 25 25 17 17 ns ns ns -15 -20 -20 -25 -15 -20 -20 -25 5.7 0.072 0.60 0.35 5 0.26 4.4 0.008 8 10 0.5 0.55 0.9 1 15 20 20 25 15 20 20 25 0.025 0.65 nA nA nA nA nA nA nA nA A A TEST CONDITIONS TEMP MIN (C) (Notes 9, 10) TYP MAX (Notes 9, 10) UNITS
ON Leakage Current, IHSD1x(ON) VDD = 3.3V, SEL = OE = 0V, VDx = 0.3V, 3V, VHSD1X = 0.3V, 3V, VHSD2x = 3V, 0.3V OFF Leakage Current, IHSD2x(OFF) VDD = 3.3V, SEL = OE = 0V or OE = VDD, VDx = 3V, 0.3V, VHSD2x = 0.3V, 3V, VHSD1X = 3V, 0.3V
ON Leakage Current, IHSD2x(ON) VDD = 3.3V, SEL = VDD, OE = 0V, VDx= 0.3V, 3V, VHSD2x = 0.3V, 3V, VHSD1X = 3V, 0.3V Power OFF Leakage Current, IOFF VDD = 0V, VD+ = 0V to 5.25V, VD-= 0V to 5.25V
Break-Before-Make Time Delay, tD VDD = 3.3V, Vinput = 3V, RL = 500, CL = 50pF (Figure 2)
4
FN6902.0 May 13, 2009
ISL54222A
Electrical Specifications - 1.8V to 3.3V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH = 1.4V, VOEL = 0.5V, (Note 8), Unless Otherwise Specified. (Continued) PARAMETER Turn-ON Enable Time, tENABLE TEST CONDITIONS VDD = 3.3V, Vinput = 3V, RL = 15K, CL = 50pF, Time out of All-Off state TEMP MIN (C) (Notes 9, 10) 25 25 TYP 37 96 MAX (Notes 9, 10) UNITS ns ns
Turn-OFF Disable Time, tDISABLE VDD = 3.3V, Vinput = 3V, RL = 15k, CL = 50pF, Time into All-Off state, Time is highly dependent on the load (RL, CL) time constant. Skew, (tSKEWOUT - tSKEWIN) VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45, CL = 10pF, tR = tF = 500ps at 480Mbps, (Duty Cycle = 50%) (Figure 6) VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45, CL = 10pF, (Figure 6) VDD = 3.3V, RL = 50, f = 240MHz (see Figure 5) VDD = 3.3V, OE = 3.3V, RL = 50, f = 240MHz Signal = 0dBm, 0.2VDC offset, RL = 50 f = 1MHz, VDD = 3.3V, SEL = 0V, OE = 3.3V, VHSD1x or VHSD2x = VDx = 0V (Figure 4) f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, VHSD1x or VHSD2x = VDx = 0V (Figure 4)
25
-
50
-
ps
Rise/Fall Degradation (Propagation Delay), tPD Crosstalk OFF-Isolation -3dB Bandwidth OFF Capacitance, CHSxOFF COM ON Capacitance, CDX(ON)
25 25 25 25 25 25
-
250 -31 -28 780 2.6 6.7
-
ps dB dB MHz pF pF
POWER SUPPLY CHARACTERISTICS Power Supply Range, VDD Positive Supply Current, IDD VDD = 3.3V, SEL = 0V or VDD, OE = 0V Full 25 Full Positive Supply Current, IDD (Low Power State) Positive Supply Current, IDD VDD = 3.3V, SEL = 0V or VDD, OE = VDD 25 Full VDD = 1.8V, SEL = 0V, OE = 0V 25 Full Positive Supply Current, IDD (Low Power State) VDD = 1.8V, SEL = 0V, OE = VDD 25 Full 1.8 32 0.77 5.8 0.12 3.3 43 50 1 1.5 7.8 8.3 0.3 1 V A A A A A A A A
DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VSELL, VOEL VDD = 1.8V to 3.3V Full Full Full Full Full 1.4 170 -1.4 -1.4 0.5 VDD V V nA nA nA
Input Voltage High, VSELH, VOEH VDD = 1.8V to 3.3V Input Current, ISELL, IOEL Input Current, ISELH Input Current, IOEH NOTES: VDD = 3.3V, SEL = 0V, OE = 0V VDD = 3.3V, SEL = 3.3V VDD = 3.3V, OE = 3.3V
8. VLOGIC = Input voltage to perform proper function. 9. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 10. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 11. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range 12. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value, between HSD2+ and HSD2- or between HSD1+ and HSD1-. 13. Limits established by characterization and are not production tested.
5
FN6902.0 May 13, 2009
ISL54222A Test Circuits and Waveforms
VDD LOGIC INPUT 50% 0V tOFF SWITCH V INPUT INPUT 90% SWITCH OUTPUT 0V tON VOUT 90% VIN VINPUT SWITCH INPUT HSDxx Dx SEL GND OE RL 500 CL 50pF VOUT tr < 20ns tf < 20ns VDD C
Logic input waveform is inverted for switches that have the opposite logic sense.
Repeat test for all switches. CL includes fixture and stray capacitance. RL ----------------------V OUT = V (INPUT) R + r L ON FIGURE 1B. TEST CIRCUIT
FIGURE 1A. MEASUREMENT POINTS FIGURE 1. SWITCHING TIMES
VDD
C
LOGIC INPUT
VDD 0V VINPUT HSD2x HSD1x SEL Dx RL 500 GND OE VOUT CL 50pF
SWITCH OUTPUT VOUT
10% 0V tD
VIN
Repeat test for all switches. CL includes fixture and stray capacitance. FIGURE 2A. MEASUREMENT POINTS FIGURE 2. BREAK-BEFORE-MAKE TIME
VDD C
FIGURE 2B. TEST CIRCUIT
rON = V1/40mA
HSDx
VHSDX V1 40mA SEL OV OR VDD
Dx
GND
OE
Repeat test for all switches.
FIGURE 3. rON TEST CIRCUIT
6
FN6902.0 May 13, 2009
ISL54222A Test Circuits and Waveforms (Continued)
VDD C VDD C
HSDxx
SIGNAL GENERATOR SEL
HSD1x
Dx
50
IMPEDANCE ANALYZER Dx GND OE
SEL 0V OR VDD VIN Dx RL GND HSD2x OE
ANALYZER
NC
Repeat test for all switches. Signal direction through switch is reversed, worst case values are recorded. Repeat test for all switches.
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. CROSSTALK TEST CIRCUIT
VDD
C
tri 90% DIN+ DIN10% 50% tskew_i 90% 50% 10% tfi tro 90% OUT+ OUT10% 50% tskew_o 90% tf0 50% 10% GND |tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals. |tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals |tskew_0| Change in Skew through the Switch for Output Signals. |tskew_i| Change in Skew through the Switch for Input Signals. DINDIN+ 143 15.8 143 COMD1 OE D1 CL VIN 15.8 SEL COMD2 D2 CL OUT+ 45 OUT45
FIGURE 6A. MEASUREMENT POINTS FIGURE 6. SKEW TEST
FIGURE 6B. TEST CIRCUIT
7
FN6902.0 May 13, 2009
ISL54222A Application Block Diagram
CONTROLLER VDD
ISL54222A
SEL VBUS USB CONNECTOR LOGIC CIRCUITRY
OE
D-
HSD1DHSD1+
USB HIGH-SPEED OR FULL-SPEED TRANSCEIVER #1 USB HIGH_SPEED OR FULL-SPEED TRANSCEIVER #2 PORTABLE MEDIA DEVICE
D+
D+
HSD2HSD2+ GND
GND
Detailed Description
The ISL54222A device is a dual single pole/double throw (SPDT) analog switch configured as a DPDT that operates from a single DC power supply in the range of 1.8V to 3.3V. It was designed to function as a dual 2-to-1 multiplexer to select between two USB high-speed differential data signals in portable battery powered products. It is offered in MSOP, TDFN and small TQFN packages for use in MP3 players, cameras, PDAs, cellphones, and other personal media players. The device has an enable pin to open all switches and put the part in a low power down state. The part consists of four 5.7 high speed (HSx) switches. These switches have high bandwidth and low capacitance to pass USB high-speed (480Mbps) differential data signals with minimal edge and phase distortion. They can also swing from 0V to 3.3V to pass USB full speed (12Mbps) differential data signals with minimal distortion. The ISL54222A was designed for MP3 players, cameras, cellphones, and other personal media player applications that have multiple high-speed or full-speed transceivers sections and need to multiplex between these USB sources to a single USB host (computer). A typical application block diagram of this functionality is previously shown. A detailed description of the HS switches is provided in the following section.
high speed signal transitions. As the signal level increases, the rON switch resistance increases. With supply of 1.8V, the switch resistance with the signal level at the rail is nominally 12. See Figures 7, 8, 9, 10, 11 and 12 in the "Typical Performance Curves" beginning on page 10. The HSx switches were specifically designed to pass USB 2.0 high-speed (480Mbps) differential signals in the range of 0V to 400mV. They have low capacitance (6.7pF) and high bandwidth to pass the USB high-speed signals with minimum edge and phase distortion to meet USB 2.0 high speed signal quality specifications. See Figure 13 in the "Typical Performance Curves" on page 11 for USB High-speed Eye Pattern taken with switches in the differential signal paths. The HSx switches can also pass USB full-speed signals (12Mbps) with minimal distortion and meet all the USB requirements for USB 2.0 full-speed signaling. See Figures 14 and 15 in the "Typical Performance Curves" on page 12 for USB Full-speed Eye Patterns taken with switches in the differential signal paths. The maximum normal operating signal range for the HSx switches is from 0V to 3.3V. The signal voltage should not be allowed to exceed 3.3V or go below ground by more than -0.3V for normal operation. However, in the event that the USB 5.25V VBUS voltage gets shorted to one or both of the D-/D+ pins, the ISL54222A has special fault protection circuitry to prevent damage to the ISL54222A part. The fault circuitry allows the signal pins (D-, D+, HSD1-, HSD1+, HSD2-, HSD2+) to be driven up to 5.5V while the VDD supply voltage is in the range of 0V to 3.3V. In this condition, the part draws < 300A of IDD current and causes no stress to the IC. In addition, when VDD is at 0V (ground) all switches are OFF and the fault voltage is isolated from the other side of the switch. When VDD is in the range of
High-Speed (HSx) Switches
The HSx switches (HSD1-, HSD1+, HSD2-, HSD2+) are bi-directional switches that can pass 0V to 3.3V signals. When powered with a 1.8V supply, these switches have a nominal rON of 5.7 over the signal range of 0V to 400mV with a rON flatness of 0.60. The rON matching between the HSD1 and HSD2 switches over this signal range is only 0.072, ensuring minimal impact by the switches to USB
8
FN6902.0 May 13, 2009
ISL54222A
1.8V to 3.3V, the fault voltage will pass through to the output of an active switch channel. During the fault condition normal operation is not guaranteed until the fault is removed. See the following "USB 2.0 VBUS Short Requirements" section. The HS1 channel switches are active (turned ON) whenever the SEL voltage is logic"0"(Low) and the OE voltage is logic"0"(Low). The HS2 channel switches are active (turned ON) whenever the SEL voltage is logic "1" (High) and the OE voltage is logic "0" (Low). established between the USB 1 transceiver section of the media player and the computer. The device transceiver 1 will be able to transmit and receive data from the computer. HSD2 USB Channel If the SEL pin = Logic "1" and the OE pin = Logic "0", high-speed Channel 2 will be ON. The HSD2- and HSD2+ switches are ON and the HSD1- and HSD1+ switches are OFF (high impedance). When a USB cable from a computer or USB hub is connected at the common USB connector and the part has Channel 2 active, a link will be established between the USB 2 transceiver section of the media player and the computer. The device transceiver 2 will be able to transmit and receive data from the computer. ALL SWITCHES OFF / LOW POWER MODE If the SEL pin = Logic "0" or Logic "1" and the OE pin = Logic "1", all of the switches will turn OFF (high impedance) and the part will be put in a low power mode. In this mode the part draws only 1.5A (max) of current across the operating temperature range. The all OFF state can be used to switch between the two USB sections of the media player. When disconnecting from one USB device to the other USB device, you can momentarily put the ISL54222A switch in the "all off" state in order to get the computer to disconnect from the one device so it can properly connect to the other USB device when that channel is turned ON.
ISL54222A Operation
The following will discuss using the ISL54222A shown in the "Application Block Diagram" on page 8. POWER The power supply connected at the VDD pin provides the DC bias voltage required by the ISL54222A part for proper operation. The ISL54222A can be operated with a VDD voltage in the range of 1.8V to 3.3V. A 0.01F or 0.1F decoupling capacitor should be connected from the VDD pin to ground to filter out any power supply noise from entering the part. The capacitor should be located as close to the VDD pin as possible. LOGIC CONTROL The state of the ISL54222A device is determined by the voltage at the SEL pin and the OE pin. SEL is only active when the OE pin is logic "0" (Low). Refer to "Truth Table" on page 2. The ISL54222A logic pins are designed to minimize current consumption when the logic control voltage is lower than the VDD supply voltage. With VDD = 3.3V and logic pins at 1.4V, the part typically draws only 6.6A. With VDD = 1.8V and logic pins at 1.4V, the part typically draws only 0.2A. Driving the logic pins to the VDD supply rail minimizes power consumption. The logic pins must be driven High or Low and must not float. LOGIC CONTROL VOLTAGE LEVELS With VDD supply voltage in the range of 1.8V to 3.3V the logic levels are: OE = Logic "0" (Low) when VOE 0.5V OE = Logic "1" (High) when VOE 1.4V SEL = Logic "0" (Low) when VSEL 0.5V SEL = Logic "1" (High) when VSEL 1.4V HSD1 USB CHANNEL If the SEL pin = Logic "0" and the OE pin = Logic "0", high-speed Channel 1 will be ON. The HSD1- and HSD1+ switches are ON and the HSD2- and HSD2+ switches are OFF (high impedance). When a computer or USB hub is plugged into the common USB connector and Channel 1 is active, a link will be
USB 2.0 VBUS Short Requirements
The USB 2.0 specification in chapter 7, section 7.1.1 states a USB device must be able to withstand a VBUS short to the D+ or D- signal lines when the device is either powered off or powered on for at least 24 hours. The ISL54222A part has special fault protection circuitry to meet these short circuit requirements. The fault protection circuitry allows the signal pins (D-, D+, HSD1-, HSD1+, HSD2-, HSD2+) to be driven up to 5.5V while the VDD supply voltage is in the range of 0V to 3.3V. In this overvoltage condition, the part draws < 300A of IDD current and causes no stress or damage to the IC. In addition, when VDD is at 0V (ground), all switches are OFF and the shorted VBUS voltage is isolated from the other side of the switch. When VDD is in the range of 1.8V to 3.3V, the shorted VBUS voltage will pass through to the output of an active (turned ON) switch channel but not through a turned OFF channel. Any components connected on the active channel must be able to withstand the overvoltage condition. Note: During the fault condition, normal operation of the USB channel is not guaranteed until the fault condition is removed.
9
FN6902.0 May 13, 2009
ISL54222A
Typical Performance Curves TA = +25C, Unless Otherwise Specified
6.0 ICOM = 40mA 5.5 1.8V 5.0 rON () 2.7V 10 rON () 1.8V 8 2.7V 6 3.3V 3.5 3.0V 4 3.0V 12 14 ICOM = 1mA
4.5
4.0
3.3V
3.0 0 0.1 0.2 VCOM (V) 0.3 0.4
2 0 0.5 1.0 1.5 2.0 VCOM (V) 2.5 3.0 3.3
FIGURE 7. ON-RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE
8 V+ = 1.8V ICOM = 40mA 7 +85C 6
FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE
16 14 12 +85C 10 +25C -40C rON () V+ = 1.8V ICOM = 1mA
rON ()
5
+25C
8 6 4
4
-40C
3 2 2 0 0.1 0.2 VCOM (V) 0.3 0.4 0
0
0.2
0.4
0.6
0.8 1.0 VCOM (V)
1.2
1.4
1.6
1.8
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE
5.5 5.0 4.5 rON () 4.0 3.5 3.0 2.5 2.0 0 0.1 0.2 VCOM (V) 0.3 0.4 -40C V+ = 3.3V ICOM = 40mA
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
9 V+ = 3.3V ICOM = 1mA +85C +25C -40C
+85C
8 7
+25C rON ()
6 5 4 3 2 1 0 0 0.5 1.0 1.5 VCOM (V) .0 2.5
3.0
3.3
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
10
FN6902.0 May 13, 2009
ISL54222A Typical Performance Curves TA = +25C, Unless Otherwise Specified (Continued)
VDD = 1.8V
VOLTAGE SCALE (0.1V/DIV)
TIME SCALE (0.2ns/DIV)
FIGURE 13. EYE PATTERN: 480Mbps WITH USB SWITCHES IN THE SIGNAL PATH
11
FN6902.0 May 13, 2009
ISL54222A Typical Performance Curves TA = +25C, Unless Otherwise Specified (Continued)
VDD = 1.8V
VOLTAGE SCALE (0.5V/DIV)
TIME SCALE (10ns/DIV)
FIGURE 14. EYE PATTERN: 12Mbps WITH USB SWITCHES IN THE SIGNAL PATH
VDD = 3.3V
VOLTAGE SCALE (0.5V/DIV)
TIME SCALE (10ns/DIV) FIGURE 15. EYE PATTERN: 12Mbps WITH USB SWITCHES IN THE SIGNAL PATH
12
FN6902.0 May 13, 2009
ISL54222A Typical Performance Curves TA = +25C, Unless Otherwise Specified (Continued)
1 0 -1 NORMALIZED GAIN (dB) -2 -3 -4 NORMALIZED GAIN (dB) -10 -20 -30 -40 -50 -60 -70 -80 -90 1M 10M 100M 1G -100 -110 0.001 RL = 50 VIN = 0dBm, 0.2VDC BIAS
RL = 50 VIN = 0dBm, 0.2VDC BIAS
FREQUENCY (Hz)
FIGURE 16. FREQUENCY RESPONSE
0.01
0.1 1 10 FREQUENCY (MHz)
100
500
FIGURE 17. OFF-ISOLATION
-20 -30 -40 -50 -60 -70 -80 -90 -100 -110 0.001
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: 325 PROCESS: Submicron CMOS
NORMALIZED GAIN (dB)
0.01
0.1
1
10
100
500
FREQUENCY (MHz)
FIGURE 18. CROSSTALK
13
FN6902.0 May 13, 2009
ISL54222A Mini Small Outline Plastic Packages (MSOP)
N
M10.118 (JEDEC MO-187BA)
10 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
E1 -B12 TOP VIEW 0.25 (0.010) GAUGE PLANE SEATING PLANE -CL L1 4X R1 R 0.20 (0.008) ABC E
INCHES SYMBOL A A1 A2 b c D
4X
MILLIMETERS MIN 0.94 0.05 0.75 0.18 0.09 2.95 2.95 4.75 0.40 10 0.07 0.07 5o 0o 15o 6o MAX 1.10 0.15 0.95 0.27 0.20 3.05 3.05 5.05 0.70 NOTES 9 3 4 6 7 Rev. 0 12/02
MIN 0.037 0.002 0.030 0.007 0.004 0.116 0.116 0.187 0.016 10 0.003 0.003 5o 0o
MAX 0.043 0.006 0.037 0.011 0.008 0.120 0.120 0.199 0.028
INDEX AREA
E1 e E L L1 N R R1
-B-
A
A2
0.020 BSC
0.50 BSC
A1
-He D
b
0.10 (0.004) -A0.20 (0.008)
C
SEATING PLANE
0.037 REF
0.95 REF
C a C L E1
C
SIDE VIEW
15o 6o
0.20 (0.008)
CD
END VIEW
NOTES: 1. These package dimensions are within allowable dimensions of JEDEC MO-187BA. 2. Dimensioning and tolerancing per ANSI Y14.5M-1994. 3. Dimension "D" does not include mold flash, protrusions or gate burrs and are measured at Datum Plane. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions and are measured at Datum Plane. - H - Interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. Formed leads shall be planar with respect to one another within 0.10mm (.004) at seating Plane. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimension at maximum material condition. Minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. Datums -A -H- . and - B to be determined at Datum plane
11. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only
14
FN6902.0 May 13, 2009
ISL54222A Ultra Thin Quad Flat No-Lead Plastic Package (UTQFN)
D A B
L10.1.8x1.4A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE MILLIMETERS SYMBOL MIN 0.45 NOMINAL 0.50 0.127 REF 0.15 1.75 1.35 0.20 1.80 1.40 0.40 BSC 0.35 0.45 0.40 0.50 10 2 3 0 12 0.45 0.55 0.25 1.85 1.45 MAX 0.55 0.05 NOTES 5 2 3 3 4 Rev. 3 6/06 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on D and E side, respectively. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Maximum package warpage is 0.05mm. 8. Maximum allowable burrs is 0.076mm in all directions.
6 INDEX AREA 2X 2X 0.10 C
N
E
1 0.10 C
2
A A1
TOP VIEW
A3 b
0.10 C 0.05 C SEATING PLANE A1 SIDE VIEW A
D
C
E e L L1 N
(DATUM A) PIN #1 ID L1 NX L 1 2 NX b 5 10X 0.10 M C A B 0.05 M C 5 7 e BOTTOM VIEW (DATUM B)
Nd Ne
NX (b) 5
(A1)
C L
L SECTION "C-C" CC e TERMINAL TIP
9. JEDEC Reference MO-255. 10. For additional information, to assist with the PCB Land Pattern Design effort, see Intersil Technical Brief TB389.
1.00
2.20 1.00 0.60
0.50 1.80 0.40 0.20 0.40 10 LAND PATTERN 0.20
15
FN6902.0 May 13, 2009
ISL54222A Ultra Thin Quad Flat No-Lead Plastic Package (UTQFN)
D A B
L10.2.1x1.6A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE MILLIMETERS SYMBOL MIN 0.45 NOMINAL 0.50 0.127 REF 0.15 2.05 1.55 0.20 2.10 1.60 0.50 BSC 0.20 0.35 0.40 10 4 1 0 12 0.45 0.25 2.15 1.65 MAX 0.55 0.05 NOTES 5 2 3 3 4 Rev. 3 6/06 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on D and E side, respectively. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Maximum package warpage is 0.05mm. 8. Maximum allowable burrs is 0.076mm in all directions. 9. Same as JEDEC MO-255UABD except: No lead-pull-back, "A" MIN dimension = 0.45 not 0.50mm "L" MAX dimension = 0.45 not 0.42mm. 10. For additional information, to assist with the PCB Land Pattern Design effort, see Intersil Technical Brief TB389.
2.50 1.75
6 INDEX AREA 2X 2X 0.10 C
N
E
1 0.10 C
2
A A1
TOP VIEW
A3 b
0.10 C 0.05 C SEATING PLANE A1 SIDE VIEW (DATUM A) PIN #1 ID 1 2 NX L N (DATUM B) N-1 e 3 (ND-1) X e BOTTOM VIEW C L NX (b) 5 SECTION "C-C" CC e (A1) NX b 5 A
C
D E e k L N
4xk
Nd Ne
0.10 M C A B 0.05 M C
L
TERMINAL TIP
FOR ODD TERMINAL/SIDE
b
0.05 MIN
L 2.00 0.80
0.275
0.10 MIN DETAIL "A" PIN 1 ID 0.50
0.25
LAND PATTERN 10
16
FN6902.0 May 13, 2009
ISL54222A Thin Dual Flat No-Lead Plastic Package (TDFN)
2X 0.10 C A A D 2X 0.10 C B
L10.3x3A
10 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE MILLIMETERS SYMBOL A A1
E
MIN 0.70 -
NOMINAL 0.75 0.20 REF
MAX 0.80 0.05
NOTES -
6 INDEX AREA TOP VIEW B
A3 b D D2 E
// A 0.10 C 0.08 C
0.20 2.95 2.25 2.95 1.45
0.25 3.0 2.30 3.0 1.50 0.50 BSC
0.30 3.05 2.35 3.05 1.55
5, 8 7, 8 7, 8 -
E2 e k
0.25 0.25
0.30 10 5
0.35
8 2 3 Rev. 3 3/06
C SEATING PLANE
SIDE VIEW
A3
L N
D2 (DATUM B) 1 2 D2/2
7
8
Nd NOTES:
6 INDEX AREA (DATUM A)
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
NX k E2 E2/2
2. N is the number of terminals. 3. Nd refers to the number of terminals on D. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
NX L N 8 N-1 NX b e (Nd-1)Xe REF. BOTTOM VIEW C L NX (b) 5 SECTION "C-C" CC e TERMINAL TIP (A1) L1 9L 5 0.10 M C A B
7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Compliant to JEDEC MO-229-WEED-3 except for D2 dimensions.
FOR ODD TERMINAL/SIDE
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 17
FN6902.0 May 13, 2009


▲Up To Search▲   

 
Price & Availability of ISL54222AIRU1Z-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X