Part Number Hot Search : 
1200AP ZTX690B 07M00 74VHC MB960F 2SD13 ULC230 SFF2004
Product Description
Full Text Search
 

To Download HV731JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV73
resistors
flat chip resistors for high voltage
EU
features * Superior to RK73 series in maximum working voltage * Suitable for flow and reflow solderings * Marking: White three-digit on black protective coat 1J: no marking * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
dimensions and construction
c L c
Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t
W Solder Plating t d Protective Coating Resistive Inner Film Electrode Ni Plating
1J (0603) 2A (0805) 2B (1206) 2H (2010) 3A (2512)
.063.008 .031.004 .012.004 .012.004 .018.004 (1.60.2) (0.80.1) (0.30.1) (0.30.1) (0.450.1) .079.008 .049.004 .016.008 (2.00.2) (1.250.1) (0.40.2) .126.008 .063.008 (1.60.2) (3.20.2) .197.008 .098.008 (2.50.2) (5.00.2) .248.008 .122.008 (3.10.2) (6.30.2) .02.012 (0.50.3) .02.012 (0.50.3) .02.012 (0.50.3) .012 (0.3 .016 (0.4 .016
+.008 -.004 +0.2 ) -0.1 +.008 -.004 +0.2 ) -0.1
.02.004 (0.50.1) .024.004 (0.60.1) .024.004 (0.60.1) .024.004 (0.60.1)
Ceramic Substrate
+.008 -.004 +0.2 ) (0.4 -0.1 .016 +.008 -.004 (0.4 +0.2 ) -0.1
ordering information
New Part # HV73 Type 2B Size 1J: 0.1W 2A: 0.125W 2B: 0.25W 2H: 0.5W 3A: 1W T Termination Material T: Sn TD Packaging
TD: 0603, 0805, 1206: 7" 2mm pitch punched paper TDD: 0603, 0805, 1206: 10" paper tape TE: 2010 & 2512: 7" punched plastic TED: 2010 & 2512: 10" punched plastic For further information on packaging, please refer to Appendix A
1004 Nominal Resistance 0.5%, 1%: 3 significant figures + 1 multiplier 2%, 5%: 2 significant figures + 1 multiplier
F Resistance Tolerance D: 0.5% F: 1% G: 2% J: 5%
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
28
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
HV73
flat chip resistors for high voltage applications and ratings
Part Designation 1J 2A 2B 2H 3A Power Rating @ 70C 0.1W 0.125W 0.25W 0.5W 1W T.C.R. (ppm/C) Max. 100**
100 200 100 200 100 200 100 200
Resistance Range E-24 (D0.5%)
-- 100k - 1M -- 100k - 1M -- 100k - 1M -- 43k - 1M --
E-24 (F1%) 10k - 10M
100k - 10M -- 100k - 10M -- 100k - 10M -- 43k - 10M 11M - 20M
E-24 (G2%) 10k - 10M
100k - 10M -- 100k - 10M -- 100k - 10M -- 43k - 10M 11M - 20M
E-24 (J5%) 10k - 10M
100k - 10M 11M - 51M 100k - 10M 11M - 51M 100k - 10M 11M - 51M 43k - 10M 11M - 51M
Absolute Maximum Working Voltage 350V 400V 500V 2000V(*D.C.) 3000V(*D.C.)
Maximum Overload Voltage (D.C.)* 500V* 800V* 1000V* 3000V* 4000V*
Operating Temperature Range
-55C to +155C
* AC Voltage Reference: When using for A.C. Voltage, use the peek A.C. Voltage, which should not exceed the Maximum DC Overload Voltage (Max. DC Voltage/ 2) ** Cold T.C.R. of 1.1M ~ 10M is +200x10-6/K
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20 -55
0
80 100 120 140 160 70 155 Ambient Temperature (C)
20
40
60
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure Requirement R Limit Typical Within regulated -- tolerance Within specified -- T.C.R. 2% 0.5% 1% 0.5% 0.5%, 1%* 0.3%, 0.5%** 2% 0.75% 2% 0.75% 2% 0.3% Test Method 25C +25C/-55C and +25C/+125C Rated Voltage (D.C.) x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 100 cycles 40C 2C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +155C, 1000 hours
* 0.5%: (100kR10M), 1%: (11MR51M) ** 0.3%: (100kR10M, 0.5%: (11MR51M)
Additional environmental applications can also be found at www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/07/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
29
resistors


▲Up To Search▲   

 
Price & Availability of HV731JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X