Part Number Hot Search : 
ELM701 TDA7266 LZ951600 05111 1240180 8731A 2SC22 V6340N
Product Description
Full Text Search
 

To Download HSBD136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
PN P S I L I C O N T R A N S I S T O R
HSBD136
APPLICATIONS
Medium Power Linear switching Applications
ABSOLUTE MAXIMUM RATINGSTa=25
Tstg ----Storage Temperature.............................. -55~150 T j ----Junction Temperature.................................... 150 PC----Collector DissipationTc=25........................ 12.5W PC----Collector DissipationTA=25........................ 1.25W VCBO ----Collector-Base Voltage................................. -45V VCEO ----Collector-Emitter Voltage.............................. -45V VEBO----Emitter-Base Voltage....................................... -5V IC----Collector Current Pulse ....................................... -3A IC----Collector CurrentDC.................................... -1.5A IB----Base Current...................................................-0.5A
1Emitter, E
2CollectorC 3BaseB
ELECTRICAL CHARACTERISTICSTa=25
Symbol ICBO IEBO hFE(1) hFE(2) *hFE(3) *VCE(sat) *VBE(ON) *VCEO(SUS) Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector-Emitter Sustaining Voltage -45 Characteristics Collector Cut-off Current Emitter-Base Cut-off Current DC Current Gain 25 25 40 250 -0.5 -1.0 V V Min Typ Max -0.1 -10 Unit A A Test Conditions VCB=-30V, IE=0 VEB=-5V, IC=0 VCE=-2V, IC=-5mA VCE=-2V, IC=-0.5A VCE=-2V, IC=-150mA Ic=-500mA, IB=-50mA Ic=-0.5A, VCE=-2V Ic=-30mA,IB=0
*Pulse Test:PW=350 s,Duty Cycie=2% Pulsed
hFE(3) Classification
Cassification 6 40~100 10 63~160 16 100~250
hFE(3)


▲Up To Search▲   

 
Price & Availability of HSBD136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X