Part Number Hot Search : 
03002 722R243 BA6303 40611 MBRS320 SK3756 AM79C901 AZ703000
Product Description
Full Text Search
 

To Download HMC226E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
Typical Applications
The HMC226 / HMC226E is ideal for: * 900 MHz ISM/Cellular * 1900 MHz PCS
Features
Low Insertion Loss: 0.6 dB Ultra Small Package: SOT26 High Input P1dB: +35 to +38 dBm High Input IP3: +55 to +61 dBm Positive Control: 0/+3V to 0/+8V Included in the HMC-DK005 Designer's Kit
Functional Diagram
General Description
The HMC226 & HMC226E are low-cost SPDT switches in 6-lead SOT26 packages for use in transmitreceive applications which require very low distortion at high signal power levels. The device can control signals from DC to 2.0 GHz and is especially suited for 450 MHz, 900 MHz, and 1.8 - 2 GHz applications with 0.5 to 0.8 dB loss. The design provides exceptional P1dB and intermodulation performance; a +35 dBm 1dB compression point and +55 dBm third order intercept at +3 volt bias. RF1 and RF2 are reflective opens when "Off". On-chip circuitry allows single positive supply operation at very low DC current with control inputs compatible with CMOS and most TTL logic families.
10
SWITCHES - SMT
Electrical Specifi cations, TA = +25 C, Vctl = 0/+3 Vdc, 50 Ohm System
Parameter Frequency DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz 0/5V Control 0/3V Control 0/5V Control 0/3V Control 0.3 - 2.0 GHz 0.3 - 2.0 GHz DC - 2.0 GHz tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 70 140 ns ns 23 17 12 23 21 14 34 31 Min. Typ. 0.5 0.6 0.8 26 20 15 27 25 18 38 35 61 55 Max. 0.8 0.9 1.2 Units dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Insertion Loss
Isolation
Return Loss
Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Power = +26 dBm Each Tone) Switching Characteristics
10 - 54
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
Insertion Loss vs Temperature
0 -0.5 INSERTION LOSS (dB) -1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 FREQUENCY (GHz)
+25 C +85 C -40 C
Isolation
0
-10 ISOLATION (dB)
-20
-30
-40
-50 0 0.5 1 1.5 2 2.5 FREQUENCY (GHz)
10
SWITCHES - SMT
10 - 55
Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35 0 0.5 1 1.5 2 2.5 FREQUENCY (GHz)
RFC RF1,RF2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
Input 0.1 and 1.0 dB Compression vs. Control Voltage @ 900 MHz
40 INPUT COMPRESSION (dBm)
Compression vs. Control Voltage @ 900 MHz
Control Input Input Power for 0.1 dB Compression (dBm) 30 33 35 Input Power for 1.0 dB Compression (dBm) 35 38 38.5
35
(Vdc) +3
30
+5 +7
25
0.1 dB Compression 1 dB Compression
Caution: Do not operate continuously at power levels >1 dB compression and do not "hot switch" power levels greater than +23dBm (VCTL = +3Vdc).
7 8
20 2 3 4 5 6 Control Voltage (Vdc)
10
SWITCHES - SMT
Truth Table
*Control Input Voltage Tolerances are 0.2 Vdc.
Control Input* A (Vdc) 0 +3 0 +5 0 +8 B (Vdc) +3 0 +5 0 +8 0 Control Current Ia (uA) -5 5 -10 10 -45 45 Ib (uA) 5 -5 10 -10 45 -45 Signal Path State RF to RF1 ON OFF ON OFF ON OFF RF to RF2 OFF ON OFF ON OFF ON
DC Blocks are required at ports RFC, RF1 and RF2.
10 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
Absolute Maximum Ratings
Max. Input Power (VCTL = 0/+3V) 0.05 GHz 0.5 - 2 GHz +27 dBm +36 dBm -0.2 to +12 Vdc -65 to +150 C -40 to +85 C Class 1A
Control Voltage Range (A & B) Storage Temperature Operating Temperature ESD Sensitivity (HBM)
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
10
SWITCHES - SMT
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Package Information
Part Number HMC226 HMC226E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H226 XXXX 226E XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 57
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT/ RECEIVE SWITCH, DC - 2.0 GHz
Typical Application Circuit
10
SWITCHES - SMT
Notes: 1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface. 2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of 3 to 8 Volts applied to the CMOS logic gates. 3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation. 4. Highest RF signal power capability is achieved with V set to +10V. The switch will operate properly (but at lower RF power capability) at bias voltages down to +3V.
10 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT/ RECEIVE SWITCH, DC - 2.0 GHz
Evaluation Circuit Board
10
SWITCHES - SMT
List of Materials for Evaluation PBC 101675 [1]
Item J1 - J3 J4 - J7 C1 - C3 U1 PCB [2] Description PCB Mount SMA RF Connector DC Pin 330 pF capacitor, 0402 Pkg. HMC226 / HMC226E T/R Switch 101659 Evaluation PCB [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 59


▲Up To Search▲   

 
Price & Availability of HMC226E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X