Part Number Hot Search : 
NJM360 TC113 00159 TC113 BUK95 FR102 BZX84C4 LM358QN
Product Description
Full Text Search
 

To Download GP551001001DBLK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision Metal Film Resistors
GP Series
* Meets requirements of MIL-R-10509 * Flame-retardant coatings are standard * 10 ohm - 10 megohm resistance range * Resistance range tolerance of 0.1% - 1% * Temperature coefficients from 25 to 100ppm/C
Electrical Data
IRC Type IRC Power Rating (watts) @ 70C GP-50 (T0) GP-50 (T2) GP-50 (T9) 1/8 1/8 1/8 @ 125C 1/10 1/10 1/10 RN50 RN50 RN50 Tolerance & Resistance Range MIL Reference Maximum Working Voltage Resistance Temperature Coefficient (ppm/C)
+1%
.5%
.25 and 0.1%
200 200 200
100 50 25
10 - 2.37 Meg 10 ohm - 1 Meg 49.9 ohm - 499K ohm
10 ohm - 499K ohm 10 ohm - 499K ohm 49.9 ohm - 499K ohm
100 ohm - 100K ohm 100 ohm - 100K ohm 100 ohm - 100K ohm
GP-55 (T0) GP-55 (T2) GP-55 (T9)
1/4 1/4 1/4
1/8 1/8 1/8
RN55 RN55 RN55
250 250 250
100 50 25
10 ohm - 10 Meg 10 ohm - 4.99 Meg 30 ohm - 499K ohm
10 ohm - 499K ohm 10 ohm - 499K ohm 30 ohm - 499K ohm
30 ohm - 300K ohm 30 ohm - 300K ohm 30 ohm - 300K ohm
GP-60 (T0) GP-60 (T2) GP-60 (T9)
1/2 1/2 1/2
1/4 1/4 1/4
RN60 RN60 RN60
350 350 350
100 50 25
10 ohm - 10 Meg 10 ohm - 4.99 Meg 49.9 ohm - 499K ohm
10 ohm - 499K ohm 10 ohm - 499K ohm 49.9 ohm - 499K ohm
100 ohm - 100K ohm 100 ohm - 100K ohm 100 ohm - 100K ohm
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc GP Series Issue October 2008 Sheet 1 of 4
Thick Film Metal GlazeTM Resistor
Environmental Data
MIL-R-10509 Environmental (%R) Typical Moisture Resistance Thermal Shock Load life @ 70C - 1000 hours Shock and Vibration Resistance to Soldering Heat Terminal Strength Dielectric Withstand Voltage Short Time Overload Operating Temperature Range Maximum Pulse Voltage Insulation Resistance Voltage Coefficient 0.5 0.25 0.5 0.25 0.1 0.2 0.25 0.25 -55C to +165C GP50 400V, GP55 500V, GP60 600V 10,000 meg min. 100ppm/V Char. D 1.5 0.5 1.0 0.5 0.5 0.2 0.5 0.5 -55C to +165C 0.5 0.25 0.5 0.25 0.1 0.2 0.25 0.25 -55C to +165C Char. C EIA RS-196 Class 1 1.5 2.0 0.5 0.5
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
GP Series Issue October 2008 Sheet 2 of 4
Thick Film Metal GlazeTM Resistor
Physical Data
A
B
A
D
C
Dimensions (inches and (mm)) Dimension A B C D GP50 1.10 .08 (28.0 2.0) 0.13 + .01/-.00 (3.2 + 0.2/-0.0) 0.018 .001 (0.45 0.02) 0.073 .006 (1.85 0.15) GP55 1.10 .08 (28.0 2.0) 0.24 .01 (6.0 0.3) 0.023 .002 (0.60 0.05) 0.09 .01 (2.4 0.2) GP60 1.10 .08 (28.0 2.0) 0.33 .02 (8.5 0.5) 0.027 .002 (0.70 0.05) 0.11 .01 (2.8 0.3)
Construction
1 2 3 4 56
1. COLOR BANDS. The resistors are permanently color banded for resistance value and tolerance in accordance with EIA specifications. 2. HELIXING. The units are helixed to a predetermined base to final value ratio to obtain the best TCR, noise and stability characteristics. 3. FILM. Carbon-film resistors have a homogeneous film of pure carbon deposited by a pyrolitic process at carefully controlled temperatures. 4. SUBSTRATES. The substrates are of a proprietary non alkaline ceramic, prepared and processed under exacting conditions to guarantee the utmost in uniformity and surface characteristics. 5. INSULATION. The resistors are coated with multiple layers of a baked-on fire-retardant synthetic resin which provides the units with a high degree of mechanical and electrical protection in the most adverse operating conditions. 6. TERMINATIONS. Positive contact is provided to the resistance element by precision-made end caps. The lead wires are attached by using proprietary welding techniques.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
GP Series Issue October 2008 Sheet 3 of 4
Thick Film Metal GlazeTM Resistor
Performance Curves
High-Frequency Characteristics (Typical)
1.0
100 1K 10K
Ordering Data
Sample Part No. IRC Type Size TCR Resistance Value GP 55 100 1001 F BLK
Ratio RF / RDC
0.8 0.6 0.4 0.2 0 0.1 1 10 100
100K
3 digit range and 1 digit multiplier
Tolerance
F = 1%, D = .5%, C = .25%, B = .1%
Packaging
Bulk or Tape and Reel
Frequency (MHz)
Derating Curve (Typical)
100
Percent Rated Load (%)
80 60 40 20 0 0 20 40 60 80 100 120 140 160 180 Ambient Temperature (C)
Current Noise (Typical)
1.0
GP-55
0
0.3
-10
GP-60
Ratio Rf / RDC
0.1
-20
0.03
-30
0.01
-40
0.003 10 100 1K 10K 100K
-50
Nominal Resistance (ohms)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
(db)
GP Series Issue October 2008 Sheet 4 of 4


▲Up To Search▲   

 
Price & Availability of GP551001001DBLK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X