Part Number Hot Search : 
246R8 R1045 M45027 AO4453 F3062F2 SMCG51A FCT16 SLA50
Product Description
Full Text Search
 

To Download FO1006-1-1-101650A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Test Probes and Adapters
Product Series Basic Number Connector/Terminus Type End A End B End A (c) 2006 Glenair, Inc. www.glenair.com
FO1006 Glenair Fiber Optic Patch Cord
FO 1006-1-1-XXXX-09 A
Temperature Rating A = -40C to +85C B = -55C to +125C C = Customer Specified (See Note 3) Fiber Size 05 = 5.8/125 Singlemode 07 = 7.5/125 Singlemode 09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode 1K = 1000uM Multimode CS = Customer Specified Singlemode CM = Customer Specified Multimode Length (Inches)
0 = ST Connector, M83522/16 Style 1 = ST Connector 2 = FC Connector 3 = SC Connector 4 = Glenair Socket Terminus M29504/5 Style (181-001) 5 = Glenair Pin Terminus M29504/4 Style (181-002) 6 = SMA Connector (906) 7 = LC Connector 8 = SMA Connector (905) 9 = Customer Specified 10 = GHD Terminus, PC (181-047) 11 = Glenair Pin Terminus, Front Release (181-012) 12 = Glenair Socket Terminus, Front Release (181-011) 13 = Left Blank for Future Use 14 = Glenair Pin Terminus, M29504/14 Style (181-039) 15 = Glenair Socket Terminus, M29504/15 Style (181-040)
See P/N Development 4.0" (101.6) Max 4.0" (101.6) Max
End B
See Note 2
See Note 2
APPLICATION NOTES
1. Optical performance: insertion loss to be less than 1.5 dB when measured at 850 nm wavelength for Multimode and 1310 nm wavelength for Singlemode. 2. Assy is marked with the Glenair PN in two places. 3 "A" Temperature rating use TRA-BOND F113 Epoxy. "B" Temperature rating use EPO-TEK 353ND Epoxy. "C" Temperature rating as per customer specification. 4. Metric dimensions (mm) are indicated in parentheses. 5. For angle polish, add "A" to end of Connector/Terminus Type Number (otherwise omit). Type numbers, 4, 5, 11, 12 14, and 15 do not allow angle polish. 6. For military qualified product, add "M" to end of Connector/Terminus Type number (otherwise omit). Type number 4, 5, 14, and 15 only.
STANDARD TOLERANCE
LENGTH 5 in to 2 ft. 2 to 10 ft. 10 to 50 ft. 50 to 100 ft. 100 ft. and up TOLERANCE +1 in -0 +3 in -0 +6 in -0 +1 ft -0 +2 ft -0
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com L-26


▲Up To Search▲   

 
Price & Availability of FO1006-1-1-101650A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X