Part Number Hot Search : 
2SB12 VTS4010 30120 30120 AS50351 MOC8102 PDBFS500 30120
Product Description
Full Text Search
 

To Download FO1005S-06-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
Glenair ASAP Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
with Low-Profile Backshell and Conduit D38999 Series III to ST, FC, SC, LC & SMA
PRODUCT FEATURES
Jam-Nut and Wall Mount D38999 Series III Style Fiber Optic Receptacle Connectors in Aluminum, Composite or Stainless Steel ST, FC, SC, LC and SMA to D38999 Series III Configurations High-Temperature and Halogen Free Protective Convoluted Tubing Options Single and Multimode Fiber Media Military Standard Dust Caps MIL-PRF-29504 Approved Termini Multichannel Capability: From 2 to 37 Channels Custom Overall and Break-out Lengths Available
The Perfect Amount of Mechanical Protection for Fiber Media in Non-Environmental Applications
The use of a short length of conduit and a low-profile connector/conduit adapter is recommended in applications where a heat or abrasion source within the box may damage the fiber media. In most cases, analysis of the available space is critical to insure the additional interconnect hardware does not interfere with the electronics package inside the box. The packaging of a pigtail assembly with a protective length of conduit is appropriate for all types of equipment--such as radar units, cameras, shipboard consoles, antennas and so on--in which the routing of the fiber cable within the equipment enclosure may expose the media to damage. This Glenair ASAP Fiber Optic Pigtail Assembly is well suited whenever the prevention of damage to the fiber media inside the box is a design requirement. The turnkey assembly includes fiber optic wiring, Glenair Conduit Adapter, High-Temperature Convoluted Tubing and Shrink Boot, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and customer specified marking and labeling.
Protective Conduit
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-44
Glenair ASAP Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
with Low-Profile Backshell and Conduit D38999 Series III to ST, FC, SC, LC & SMA
LENGTH
L
CONNECTOR
B
CONNECTOR
A
LENGTH
L2
Reference Part Number Development: FO1005 P - 08 - 1 W 02 62 6 12 L
Basic part Number Terminus Type A Connector Type
06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped)
Protective Cover
L = Less Cover Omit for with Cover
P = Pin Terminus S = Socket Terminus
"L2" Length in Inches "L" Length in Inches Fiber Size
09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode
B Connector Type
0 = ST M83522 Style 1 = ST Connector 2 = FC Connector 3 = SC Connector 4 = SC Duplex 4 = SMA Connector (906 Type) 5 = SMA Connector (905 Type) 7 = LC Connector 8= LC Duplex 9 = Customer Specified
Number of Fibers*
02 = 2 Fibers (Shell Size 11) 04 = 4 Fibers (Shell Size 13) 05 = 5 Fibers (Shell Size 15) 08 = 8 Fibers (Shell Size 17) 11 = 11 Fibers (Shell Size 19) 16 = 16 Fibers (Shell Size 21) 21 = 21 Fibers ( Shell Size 23) 29 = 29 Fibers (Shell Size 25) 37 = 37 Fiber (Shell Size 25) Please Reference Special Marking, Labels Or Other Identification Specifications on Your Purchase Order. Unless Indicated, "B" Connector Identification Will Follow "A" Connector Pin Designations.
Connector/Backshell Class
F = Aluminum, Electroless Nickel Plating J = Composite, Olive Drab Cadmium Plating K = Stainless Steel, Passivated M = Composite, Electroless Nickel Plating W = Aluminum, Olive Drab Cadmium Plating
*See Page B-10 for Insert Arrangements Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
(c) 2006 Glenair, Inc. www.glenair.com CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-45
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of FO1005S-06-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X