Part Number Hot Search : 
0603L PL8120 PT12320 BJ225 LD87C52 TMS320 FX335L 2SD2656
Product Description
Full Text Search
 

To Download FMS006-5000-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Card Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Voltage Rating. Operating Temp. Range: Mating Cycles:
Series FMS SIM Card Reader (Manual, Std. Type without Switch)
Part Number (Details)
500M min. at 500V DC 250V ACrms for 1 minute 100m max. at 1mA / 20mV max. 0.5A 5.0Vrms -25C to +85C 5,000 insertions
FMS006
Series No. Design No.
- 5000 - 0
Features
Super low profile with 1.5mm height Without switch Conforms to GSM11.11 standard for the European mobile phone system Tape and Reel Packaging (1,000 pcs./reel)
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Contact Plating: Mating Face - Gold over Nickel Solder Tails - Gold over Nickel
Outline Connector Dimensions
Recommended PCB Layout (Mounting Side)
Card Insertion
A-44
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of FMS006-5000-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X