Part Number Hot Search : 
SAM5280 AE10060 VC1206 E427406 RE031 PIC16F8 HT46R TS4972
Product Description
Full Text Search
 

To Download FMS006-2320-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Card Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Voltage Rating. Operating Temp. Range: Mating Cycles:
Series FMS SIM Card Reader (Push / Lock, Reversed w/o Switch)
Part Number (Details)
500M min. at 500V DC 250V ACrms for 1 minute 100m max. at 10mA / 20mV max. 0.5A 5.0Vrms -55C to +85C 5,000 insertions
FMS006
Series No. Design No.
- 2320 - 0
0 = without Switch
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Contact Plating: Mating Face - Gold over Nickel Solder Tails - SnCu over Nickel
Features
Conforms to GSM11.11 With extra locking mechanism to secure the SIM card inside the connector during shock and vibration Smooth extraction function by Push / Push mechanism Without switch For assembly on top of the PC-Board Tape and Reel Packaging (500 pcs./reel)
Outline Connector Dimensions
Recommended PCB Layout (mounting side)
Card Insertion
A-60
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of FMS006-2320-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X