Part Number Hot Search : 
F6589 AD2C101 AD8692 WCS2750 B0967 060CT NJW1112 FXLP3406
Product Description
Full Text Search
 

To Download EPF8128S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 Base-X Module for Quad-Port Applications
ELECTRONICS INC.
EPF8128S
* Single stacked RJ45 * * Guaranteed to operate with 8 mA DC bias at 70C * * Transfer molded part * * Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards *
Electrical Parameters @ 25 C
OCL @ 70C 100 KHz, 0.1 Vrms 8 mA DC Bias Media Side 350H Insertion Loss (dB Max.) 0.1-100 MHz Xmit -1 Rcv -1 150 MHz Xmit -3 * Rcv -3 1-30 MHz Xmit -18 Rcv -18 Return Loss (dB Min.) 60 MHz Xmit -12 Rcv -12 100 MHz Xmit -10 Rcv -10 30-100 MHz Xmit -30 Rcv -25 Common Mode Rejection (dB Min.) 200 MHz Xmit -25 Rcv -20 300 MHz Xmit -20 Rcv -10 500 MHz Xmit -15 Rcv ---30 Crosstalk (dB Min.) 0.1-100 MHz
Isolation : 1500 Vrms *
Impedance : 100 * Rise Time : 3.0 nS Max.
Schematic
Receive Channel 4, 9, 14, 19 1:1 37, 32, 27, 22 1, 6, 11, 16 Transmit Channel 2CT:1CT 40, 35, 30, 25
5, 10, 15, 20
36, 31, 26, 21
3, 8, 13, 18 2, 7, 12, 17
38, 33, 28, 23 39, 34, 29, 24 Media Side
Chip Side
Media Side
Chip Side
Package
A J Pin 1 I.D.
40
Dimensions
N
Dim. Min. 1.110 .470 .250 --.010 --.590 .016 .008 --0 .025 21 Solder Pad Layout 1 20 A B C D E F G H I J K L M N P Q (Inches) Max. Nom. 1.130 .490 .270 --.015 --.610 .022 .012 --8 .045 1.120 .480 .260 .950 .0125 .050 .600 .019 .010 .085 --.035 .030 .050 .090 .670 (Millimeters) Min. Max. Nom. 28.19 11.94 6.35 --.254 --14.99 .406 .203 --0 .635 28.70 12.45 6.86 --.381 --15.49 .559 .305 --8 1.14 28.45 12.19 6.60 24.13 .317 1.27 15.24 .483 .254 2.16 --.889 .762 1.27 2.29 17.02
PCA EPF8128S Date Code
B
Q
P
D E K
M
C
L H F G
I
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSF8128Sa Rev. 5 8/31/98
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPF8128S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X