Part Number Hot Search : 
NCP1083 KSP62 BZX84C3W 5962F UPD4702G 2SC853 M3L2815S TPCA8078
Product Description
Full Text Search
 

To Download EPF8126S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100Base-TX Interface Module
ELECTRONICS INC.
EPF8126S & EPF8126S-RC
* Recommended for use with AM79C874 & TDK78Q2120 Chips * Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards * Add "-RC" after part number for RoHS Compliant * Operating Temperature : 0C to +70C * Isolation : 1500 Vrms
Electrical Parameters @ 25 C
OCL @ 70C 100 KHz, 0.1 Vrms 8 mA DC Bias Cable Side 350H 1-80 MHz Xmit -1 -1 Insertion Loss (dB Max.) 80-100 MHz -1 * -1 100-150 MHz -2 -2 1-30 MHz -18 -18 Return Loss (dB Min.) 30-60 MHz -12 -12 60-100 MHz Rcv -10 -10 1-30 MHz Xmit -45 Common Mode Rejection (dB Min.) 30-100 MHz Xmit -40 100-200 MHz Xmit -30 200-300 MHz Xmit -20 300-500 MHz Xmit -10
Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit
Crosstalk : -35 dB Min., 1-100 MHz *
Impedance : 100 *
Package
.490 (12.45) .070 (1.78) PCA EPF8126S(-RC) Date Code .050 (1.27) Suggested Solder Pad Layout .092 (2.34)
Schematic
Transmit Channel TX+ 2 15 TX+ 16 CT
.270 (6.86)
.460 (11.68)
TX- 3 CT 1 Cable Side 1:1
14 TX-
Pin 1 I.D.
Chip Side
Receive Channel
.350 (8.89) .010/.015 (.254/.381)
.030 (.762) RX+ 7
11 RX+ 9 CT 10 RX1:1
.210 (5.33)
0-8
.008/.013 (.203/.330)
CT 8 RX- 6
.017/.022 (.432/.559)
.050 (1.27)
.035 (.889) .365 (9.27)
Cable Side
Chip Side
Notes : 1. Assembly Process
(Solder Composition)
(Leadframe) (Assembly Solder)
EPF8126S SnPb SnPb 225C 3 (168 hours, 30C/60%RH) 0.812 grams 40 pieces/tube 650 pieces/13" reel
(*EPF8126S-TR)
EPF8126S-RC Sn SnPb
(RoHS exemption 7a)
2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
260C 4 (96 hours, 30C/60%RH) 0.182 grams 40 pieces/tube 650 pieces/13" reel
(*EPF8126S-RCTR)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
4. Weight 5. Packaging Information (Tube) (*Add "TR" to end of part number when placing order) (Tape & Reel)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSF8126S & -RC Rev. 2 10/6/05 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPF8126S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X