Part Number Hot Search : 
HLMP2700 D1210 CAT5114 BUK75 FM160 D1210 IRD3899 H100M
Product Description
Full Text Search
 

To Download DR65-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DR65-0001
Quad Driver for GaAs FET Switches and Attenuators
Rev. V7
Features
* * * * * * * High Speed CMOS Technology Complementary Outputs Positive Voltage Control Low Power Dissipation Plastic SOIC Package for SMT Applications Tape and Reel Packaging Available SOIC-16 Package
Logic Diagram
Ax Cx Bx
Description
M/A-COM's DR65-0001 is a Quad channel driver used to translate TTL control inputs into gate voltages for GaAs FET microwave switches and attenuators. High speed analog CMOS technology is utilized to achieve low power dissipation at moderate to high speeds, encompassing most microwave switching applications.
Pin Configuration
Pin No.
1
Function
A3 B3 A4 B4 VEE VCC C4 C3
Pin No.
9 10 11 12 13 14 15 16
Function
C2 C1 GND GND A1 B1 A2 B2
Ordering Information
Part Number
DR65-0001 DR65-0001TR
2 3
Package
Bulk Packaging 1000 piece reel
4 5 6 7 8
Note: Reference Application Note M513 for reel size information.
Guaranteed Operating Ranges
Symbol
VCC VEE TA IOH IOL Trise, Tfall
Parameter1
Positive DC Supply Voltage Negative DC Supply Voltage Operating Ambient Temperature DC Output Current - HIGH DC Output Current - LOW Maximum Input Rise or Fall Time
Unit
V V C mA mA nS
Min
4.5 -5.5 -40 -- -- --
Typical
5.0 -5.0 +25 -- -- --
Max
5.5 -4.5 +85 -1.0 1.0 500
1. All voltages are relative to GND.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
DR65-0001
Quad Driver for GaAs FET Switches and Attenuators
Rev. V7
AC & DC Characteristics Over Guaranteed Operating Range
Symbol
VIH VIL VOH VOL IIN ICC ICC TPHL, TPLH TTHL, TTLH
Parameter
Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage Input Current Quiescent Supply Current Additional Supply Current, per TTL Input pin Propagation Delay Output Transition Time Delay Skew, Output A to Output B
Test Conditions
Guaranteed HIGH Input Voltage Guaranteed LOW Input Voltage IOH = -1 mA IOL = 1 mA VIN = VCC or GND VCC = Max VCC = Max VEE = Max VEE = Max VEE = Min VEE = Min VIN = VCC or GND VIN = VCC - 2.1V
Units
V V V V A A mA nS nS nS
Min
2.0 - 0.1 -- -10 -- -- -- -- --
Typ
-- -- -- -- 0 -- -- -- -- --
Max
0.8 VEE + 0.1 10 400 1.0 50 25 8
Guaranteed -40 C to + 85 C Guaranteed -40 C to + 85 C Guaranteed -40 C to + 85 C
Switching Waveforms
INPUT C VIN 90% 1.3 V 10% LOGIC 0
Absolute Maximum Ratings2,3
Parameter
LOGIC 1
TF
TR
Absolute Maximum
- .5V to + 6.0 V - 6.0 V to - .5 V 12 V VCC + .5 V VEE - .5 V -65C to +150C -40C to +85C
VCC VEE VCC - VEE V IN
4
TPLH
OUTPUT A VOUT 50% OUTPUT B 10% 90%
TPHL
GND
V OUT Storage Temperature
TTHL
VEE
TTLH
Operating Temperature 2. 3. 4.
Note: See Switching Wave Forms for the definition of the switching terms. Supplies must be by-passed with .01 F Capacitors. Note: Unused inputs must be tied to Ground
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table
Input
CX 0 1 AX VEE GND
Outputs
BX GND VEE
Static Sensitivity
Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
DR65-0001
Quad Driver for GaAs FET Switches and Attenuators
Rev. V7
SOIC-16
Reference Application Note M538 for lead-free solder reflow recommendations.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of DR65-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X