Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download DMMT5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DMMT5551
* * *
Features
Surface Mount SOT-363 Package 200mWatts of Power Dissipation Ideal for Medium Power Amplification and Switching
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Marking:K4R
Plastic-Encapsulate Transistors
Unit V V V A W
G
E1 E2 C2
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol VCEO VCBO VEBO IC PD TJ TSTG Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous Power Dissipation--Operating Junction Temperature Storage Temperature Rating 160 180 6.0 0.2 0.2 -55 to +150 -55 to +150
SOT-363
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IEBO ICBO Collector-Emitter Breakdown Voltage ----------------------------------160 (I =-1mAdc, IB IB=0) (ICC=-1.0mAdc,=0) Collector-Base Breakdown Voltage (IC=100A, IE=0) 180 Emitter-Base Breakdown Voltage (IE=10Adc, IC=0) 6.0 Emitter Cutoff Current (VEB=4Vdc, IC=0) Collect Cutoff Current (VCB=120Vdc, IE=0) --Vdc
A
B
C
C1
B1
B2
Vdc Vdc 50 50 nAdc nAdc
K
H M J F D L
ON CHARACTERISTICS
hFE DC Current Gain* (IC=1mAdc, VCE=5.0Vdc) (IC=10mAdc, VCE=5.0Vdc) Collector-Emitter Saturation Voltage (IC=10mAdc, IB=1.0mAdc) Base-Emitter Saturation Voltage (IC=10mAdc, IB=1.0mAdc) 80 80
INCHES
DIMENSIONS MM MIN MAX 0.10 0.30 1.15 1.35 2.00 2.20 0.65Nominal 0.30 0.40 1.80 2.20 --0.10 0.90 1.00 0.25 0.40 0.10 0.25
250 0.15 1.0 Vdc Vdc
VCE(sat) VBE(sat)
SMALL-SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product (IC=10mAdc, VCE=10Vdc, f=100MHz) Cobo Output Capacitance (VCB=10Vdec, IE=0, f=1.0MHz) Rg=1kohm Noise figure VCE=5Vdec, IC=200uA, f=1KHz,R=1kOHM fT 100 300 6.0 8.0 MHz pF NF
DIM A B C D F H J K L M
MIN .004 .045 .079 .026 .012 .071 --.035 .010 .004
MAX .012 .053 .087 .016 .087 .004 .039 .016 .016
NOTE
www.mccsemi.com
1 of 2
Revision: 3
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
2 of 2
2008/01/01


▲Up To Search▲   

 
Price & Availability of DMMT5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X