Part Number Hot Search : 
STG8206 CMN665 322LW BY520 HCF4021B SR6045C LT1391 064523
Product Description
Full Text Search
 

To Download CT622LYF-100J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Peaking Coils - Radial
ctparts.com
SPECIFICATIONS
CT622LYF Series
From 1.0 H to 4,700 H
ENGINEERING KIT #4F
Not shown at actual size. Part Number CT622LYF-1R0_ CT622LYF-1R5_ CT622LYF-2R2_ CT622LYF-3R3_ CT622LYF-4R7_ CT622LYF-6R8_ CT622LYF-100_ CT622LYF-120_ CT622LYF-150_ CT622LYF-180_ CT622LYF-220_ CT622LYF-270_ CT622LYF-330_ CT622LYF-390_ CT622LYF-470_ CT622LYF-560_ CT622LYF-680_ CT622LYF-820_ CT622LYF-101_ CT622LYF-121_ CT622LYF-151_ CT622LYF-181_ CT622LYF-221_ CT622LYF-271_ CT622LYF-331_ CT622LYF-391_ CT622LYF-471_ CT622LYF-561_ CT622LYF-681_ CT622LYF-821_ CT622LYF-102_ CT622LYF-122_ CT622LYF-152_ CT622LYF-182_ CT622LYF-222_ CT622LYF-272_ CT622LYF-332_ CT622LYF-392_ CT622LYF-472_
Please specify tolerance code when ordering. CT622LYF-1R0_ J = 5%, K = 10%, M = 20% L Test Freq. (MHz) 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .252 .252 .252 .252 .252 .252 .252 .252 .252 Q Fact. Min. 20 20 20 20 20 20 50 50 40 40 40 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 50 50 20 20 20 20 20 20 20 Q Test Freq. (MHz) 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .252 .252 .252 .252 .252 .252 .252 .252 .252 SRF Min. (MHz) 150 130 100 79 51 29 14 13 12 11 9.2 8.5 7.8 6.9 6.5 5.4 4.9 4.1 3.7 3.4 3.2 2.8 2.7 2.4 2.3 2.1 1.9 1.8 1.6 1.5 1.3 1.1 1.0 1.0 0.9 0.9 0.7 0.6 0.5 DCR Max. () .01 .01 .02 .02 .03 .03 .04 .05 .05 .06 .07 .08 .09 .10 .16 .18 .21 .23 .28 .32 .37 58 .65 .75 .85 1.0 1.1 1.4 1.6 1.8 2.9 4.0 6.1 6.4 6.8 7.7 9.0 14.0 16.0 Rated DC (A) 10.0 8.5 6.5 5.5 4.3 3.7 3.0 2.6 2.3 2.2 2.0 1.7 1.6 1.5 1.4 1.3 1.2 1.1 .91 .84 .74 .69 .64 .57 .54 .48 .46 .41 .38 .35 .29 .13 .08 .08 .08 .08 .08 .08 .05
Inductance (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700
Compliant
RoHS
CHARACTERISTICS
Description: Radial leaded fixed inductor (UL sleeved) Applications: Ideal as a choke coil for noise filtering and DC/DC converter applications. General applications Operating Temperature: -55C to +125C Temperature Coefficient: 440ppm / C max. Inductance Tolerance: 5%, 10% & 20% Testing: Inductance and Q are tested on an HP4285A at specified frequency Packaging: Bulk pack; packaged in styrofoam Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 11 0.43
B
Max. 8.5 0.34
C
Nom. 5 0.2
D
Nom. 5 0.2
22 AWG
0.643 0.03
22 AWG
D
A
C
B
09.28.06
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT622LYF-100J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X