Part Number Hot Search : 
ISL43231 T3324551 MC14079B ON1403A C1446 254201MR T3324551 COB4015
Product Description
Full Text Search
 

To Download CAT14002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT140xx
Voltage Supervisor with I2C Serial CMOS EEPROM
FEATURES
Precision Power Supply Voltage Monitor 5V, 3.3V, 3V & 2.5V systems 7 threshold voltage options Active High or Low Reset Valid reset guaranteed at VCC = 1 V Supports Standard and Fast I2C Protocol 16-Byte Page Write Buffer Low power CMOS technology 1,000,000 Program/Erase cycles 100 year data retention Industrial temperature range RoHS-compliant 8-pin SOIC package For Ordering Information details, see page 14.
DESCRIPTION
The CAT140xx (see table below) are memory and supervisory solutions for microcontroller based systems. A CMOS serial EEPROM memory and a system power supervisor with brown-out protection are integrated together. Memory interface is via both the standard (100kHz) as well as fast (400kHz) I2C protocol. The CAT140xx provides a precision VCC sense circuit with two reset output options: CMOS active low output or CMOS active high. The RESET output is active whenever VCC is below the reset threshold or falls below the reset threshold voltage. The power supply monitor and reset circuit protect system controllers during power up/down and against brownout conditions. Seven reset threshold voltages support 5V, 3.3V, 3V and 2.5V systems. If power supply voltages are out of tolerance reset signals become active, preventing the system microcontroller, ASIC or peripherals from operating. Reset signals become inactive typically 240ms after the supply voltage exceeds the reset threshold level.
PIN CONFIGURATION
SOIC (W) CAT14016 / 08 / 04 / 02 NC / NC / NC / A0 NC / NC / A1 / A1 NC / A2 / A2 / A2 1 2 3 8 7 6 5 VCC RST/RST SCL SDA
MEMORY SIZE SELECTOR
Product 14002 14004 14008 14016 Memory density 2-Kbit 4-Kbit 8-Kbit 16-Kbit
VSS 4
PIN FUNCTION
Pin Name A0, A1, A2 SDA SCL RST/RST VCC VSS NC Function Device Address Inputs Serial Data Input/Output Serial Clock Input Reset Output Power Supply Ground No Connect
THRESHOLD SUFFIX SELECTOR
Nominal Threshold Voltage 4.63V 4.38V 4.00V 3.08V 2.93V 2.63V 2.32V Threshold Suffix Designation L M J T S R Z
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
1
Doc. No. MD-1117 Rev. B
CAT140xx BLOCK DIAGRAM
VCC
SDA SCL A0 A1 A2 EEPROM VOLTAGE DETECTOR RST or RST
VSS
ABSOLUTE MAXIMUM RATINGS(1) Parameters Storage Temperature Voltage on Any Pin with Respect to Ground RELIABILITY CHARACTERISTICS(3) Symbol NEND
(4) (2)
Ratings -65 to +150 -0.5 to +6.5
Units C V
Parameter Endurance Data Retention
Min 1,000,000 100
Units Program/ Erase Cycles Years
TDR
D.C. OPERATING CHARACTERISTICS VCC = +2.5V to +5.5V unless otherwise specified. Symbol ICC ISB IL VIL VIH VOL Parameter Supply Current Standby Current I/O Pin Leakage Input Low Voltage Input High Voltage Output Low Voltage SDA -0.5 VCC x 0.7 10 8 Min. Limits Typ. Max. 1 22 17 2 VCC x 0.3 VCC + 0.5 0.4 VCC 2.5 V, IOL = 3.0 mA Test Condition Read or Write at 400kHz VCC < 5.5V; All I/O Pins at VSS or VCC VCC < 3.6V; All I/O Pins at VSS or VCC Pin at GND or VCC Units mA A A V V V
Notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns. (3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Page Mode, VCC = 5 V, 25C
Doc. No. MD-1117 Rev. B
2
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx
A.C. CHARACTERISTICS (MEMORY)(1) VCC = 2.5V to 5.5V, TA = -40C to 85C, unless otherwise specified. Symbol FSCL tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF
(2) (2)
Parameter Clock Frequency START Condition Hold Time Low Period of SCL Clock High Period of SCL Clock START Condition Setup Time Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time STOP Condition Setup Time Bus Free Time Between STOP and START SCL Low to Data Out Valid Data Out Hold Time Noise Pulse Filtered at SCL and SDA Inputs Write Cycle Time Power-up to Ready Mode
Standard Min Max 100 4 4.7 4 4.7 0 250 1000 300 4 4.7 3.5 100 100 5 1
Fast Min Max 400 0.6 1.3 0.6 0.6 0 100 300 300 0.6 1.3 0.9 100 100 5 1
Units kHz s s s s s ns ns ns s s s ns ns ms ms
tSU:STO tBUF tAA tDH Ti tPU
(2)
tWR
(2, 3)
Notes: (1) (2) (3) Test conditions according to "A.C. Test Conditions" table. Tested initially and after a design or process change that affects this parameter. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS Input Levels Input Rise and Fall Times Input Reference Levels Output Reference Levels Output Load 0.2 x VCC to 0.8 x VCC
50 ns
0.3 x VCC, 0.7 x VCC 0.5 x VCC Current Source: IOL = 3 mA; CL = 100 pF
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
3
Doc. No. MD-1117 Rev. B
CAT140xx
ELECTRICAL CHARACTERISTICS (SUPERVISORY FUNCTION) VCC = Full range, TA = -40C to +85C unless otherwise noted. Typical values at TA = +25C and VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version and VCC = 2.5V for Z version. Symbol VTH Parameter Reset Threshold Voltage Threshold L M J T S R Z Conditions TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C TA = +25C TA = -40C to +85C Min 4.56 4.50 4.31 4.25 3.93 3.89 3.04 3.00 2.89 2.85 2.59 2.55 2.28 2.25 Min Typ(1) 30 VCC = VTH to (VTH -100mV) TA = -40C to +85C VCC = VTH min, ISINK = 1.2 mA R/S/T/Z VCC = VTH min, ISINK = 3.2 mA J/L/M VCC > 1.0V, ISINK = 50A RESET Output Voltage High (Push-pull, active LOW, CAT140xx9) RESET Output Voltage Low VOL (Push-pull, active HIGH, CAT140xx1) RESET Output Voltage High VOH
Notes: (1) (2) Production testing done at TA = +25C; limits over temperature guaranteed by design only. RESET output for the CAT140xx9; RESET output for the CAT140xx1.
Typ 4.63 4.38 4.00 3.08 2.93 2.63 2.32
Max 4.70 4.75 4.45 4.50 4.06 4.10 3.11 3.15 2.96 3.00 2.66 2.70 2.35 2.38 Max
Units
V
Symbol Parameter Reset Threshold Tempco tRPD tPURST VCC to Reset Delay
(2)
Conditions
Units ppm/C s
20 140 240 460 0.3 0.4 0.3 0.8VCC
Reset Active Timeout Period RESET Output Voltage Low (Push-pull, active LOW, CAT140xx9)
ms
VOL
V
VOH
VCC = VTH max, ISOURCE = -500A R/S/T/Z VCC = VTH max, ISOURCE = -800A J/L/M VCC > VTH max, ISINK = 1.2mA R/S/T/Z VCC > VTH max, ISINK = 3.2mA J/L/M 1.8V < VCC VTH min, ISOURCE = -150A
V VCC - 1.5 0.3 V 0.4
(Push-pull, active HIGH, CAT140xx1)
0.8VCC
V
Doc. No. MD-1117 Rev. B
4
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx PIN DESCRIPTION
RESET/RESET : RESET OUTPUT This output is available in two versions: CMOS Active Low (CAT140xx9) and CMOS Active High (CAT140xx1). Both versions are push-pull outputs for high efficiency. SDA: SERIAL DATA ADDRESS The Serial Data I/O pin receives input data and transmits data stored in EEPROM. In transmit mode, this pin is open drain. Data is acquired on the positive edge, and is delivered on the negative edge of SCL. SCL: SERIAL CLOCK The Serial Clock input pin accepts the Serial Clock generated by the Master. A0, A1, A2: Device Address Inputs The Address inputs set the device address when cascading multiple devices. When not driven, these pins are pulled LOW internally. and remains asserted for at least 140ms (tPURST) after the power supply voltage has risen above the threshold. Reset output timing is shown in Figure 1. The CAT140xx devices protect Ps against brownout failure. Short duration VCC transients of 4sec or less and 100mV amplitude typically do not generate a Reset pulse. Figure 2 shows the maximum pulse duration of negativegoing VCC transients that do not cause a reset condition. As the amplitude of the transient goes further below the threshold (increasing VTH - VCC), the maximum pulse duration decreases. In this test, the VCC starts from an initial voltage of 0.5V above the threshold and drops below it by the amplitude of the overdrive voltage (VTH - VCC).
TRANSIENT DURATION [s]
TAMB = 25C
DEVICE OPERATION
The CAT140xx products combine the accurate voltage monitoring capabilities of a standalone voltage supervisor with the high quality and reliability of standard EEPROMs from Catalyst Semiconductor. RESET CONTROLLER DESCRIPTION The reset signal is asserted LOW for the CAT140xx9 and HIGH for the CAT140xx1 when the power supply voltage falls below the threshold trip voltage
CAT140xxZ
CAT140xxM
RESET OVERDRIVE V TH - VCC [mV]
Figure 2. Maximum Transient Duration Without Causing a Reset Pulse vs. Overdrive Voltage
VTH VCC V RVALID t PURST t RPD t PURST
t RPD
RESE T
CAT140xx9
RESE T
CAT140xx1
Figure 1. RESET Output Timing
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
5
Doc. No. MD-1117 Rev. B
CAT140xx EMBEDDED EEPROM OPERATION
The CAT140xx supports the Inter-Integrated Circuit (I2C) Bus data transmission protocol, which defines a device that sends data to the bus as a transmitter and a device receiving data as a receiver. Data flow is controlled by a Master device, which generates the serial clock and all START and STOP conditions. The CAT140xx acts as a Slave device. Master and Slave alternate as either transmitter or receiver. STOP The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH. The STOP starts the internal Write cycle (when following a Write command) or sends the Slave into standby mode (when following a Read command). Device Addressing The Master initiates data transfer by creating a START condition on the bus. The Master then broadcasts an 8-bit serial Slave address. For normal Read/Write operations, the first 4 bits of the Slave address are fixed at 1010 (Ah). The next 3 bits are used as programmable address bits when cascading multiple devices and/or as internal address bits. The last bit of the slave address, R/W, specifies whether a Read (1) or Write (0) operation is to be performed. The 3 address space extension bits are assigned as illustrated in Figure 4. A2, A1 and A0 must match the state of the external address pins, and a10, a9 and a8 are internal address bits. Acknowledge After processing the Slave address, the Slave responds with an acknowledge (ACK) by pulling down the SDA line during the 9th clock cycle (Figure 5). The Slave will also acknowledge the address byte and every data byte presented in Write mode. In Read mode the Slave shifts out a data byte, and then releases the SDA line during the 9th clock cycle. As long as the Master acknowledges the data, the Slave will continue transmitting. The Master terminates the session by not acknowledging the last data byte (NoACK) and by issuing a STOP condition. Bus timing is illustrated in Figure 6.
I2C BUS PROTOCOL
The I2C bus consists of two `wires', SCL and SDA. The two wires are connected to the VCC supply via pull-up resistors. Master and Slave devices connect to the 2-wire bus via their respective SCL and SDA pins. The transmitting device pulls down the SDA line to `transmit' a `0' and releases it to `transmit' a `1'. Data transfer may be initiated only when the bus is not busy (see A.C. Characteristics). During data transfer, the SDA line must remain stable while the SCL line is HIGH. An SDA transition while SCL is HIGH will be interpreted as a START or STOP condition (Figure 3). The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a `wake-up' call to all receivers. Absent a START, a Slave will not respond to commands. The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH. START The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a `wake-up' call to all receivers. Absent a START, a Slave will not respond to commands.
Doc. No. MD-1117 Rev. B
6
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx
Figure 3. START/STOP Conditions
SCL
SDA START CONDITION STOP CONDITION
Figure 4. Slave Address Bits
1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 A2 A2 A2 a10 A1 A1 a9 a9 A0 a8 a8 a8 R/W R/W R/W R/W CAT14002 CAT14004 CAT14008 CAT14016
Figure 5. Acknowledge Timing
BUS RELEASE DELAY (TRANSMITTER) SCL FROM MASTER 1 8 9
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACK DELAY ( tAA) ACK SETUP ( tSU:DAT)
Figure 6. Bus Timing
tF tLOW SCL tSU:STA tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH tLOW tR
SDA IN tAA SDA OUT tDH tBUF
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
7
Doc. No. MD-1117 Rev. B
CAT140xx
WRITE OPERATIONS Byte Write In Byte Write mode, the Master sends the START condition and the Slave address with the R/W bit set to zero to the Slave. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the CAT140xx. After receiving another acknowledge from the Slave, the Master transmits the data byte to be written into the addressed memory location. The CAT140xx device will acknowledge the data byte and the Master generates the STOP condition, at which time the device begins its internal Write cycle to nonvolatile memory (Figure 7). While this internal cycle is in progress (tWR), the SDA output will be tristated and the CAT140xx will not respond to any request from the Master device (Figure 8). Page Write The CAT140xx writes up to 16 bytes of data in a single write cycle, using the Page Write operation (Figure 9). The Page Write operation is initiated in the same manner as the Byte Write operation, however instead of terminating after the data byte is transmitted, the Master is allowed to send up to fifteen additional bytes. After each byte has been transmitted the CAT140xx will respond with an acknowledge and internally increments the four low order address bits. The high order bits that define the page address remain unchanged. If the Master transmits more than sixteen bytes prior to sending the STOP condition, the address counter `wraps around' to the beginning of page and previously transmitted data will be overwritten. Once all sixteen bytes are received and the STOP condition has been sent by the Master, the internal Write cycle begins. At this point all received data is written to the CAT140xx in a single write cycle. Acknowledge Polling The acknowledge (ACK) polling routine can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, the CAT140xx initiates the internal write cycle. The ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT140xx is still busy with the write operation, NoACK will be returned. If the CAT140xx has completed the internal write operation, an ACK will be returned and the host can then proceed with the next read or write operation.
Doc. No. MD-1117 Rev. B
8
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx
Figure 7. Byte Write Sequence
BUS ACTIVITY: MASTER
S T A R T S
SLAVE ADDRESS
ADDRESS BYTE a7 a0
DATA BYTE d7/d0
S T O P P
SLAVE
A C K
A C K
A C K
Figure 8. Write Cycle Timing
SCL
SDA
8th Bit Byte n
ACK tWR STOP CONDITION START CONDITION ADDRESS
Figure 9. Page Write Timing
BUS ACTIVITY: MASTER
S T A R T S
SLAVE ADDRESS
ADDRESS BYTE
DATA BYTE n
DATA BYTE n+1
DATA BYTE n+P
S T O P P
SLAVE n=1 P 15
A C K
A C K
A C K
A C K
A C K
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
9
Doc. No. MD-1117 Rev. B
CAT140xx
READ OPERATIONS Immediate Read Upon receiving a Slave address with the R/W bit set to `1', the CAT140xx will interpret this as a request for data residing at the current byte address in memory. The CAT140xx will acknowledge the Slave address, will immediately shift out the data residing at the current address, and will then wait for the Master to respond. If the Master does not acknowledge the data (NoACK) and then follows up with a STOP condition (Figure 10), the CAT140xx returns to Standby mode. Selective Read Selective Read operations allow the Master device to select at random any memory location for a read operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte address of the location it wishes to read. After the CAT140xx acknowledges the byte address, the Master device resends the START condition and the slave address, this time with the R/W bit set to one. The CAT140xx then responds with its acknowledge and sends the requested data byte. The Master device does not acknowledge the data (NoACK) but will generate a STOP condition (Figure 11). Sequential Read If during a Read session, the Master acknowledges st the 1 data byte, then the CAT140xx will continue transmitting data residing at subsequent locations until the Master responds with a NoACK, followed by a STOP (Figure 12). In contrast to Page Write, during Sequential Read the address count will automatically increment to and then wrap-around at end of memory (rather than end of page). POWER-ON RESET (POR) Each CAT140xx incorporates Power-On Reset (POR) circuitry which protects the internal logic against powering up in the wrong state. A CAT140xx device will power up into Standby mode after VCC exceeds the POR trigger level and will power down into Reset mode when VCC drops below the POR trigger level. This bi-directional POR feature protects the device against `brown-out' failure follo- wing a temporary loss of power. Delivery State The CAT140xx is shipped erased, i.e., all bytes are FFh.
Doc. No. MD-1117 Rev. B
10
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx
Figure 10. Immediate Read Sequence and Timing
BUS ACTIVITY: MASTER S T A R T S SLAVE A C K DATA BYTE N O SLAVE ADDRESS S AT CO KP P
SCL
8
9
SDA
8th Bit DATA OUT NO ACK STOP
Figure 11. Selective Read Sequence
BUS ACTIVITY: MASTER S T A R T S SLAVE A C K A C K S T A R T S A C K DATA BYTE N O SLAVE ADDRESS S AT CO KP P
SLAVE ADDRESS
ADDRESS BYTE
Figure 12. Sequential Read Sequence
BUS ACTIVITY: MASTER SLAVE ADDRESS A C K A C K A C K N O S AT CO KP P SLAVE A C K DATA BYTE n DATA BYTE n+1 DATA BYTE n+2 DATA BYTE n+x
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
11
Doc. No. MD-1117 Rev. B
CAT140xx PACKAGE OUTLINE DRAWING
SOIC 8-Lead 150 mil (W)
E1 E
D
h x 45 C A q1
e b
A1 L
SYMBOL A1 A b C D E E1 e h L q1
MIN 0.10 1.35 0.33 0.19 4.80 5.80 3.80
NOM
MAX 0.25 1.75 0.51 0.25 5.00 6.20 4.00
1.27 BSC 0.25 0.40 0 0.50 1.27 8
Notes: (1) (2) All dimensions are in millimeters. Complies with JEDEC specification MS-012 dimensions.
Doc. No. MD-1117 Rev. B
12
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT140xx ORDERING INFORMATION
Prefix CAT
Device # Suffix 14002 9 S W I G T3
Lead Finish G: NiPdAu (PPF) Company ID Temperature Range I = Industrial (-40C to 85C) Product Type with Memory Density 02 - 2K-bits 04 - 4K-bits 08 - 8K-bits 16 - 16K-bits Tape & Reel T: Tape & Reel 3: 3000 units / Reel
Package W: SOIC
Reset Threshold Voltage L: 4.50V - 4.75V M: 4.25V - 4.50V J: 3.89V - 4.10V T: 3.00V - 3.15V S: 2.85V - 3.00V R: 2.55V - 2.70V Z: 2.25V - 2.38V
Supervisor Output Type 9: CMOS Active Low 1: CMOS Active High
Notes: (1) (2) (3) (4) All packages are RoHS-compliant (Lead-free, Halogen-free). The standard lead finish is NiPdAu pre-plated (PPF) lead frames. The device used in the above example is a CAT140029SWI-GT3 (2Kb EEPROM, with Active Low CMOS output, with a reset threshold between 2.85V - 3.00V, in an SOIC, Industrial Temperature, NiPdAu, Tape and Reel. For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
13
Doc. No. MD-1117 Rev. B
CAT140xx REVISION HISTORY
Date 9-Sept-06 10-Nov-08 Rev. A B Description Initial Issue Change logo and fine print to ON Semiconductor
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center: Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Doc. No. MD-1117 Rev. B
14
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice


▲Up To Search▲   

 
Price & Availability of CAT14002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X