Part Number Hot Search : 
P6KE75C 12887A 1H273 TC144 MAX30 CBRLD104 48S15 2AS10
Product Description
Full Text Search
 

To Download BZX79C30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
BZX79C2V4 THRU BZX79C33
* * *
Features
Zener Voltage Range 2.4V to 33V Metallurgical Bonded C onstrrction Double Slug Type Construction
500mW Silicon Zener Diodes
Mechanical Data
* * Case: Double slug type, hermetically sealed glass Polarity: Cathode indicated by polarity band
Maximum Ratings*
Symbol Max. Steady State Power Dissipation at TL<75OC, Lead Length=3/8" Derate above 75 OC Junction Temperature Storage Temperature Range PD TJ TSTG 4.0 150 -55 to 150
mW/ C
o o o
Value 500
Units
mW

C C
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Max. Forward Voltage @ I F=100mA VF Maximum 1.5 Unit V
DIMENSIONS

NOTE:
1) Some part number series have lower JEDEC registered ratings.



www.cnelectr.com
BZX79C2V4 thru BZX79C33
Electrical Characteristics (TL= 30 OC Unless Otherwise Noted, VF=1.5V Max @ IF=100mA for all types)
Device
(1)
Max BZX79C2V4 79C2V4 0 BZX79C2V7 79C2V7 0 BZX79C3V0 79C3V0 0 BZX79C3V3 79C3V3 0 BZX79C3V6 79C3V6 0 BZX79C3V9 79C3V9 0.3 BZX79C4V7 79C4V7 0.2 BZX79C5V1 79C5V1 1.2 BZX79C5V6 79C5V6 2.5 BZX79C6V2 79C6V2 3.7 BZX79C6V8 79C6V8 4.5 BZX79C7V5 79C7V5 5.3 BZX79C8V2 79C8V2 6.2 BZX79C10 79C10 8.0 BZX79C12 79C12 10 BZX79C15 79C15 13 BZX79C16 79C16 14 BZX79C18 79C18 16 BZX79C22 79C22 20 BZX79C24 79C24 22 BZX79C27 79C27 23.5 BZX79C30 79C30 26 BZX79C33 79C33 29 Note: 1) Tolerance and voltage designation Tolerance designation- the type numbers listed have zener voltage min/max limits as shown. 2) Reverse zener voltage (VZ) Measurement Reverse zener voltage is measured under pulse conditions such that Tj is no more than 2OC above TA 3) Zener impedance (ZZ) derivation ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac)=0.1 IZ(dc) with the ac frequency=1.0KHz.
Device Marking
Zener Voltage (2) VZ (Volts) @ IZT Min Nom Max uA 2.28 2.4 2.52 5.0 2.57 2.7 2.84 5.0 2.85 3.0 3.15 5.0 3.14 3.3 3.47 5.0 3.42 3.6 3.78 5.0 3.71 3.9 4.10 5.0 4.47 4.7 4.94 5.0 4.85 5.1 5.36 5.0 5.32 5.6 5.88 5.0 5.89 6.2 6.51 5.0 6.46 6.8 7.19 5.0 7.13 7.5 7.88 5.0 7.79 8.2 8.61 5.0 9.5 10 10.5 5.0 11.4 12 12.6 5.0 14.25 15 15.75 5.0 15.2 16 16.8 5.0 17.1 18 18.9 5.0 20.9 22 23.1 5.0 22.8 24 25.2 5.0 25.65 27 28.35 5.0 28.5 30 31.5 5.0 31.35 33 34.65 5.0
ZZT @ I ZT (3) (f=1.0KHz)
Leakage Current
IR @ V R
VBR
mV/ C
O
C V Z=0, f=1.0MHz pF
Ohms 100 100 95 95 90 90 80 60 40 10 15 15 15 20 25 30 40 45 55 70 80 80 80
uA 100 75 50 25 15 10 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.2 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
Volts 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 7.0 8.0 10.5 11.2 12.6 15.4 16.8 18.9 21 23.1
Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 4.5 6.0 9.2 10.4 12.9 16.4 18.4 -------
255 230 215 200 185 175 130 110 95 90 85 80 75 70 65 55 52 47 34 33 30 27 25
www.cnelectr.com
BZX79C2V4 thru BZX79C33
VZ , TEMPERATURE COEFFICIENT (mV/ C) +10 +8 +6 +4 +2 0 -2 -4 2 3 4 5 6 7 8 9 VZ, ZENER VOLTAGE (VOLTS) 10 11 12 RANGE VZ @ IZT (NOTE 2) VZ , TEMPERATURE COEFFICIENT (mV/ C) +12 100 70 50 30 20 10 7 5 3 2 1 10 20 30 50 VZ, ZENER VOLTAGE (VOLTS) 70 100 RANGE VZ @ IZ (NOTE 2)
Figure 1a. Range for Units to 12 Volts
Figure 1b. Range for Units 12 to 100 Volts
VZ , TEMPERATURE COEFFICIENT (mV/ C)
VZ , TEMPERATURE COEFFICIENT (mV/ C)
200 180 160 140 120 100 VZ @ IZT (NOTE 2) 120 130 140 150 160 170 180 190 200
+6 +4 +2 0 -2 -4 VZ @ IZ TA = 25C
20 mA 0.01 mA 1 mA NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS NOTE: CHANGES IN ZENER CURRENT DO NOT NOTE: AFFECT TEMPERATURE COEFFICIENTS 3 4 5 6 7 8 VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Figure 1c. Range for Units 120 to 200 Volts
Figure 2. Effect of Zener Current
1000 500 C, CAPACITANCE (pF) 200 100 50 20 10 5 2 1 1 2 5 10 20 50% OF VZ BIAS 0 V BIAS
TA = 25C
100 70 50 C, CAPACITANCE (pF) 30 20 10 7 5 3 2 1
TA = 25C 0 BIAS
1 V BIAS
1 VOLT BIAS 50% OF VZ BIAS
50
100
120
140
160
180
190
200
220
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Figure 3a. Typical Capacitance 2.4-100 Volts
Figure 3b. Typical Capacitance 120-200 Volts
www.cnelectr.com
BZX79C2V4 thru BZX79C33
Ppk , PEAK SURGE POWER (WATTS) 100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 10% DUTY CYCLE 20% DUTY CYCLE 5% DUTY CYCLE RECTANGULAR WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE
11 V-91 V NONREPETITIVE 1.8 V-10 V NONREPETITIVE
PW, PULSE WIDTH (ms)
Figure 4a. Maximum Surge Power 1.8-91 Volts
1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 1 0.01 1000 500 ZZ , DYNAMIC IMPEDANCE (OHMS) RECTANGULAR WAVEFORM, TJ = 25C 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100 6.2 V TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz
Ppk , PEAK SURGE POWER (WATTS)
VZ = 2.7 V 47 V 27 V
100-200 VOLTS NONREPETITIVE
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
IZ, ZENER CURRENT (mA)
Figure 4b. Maximum Surge Power DO-204AH 100-200 Volts
Figure 5 Effect of Zener Current on Zener Impedance
ZZ , DYNAMIC IMPEDANCE (OHMS)
1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7 10 IZ = 1 mA 5 mA 20 mA
I F , FORWARD CURRENT (mA)
TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz
1000 500 200 100 50 20 10 5 150C 2 1 75C
MAXIMUM MINIMUM
25C 0C
20
30
50
70 100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VZ, ZENER VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
Figure 6. Effect of Zener Voltage on Zener Impedance
Figure 7. Typical Forward Characteristics
www.cnelectr .com


▲Up To Search▲   

 
Price & Availability of BZX79C30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X