Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download BZX79C30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
Li censed b y ON Semico nd uctor , A tradem ark o f semico nd uctor Com ponents I ndustri es, LLC for Zener Tec hnolo gy and Pro ducts .
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
AXIAL LEAD DO35
Maximum Ratings (Note 1)
Rating Maximum Steady State Power Dissipation @TL75, Lead Length = 3/8" Derate Above 75 Operating and Storage Temperature Range TJ, Tstg 4.0 -65 to +200 mW/ C L 79C xxx Symbol PD Value 500 Units mW
Note 1: Some part number series have lower JEDEC registered ratings.
Specification Features:
L 79Cxxx
= Logo = BZX79CxxxDevice Code

Zener Voltage Range = 2.4V to 200V ESD Rating of Class 3 (>6 KV) per Human Body Model DO-35 Package (DO-204AH) Double Slug Type Construction Metallurgical Bonded Construction RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish
Cathode Anode
Specification Features:
Case Finish : Double slug type, hermetically sealed glass : All external surfaces are corrosion resistant and leads are readily solderable
Polarity : Cathode indicated by polarity band Mounting: Any
November 2006 / C
Page 1
BZX79C2V4 through BZX79C200 Series
(R)
TAK CHEONG
ELECTRICAL CHARACTERIZATION (TA = 25C unless otherwise noted)
Zener Voltage (Note 3.) Device (Note 2.) Device Marking VZ (Volts) Min BZX79C2V4 BZX79C2V7 BZX79C3V0 BZX79C3V3 BZX79C3V6 BZX79C3V9 BZX79C4V3 BZX79C4V7 BZX79C5V1 BZX79C5V6 BZX79C6V2 BZX79C6V8 BZX79C7V5 BZX79C8V2 BZX79C9V1 BZX79C10 BZX79C11 BZX79C12 BZX79C13 BZX79C15 BZX79C16 BZX79C18 BZX79C20 BZX79C22 BZX79C24 BZX79C27 BZX79C30 BZX79C33 BZX79C36 BZX79C39 BZX79C43 BZX79C47 BZX79C51 BZX79C56 BZX79C62 BZX79C68 BZX79C75 BZX79C82 BZX79C91 BZX79C100 79C2V4 79C2V7 79C3V0 79C3V3 79C3V6 79C3V9 79C4V3 79C4V7 79C5V1 79C5V6 79C6V2 79C6V8 79C7V5 79C8V2 79C9V1 79C10 79C11 79C12 79C13 79C15 79C16 79C18 79C20 79C22 79C24 79C27 79C30 79C33 79C36 79C39 79C43 79C47 79C51 79C56 79C62 79C68 79C75 79C82 79C91 79C100 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 @IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1 Zener Impedance (Note 4.) Z ZT @IZT () 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 280 300 500
Li censed b y ON Semico nd uctor , A tradem ark o f semico nd uctor Com ponents I ndustri es, LLC for Zener Tec hnolo gy and Pro ducts .
Leakage Current IR @ VR (uA Max) 100 75 50 25 15 10 5 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.1 0.1 0.1 (Volts) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 62 69 76 46 51 57
VBR (mV/) Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6 7 9.2 10.4 12.9 14.4 16.4 18.4 Max 0 0 0 0 0 0.3 1.0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8 9 10 11 13 14 16 18 20 22 23.5 26 29 31 34 37 40 44 47 51 56 60 95 107 119
C VZ = 0, F = 1.0MHZ (pF) 255 230 215 200 185 175 160 130 110 95 90 85 80 75 70 70 65 65 60 55 52 47 36 34 33 30 27 25 23 21 21 19 19 18 17 17 16.5 29 28 27
VF Forward Voltage = 1.5V max @ IF = 100mA for all types
November 2006 / C
Page 2
(R)
TAK CHEONG
ELECTRICAL CHARACTERIZATION (TA = 25C unless otherwise noted)
Zener Voltage (Note 3.) Device (Note 2.) Device Marking VZ (Volts) Min BZX79C110 BZX79C120 BZX79C130 BZX79C150 BZX79C160 BZX79C180 BZX79C200 79C110 79C120 79C130 79C150 79C160 79C180 79C200 104 114 124 138 153 168 188 Max 116 127 141 156 171 191 212 @IZT (mA) 1 1 1 1 1 1 1 Zener Impedance (Note 4.) Z ZT @IZT () 650 800 950 1250 1400 1700 2000
Li censed b y ON Semico nd uctor , A tradem ark o f semico nd uctor Com ponents I ndustri es, LLC for Zener Tec hnolo gy and Pro ducts .
Leakage Current IR @ VR (uA Max) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 (Volts) 84 91 99 114 122 137 152
VBR (mV/) Min 63 69 75 87 93 105 120 Max 131 144 158 185 200 228 255
C VZ = 0, F = 1.0MHZ (pF) 26 24 23 21 20 18 17
VF Forward Voltage = 1.5V max @ IF = 100mA for all types 2. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have zener voltage min/max limits as shown. 3. REVERSE ZENER VOLTAGE (VZ) Reverse zener voltage is measured under pulse conditions such that TJ is no more than 2 above TA. 4. ZENER IMPEDANCE (Z Z) DERIVATION ZZT is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
November 2006 / C
Page 3
(R)
TAK CHEONG
Package Outline
Case Outline
Li censed b y ON Semico nd uctor , A tradem ark o f semico nd uctor Com ponents I ndustri es, LLC for Zener Tec hnolo gy and Pro ducts .
DO-35 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.46
0.56
0.018
0.022
3.05
5.08
0.120
0.200
25.40
38.10
1.000
1.500
1.52
2.29
0.060
0.090
Note: all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 / C
Page 4


▲Up To Search▲   

 
Price & Availability of BZX79C30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X