![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BZV79C2V0 - BZV79C75 500mW Surface Mount Zener Voltage Regulator Pb RoHS COMPLIANCE LL-34 Features Zener Voltage Range 2.0 to 75Volts. LL-34 (Mini-MELF) Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction. All External Surface Are Corrosion Resistant And Terminals Are Readily Solderable. Matte Tin (Sn) Lead Finish RoHS Compliant Dimensio n A B Millimeters Min 3.302 1.397 0.35 Max 3.505 1.499 0.5 Min Inches Max 0.138 0.059 0.02 0.13 0.055 0.014 Mechanical Data Cases: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode. High temperature soldering guaranteed: 260oC/10 seconds Weight: 0.012 gram C ELECTRICAL SYMBOL Maximum Ratings and Electrical Characteristics Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Power Dissipation Operating Temperature Range Storage Temperature Range Symbol Value 500 -65 to +200 -65 to +200 Units PD TOPR TSTG mW O C C O Notes: These ratings are limiting values above which the serviceability of the diode may be impaired Page : 1 of 2 Version : A08 Electrical characteristics ( TA=25oC unless otherwise note ) Device Type Min BZV79C 2V0 BZV79C 2V2 BZV79C 2V4 BZV79C 2V7 BZV79C 3V0 BZV79C 3V3 BZV79C 3V6 BZV79C 3V9 BZV79C 4V3 BZV79C 4V7 BZV79C 5V1 BZV79C 5V6 BZV79C 6V2 BZV79C 6V8 BZV79C 7V5 BZV79C 8V2 BZV79C 9V1 BZV79C 10 BZV79C 11 BZV79C 12 BZV79C 13 BZV79C 15 BZV79C 16 BZV79C 18 BZV79C 20 BZV79C 22 BZV79C 24 BZV79C 27 BZV79C 30 BZV79C 33 BZV79C 36 BZV79C 39 BZV79C 43 BZV79C 47 BZV79C 51 BZV79C 56 BZV79C 62 BZV79C 68 BZV79C 75 1.88 2.08 2.28 2.51 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 VZ @ IZT (Volts) IZT (mA) ZZT @ IZT () Max IZK (mA) ZZK @ IZK () Max IR @ V R (A) Max 150 150 100 75 50 25 15 10 5 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 VR (Volts) Max 2.12 2.33 2.56 2.89 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 80 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2.5 2.5 2.5 100 100 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 600 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400 425 1000 1000 1000 1 1 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types Notes : 1. 2. 3. The type numbers listed have zener voltage min/max limits as shown. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK. Page : 2 of 2 Version : A08 |
Price & Availability of BZV79C30
![]() |