Part Number Hot Search : 
1A66C 48S03 MPS6543 HDM16216 KBU8005 PZT358 IDD08871 100N6
Product Description
Full Text Search
 

To Download BVT-Z-R0003-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bauform / size : 2512
BVT
ISA-WELD(R) - SMD Prazisionswiderstande / SMD precision resistors
TEchnISchE DATEn / TEchnIcAL DATA
Widerstandswerte (mOhm) Toleranz Resistance values (mOhm) Tolerance 0.3, 0.5, 1, 1.3, 2, 3, 4 mOhm 1 %, 2 %, 5 % < 50 ppm/K ( 20 C to 60 C ) -55 C to +170 C 3W < 10 K/W (0.5 mOhm) < 3 nH < 0.5 % nach/after 2000 h (T = 110C) K < 1.0 % nach/after 2000 h (T = 140C)
K
Temperaturkoeffizient (R 1 mOhm) Temperature coefficient (tcr) (R 1 mOhm) Temperaturbereich Belastbarkeit (R 2mOhm) Innerer Warmewiderstand (Rthi) Induktivitat Applicable temperature range Load capacity (R 2mOhm) Internal heat resistance (Rthi) Inductance
Stabilitat (Nennlast) Abweichung TK= Kontaktstellentemperatur Stability (nominal load) deviation TK= Terminal temperature
MErkMALE / fEATurES
* * * * * * * * * * * * * * 3 Watt Dauerleistung 3 Watt permanent power Dauerstrome bis 77 A (0.5 mOhm) Continuous current load up to 77 Amps (0.5 mOhm) Massive Kupferanschlusse Heavy copper connectors Sehr gute Langzeitstabilitat Excellent long term stability Ideal geeignet fur die Montage auf DCB Keramik/ IMS Substrat Ideal suited for mounting on DCB / IMS substrate Hoher Temperaturbereich -55 bis +170 C durch spezielle Bauform High application temperature range - 55 to +170 C due to special design Geeignet fur Lottemperaturen bis 350 C / 30 sek Max. solder temperature up to 350 C / 30 sec Bauform/Size 2512
APPLIkATIonEn / APPLIcATIon
* * * * * * * * Messwiderstand fur Leistungshybride Current sensor for power hybrid applications Hochstromanwendungen in der Automobiltechnik High current applications for the automotive market Frequenzumrichter Frequency converters Leistungsmodule Power modules
e-mail: sales@rhopointcomponents.com www.rhopointcomponents.com
Issue BVT-2008-10-22
/4
Bauform / size : 2512
BVT
Tk, Lastminderung und Langzeitstabilitat / Tcr, power derating and long term stability
Temperaturabhangigkeit des elektrischen Widerstandes von MAnGAnIn(R)-Widerstanden Temperature dependence of the electrical resistance of MAnGAnIn(R)-resistors Grenzkurve Limiting curve Typische Temperaturabhangigkeit eines BVT Widerstandes Typical temperature dependence of a BVT resistor Grenzkurve Limiting curve
Typische Temperaturabhangigkeit des elektrischen Widerstandes von ZErAnIn30(R) Typical temperature dependence of the electrical resistance of ZErAnIn30(R)
Lastminderungskurve (0.5 mohm) Power derating curve (0.5 mohm)
Stabilitat / Stability 1.0 % Stabilitat / Stability 0.5 %
Langzeitstabilitat von MAnGAnIn(R)-Widerstanden bei 140 c Typischer kurvenverlauf Long term stability of MAnGAnIn(R)-resistors at 140 c Typical run of the curve
e-mail: sales@rhopointcomponents.com
www.rhopointcomponents.com
Issue BVT-2008-10-22
2/4
Bauform / size : 2512
BVT
Vorschlag fur Leiterplatten Layout (Reflowloten) Proposal for pcb-layout (reflow soldering)
Typ Type BVT-K BVT-Z BVT-M BVT-M BVT-M BVT-I BVT-I BVT-I Widerstandswert Resistance value 0 mOhm 0.3 mOhm 0.5 mOhm 1 mOhm 1.3 mOhm 2 mOhm 3 mOhm 4 mOhm ZERANIN(R)30 MANGANIN MANGANIN MANGANIN ISA -OHM
(R) (R) (R) (R)
Material Material
Dicke D1 Thickness D 0.42 mm 0.95 mm 0.85 mm 0.42 mm 0.33 mm 0.72 mm 0.48 mm 0.36 mm
Dicke D2 Thickness D2 0.42 mm 0.95 mm 0.84 mm 0.42 mm 0.42 mm 0.64 mm 0.42 mm 0.42 mm
ISA(R)-OHM ISA(R)-OHM
Lotprofil Vorschlag / Recommended solder profile Reflow-, IR-loten Reflow, infrared soldering Temperatur Zeit (s) 260 C Peak 255 C 40 217 C 90
RoHS 2002/95/EG konform seit Produktstart.
Ausfuhrliche Informationen erhalten Sie auf unserer Homepage: www.isabellenhuette.de For more information please visit our website: www.isabellenhuette.de
RoHS 2002/95/EC compliance since product launch.
GuRTINFORMATIONEN / TAPE & REEL INFORMATION Norm / Specification Gurtbreite / Tape width Anzahl Bauteile/Parts per reel DIN EN 60286-3 12 mm 5000 Stk. / pcs
BESTELLBEZEICHNuNG / ORDERING CODE
BVT-Z-R0003-2.0
Typ BVT Material ZERANIN30
(R)
Widerstandswert 0.3 mOhm
Toleranz 2.0 %
Type Material
Resistance value Tolerance
Gewahrleistung Alle Angaben uber Eignung, Verarbeitung und Anwendung unserer Produkte, technische Beratung und sonstige Angaben erfolgen nach bestem Wissen, befreien den Kaufer jedoch nicht von eigenen Prufungen und Versuchen. Warranty All information regarding the suitable, workability and applicability of our products, all technical advice and other informatio best of our knowledge and belief, but shall not discharge the buyer from his own examinations and tests.
Issue BVT-2008-10-22
e-mail: sales@rhopointcomponents.com
www.rhopointcomponents.com
3 /4
Bauform / size : 2512
BVT
Grenzkurve fur maximale Pulsenergie bzw. Pulsleistung fur Dauerbetrieb Maximum puls energy resp. pulse power for continous operation
10000 1000
Die dargestellte max. Kurve gilt fur den Widerstandswert R0005. Die dargestellte min. Kurve gilt fur den Widerstandswert R003. F gilt der Bereich zwischen der max. und min. Kurve. Andere Werte auf Anfrage. The max. curve is only valid for the resistance value R0005. The min. curve is only valid for the resistance value R003. For values from R0005 to R003 the area inbetween the max. and min curve is valid. Other values upon request.
Specifications
Parameters
Maximum Temperature for full power operation Working Temperature Thermal Shock Overload Solderability Resistance to Solvents Low Temperature Storage and Operation Resistance to Soldering Heat Moisture Resistance Shock Vibration, High Frequency Life Storage Life at Elevated Temperature High Temperature Exposure Current Noise Voltage Coefficient (%/V) Resistance Temperature Characteristic Thermal EMF Frequency Characteristic
Test conditions
140 C -55 to 170 C MIL-STD-202 method 107-B1 MIL-R-26E (5 times rated power, 5 sec) MIL-STD-202 method 208 MIL-STD-202 method 215, 2.1a, 2.1d MIL-STD-26E MIL-STD-202 method 210 MIL-STD-202 method 106 MIL-STD-202 method 213-A MIL-STD-202 method 204-B MIL-STD-26E MIL-STD-202 method 108-F 140 C, 2000 h MIL-STD-202 method 308 MIL-STD-202 method 309 MIL-STD-202 method 304 (20-60C) 0 - 100 C inductivity
Specification
140 C -55 to 170 C 0.1 % 0.2 % > 95 % coverage no damage 0.1 % 0.1 % 0.1 % 0.2 % 0.2 % 0.2 % 0.3 % 0.2% 0.01 % linearity error less than 120dB < 50 ppm/K 2 V/ K max. < 3 nH
Typical data
140 C -55 to 170 C 0.05 % 0.1 % > 95 % coverage no damage 0.03 % 0.02 % 0.01 % 0.1 % 0.05 % 0.1 % 0.2 % 0.1 % 0.001 %
< 50 ppm/K 2 V/ K < 3 nH Issue BVT-2008-10-22
e-mail: sales@rhopointcomponents.com
www.rhopointcomponents.com
4/4


▲Up To Search▲   

 
Price & Availability of BVT-Z-R0003-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X